Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2005D1GQYR Datasheet(PDF) 11 Page - Texas Instruments

Part # TPA2005D1GQYR
Description  MONO Filter-Free Class-D Audio Power Amplifier
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2005D1GQYR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA2005D1GQYR Datasheet HTML 7Page - Texas Instruments TPA2005D1GQYR Datasheet HTML 8Page - Texas Instruments TPA2005D1GQYR Datasheet HTML 9Page - Texas Instruments TPA2005D1GQYR Datasheet HTML 10Page - Texas Instruments TPA2005D1GQYR Datasheet HTML 11Page - Texas Instruments TPA2005D1GQYR Datasheet HTML 12Page - Texas Instruments TPA2005D1GQYR Datasheet HTML 13Page - Texas Instruments TPA2005D1GQYR Datasheet HTML 14Page - Texas Instruments TPA2005D1GQYR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Measurement
Output
VDD
30 kHz
Low Pass
Filter
Measurement
Input
IN+
OUT+
IN±
OUT±
VDD
GND
+
±
+
±
Load
CI
CI
RI
RI
+
±
1 mF
TPA2005D1
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
RL = 8 W
Gain = 2 V/V
VIC - Common Mode Input Voltage - V
VDD = 5 V
VDD = 2.5 V
VDD = 3.6 V
TPA2005D1
www.ti.com
SLOS369G – JULY 2002 – REVISED OCTOBER 2015
Typical Characteristics (continued)
Figure 31. Common-mode Rejection Ratio vs
Common-mode Input Voltage
8 Parameter Measurement Information
(1)
CI was Shorted for any Common-Mode input voltage measurement .
(2)
A 33-mH inductor was placed in series with the load resistor to emulate a small speaker for efficiency measurements.
(3)
The 30-kHz low-pass filter is required even if the analyzer has a low-pass filter. An RC filter (100 W, 47 nF) is used
on each output for the data sheet graphs.
Figure 32. Test Set-up for Graphs
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPA2005D1


Similar Part No. - TPA2005D1GQYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2005D1GQYR TI-TPA2005D1GQYR Datasheet
290Kb / 22P
[Old version datasheet]   1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
TPA2005D1GQYR TI-TPA2005D1GQYR Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1GQYR TI1-TPA2005D1GQYR Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2005D1GQYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2006D1 TI1-TPA2006D1 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA2010D1 TI1-TPA2010D1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2005D1-Q1 TI1-TPA2005D1-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1 TI1-TPA2011D1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
logo
Skyworks Solutions Inc.
AAT5101 SKYWORKS-AAT5101 Datasheet
1Mb / 15P
   2.5W Mono Filter-Free Class D Audio Power Amplifier
logo
Texas Instruments
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_07 Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
logo
AiT Semiconductor Inc.
A2327 AITSEMI-A2327 Datasheet
901Kb / 12P
   AUDIO AMPLIFIER 2.6W MONO FILTER-FREE CLASS-D
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com