Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP432ADGSR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMP432ADGSR
Description  Temperature Sensor
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP432ADGSR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP432ADGSR Datasheet HTML 2Page - Texas Instruments TMP432ADGSR Datasheet HTML 3Page - Texas Instruments TMP432ADGSR Datasheet HTML 4Page - Texas Instruments TMP432ADGSR Datasheet HTML 5Page - Texas Instruments TMP432ADGSR Datasheet HTML 6Page - Texas Instruments TMP432ADGSR Datasheet HTML 7Page - Texas Instruments TMP432ADGSR Datasheet HTML 8Page - Texas Instruments TMP432ADGSR Datasheet HTML 9Page - Texas Instruments TMP432ADGSR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
TMP431, TMP432
SBOS441G – SEPTEMBER 2009 – REVISED DECEMBER 2015
www.ti.com
6.5 Electrical Characteristics
at TA = –40°C to 125°C and V+ = 2.7 V to 5.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE ERROR
TA = –40°C to 125°C
±1.25
±2.5
TELOCAL
Local temperature sensor
°C
TA = 0°C to 100°C, V+ = 3.3 V
±0.25
±1
TA = 0°C to 100°C, TDIODE = –40°C to 150°C, V+ = 3.3 V
±0.25
±1
TEREMOTE
Remote temperature sensor (1)
TA = –40°C to 100°C, TDIODE = –40°C to 150°C, V+ = 3.3 V
±0.5
±1.5
°C
TA = –40°C to 125°C, TDIODE = –40°C to 150°C
±3
±5
vs Supply (Local/Remote)
V+ = 2.7 V to 5.5 V
±0.2
±0.5
°C/V
TEMPERATURE MEASUREMENT CONVERSION TIME (PER CHANNEL)
Local channel
12
15
17
ms
Remote channel
RC = 1
97
126
137
ms
Beta correction enabled (2)
RC = 0
36
47
52
RC = 1
72
93
100
ms
Beta correction disabled (3)
RC = 0
33
44
47
TEMPERATURE MEASUREMENT RESOLUTION
Local channel
12
Bits
Remote channel
12
Bits
TEMPERATURE MEASUREMENT REMOTE SENSOR SOURCE CURRENTS
High
120
μA
Series resistance (beta correction) (4)
Medium-high
60
μA
Medium-low
12
μA
Low
6
μA
1.000(2)
η
Remote transistor ideality factor
TMP43x optimized ideality factor
1.008(3)
β
Beta correction range
0.1
27
SMBus INTERFACE
Logic input high voltage
VIH
2.1
V
(SCL, SDA)
VIL
Logic input low voltage (SCL, SDA)
0.8
V
Hysteresis
500
mV
SMBus output low sink current
6
mA
VOL
SDA output low voltage
IOUT = 6 mA
0.15
0.4
V
Logic input current
0
≤ VIN ≤ 6 V
–1
1
μA
SMBus input capacitance
3
pF
(SCL, SDA)
SMBus clock frequency
3.4
MHz
SMBus timeout
25
32
35
ms
SCL falling edge to SDA valid time
1
μs
DIGITAL OUTPUTS
VOL
Output low voltage
IOUT = 6 mA
0.15
0.4
V
IOH
High-level output leakage current
VOUT = V+
0.1
1
μA
ALERT/THERM2 output low
ALERT/THERM2 forced to 0.4 V
6
mA
sink current
THERM output low sink current
THERM2 forced to 0.4 V
6
mA
(1)
Tested with less than 5-
Ω effective series resistance and 100-pF differential input capacitance. TA is the ambient temperature of the
TMP43x. TDIODE is the temperature at the remote diode sensor.
(2)
Beta correction configuration set to 1000 and sensor is GND collector-connected (PNP collector to ground).
(3)
Beta correction configuration set to 0111 or sensor is diode-connected (base shorted to collector).
(4)
If beta correction is disabled (0111), then up to 1-k
Ω of series line resistance is cancelled; if beta correction is enabled (1xxx), up to
300
Ω is cancelled.
6
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TMP431 TMP432


Similar Part No. - TMP432ADGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP432ADGSR TI1-TMP432ADGSR Datasheet
956Kb / 40P
[Old version datasheet]   짹1째C TEMPERATURE SENSOR with Series-R, 管-Factor, and Automatic Beta Compensation
More results

Similar Description - TMP432ADGSR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
   Temperature sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
   Temperature Sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
[Old version datasheet]   TEMPERATURE SENSOR
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
   TEMPERATURE SENSOR
logo
Analog Devices
AD7291 AD-AD7291_17 Datasheet
572Kb / 29P
   Temperature Sensor
logo
Thinking Electronic Ind...
PTLS2101RP416 THINKING-PTLS2101RP416 Datasheet
420Kb / 7P
   Temperature Sensor
logo
TRACO Electronic AG
TSP-TS TRACOPOWER-TSP-TS Datasheet
230Kb / 1P
   Temperature Sensor
Rev. June 30, 2021
TBL-BC-TS1 TRACOPOWER-TBL-BC-TS1 Datasheet
219Kb / 1P
   Temperature Sensor
Rev. June 30, 2021
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000 Datasheet
117Kb / 3P
   TEMPERATURE SENSOR
logo
Integrated Device Techn...
TS3001GB2A0 IDT-TS3001GB2A0 Datasheet
523Kb / 23P
   Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com