Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2025D1YZGT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2025D1YZGT
Description  Constant Output Power Class-D Audio Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2025D1YZGT Datasheet(HTML) 4 Page - Texas Instruments

  TPA2025D1YZGT Datasheet HTML 1Page - Texas Instruments TPA2025D1YZGT Datasheet HTML 2Page - Texas Instruments TPA2025D1YZGT Datasheet HTML 3Page - Texas Instruments TPA2025D1YZGT Datasheet HTML 4Page - Texas Instruments TPA2025D1YZGT Datasheet HTML 5Page - Texas Instruments TPA2025D1YZGT Datasheet HTML 6Page - Texas Instruments TPA2025D1YZGT Datasheet HTML 7Page - Texas Instruments TPA2025D1YZGT Datasheet HTML 8Page - Texas Instruments TPA2025D1YZGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TPA2025D1
SLOS717B – AUGUST 2011 – REVISED DECEMBER 2014
www.ti.com
8 Specifications
8.1 Absolute Maximum Ratings
Over operating free–air temperature range, TA= 25°C (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage
VBAT
–0.3
6
V
Input Voltage, VI
IN+, IN–
–0.3
VBAT + 0.3
V
Output continuous total power dissipation
See Thermal Information
Operating free-air temperature range, TA
–40
85
°C
Operating junction temperature range, TJ
–40
150
°C
Minimum load resistance
3.2
Maximum input voltage swing
EN = 0 V
2
VRMS
Storage temperature range, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
8.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
Charged-device model (CDM), per JEDEC specification JESD22-
±500
V(ESD)
Electrostatic discharge
V
C101(2)
Machine model (MM)
±100
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
8.3 Recommended Operating Conditions
MIN
MAX
UNIT
Supply voltage, VBAT
2.5
5.2
V
VIH
High–level input voltage, EN
1.3
V
VIL
Low–level input voltage, EN
0.6
V
TA
Operating free-air temperature
–40
85
°C
TJ
Operating junction temperature
–40
150
°C
8.4 Thermal Information
TPA2025D1
THERMAL METRIC(1)
YZG
UNITS
12 PINS
RθJA
Junction-to-ambient thermal resistance
97.3
RθJC(top)
Junction-to-case(top) thermal resistance
36.7
RθJB
Junction-to-board thermal resistance
55.9
°C/W
ψJT
Junction-to-top characterization parameter
13.9
ψJB
Junction-to-board characterization parameter
49.5
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: TPA2025D1


Similar Part No. - TPA2025D1YZGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2025D1YZGT TI1-TPA2025D1YZGT Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
More results

Similar Description - TPA2025D1YZGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2013D1 TI1-TPA2013D1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2080D1 TI1-TPA2080D1_16 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2015D1 TI1-TPA2015D1 Datasheet
1Mb / 33P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
logo
Anpec Electronics Corop...
APA2018 ANPEC-APA2018 Datasheet
276Kb / 19P
   3.6W Constant Output Power Class-D Audio Amplifier
logo
Texas Instruments
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
logo
ON Semiconductor
NCP2830 ONSEMI-NCP2830 Datasheet
314Kb / 15P
   1W Constant Filterless Class-D Audio Amplifier
August, 2009 ??Rev. 0
logo
Texas Instruments
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com