Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2028D1YZFR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2028D1YZFR
Description  Mono Class-D Audio Amplifier
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2028D1YZFR Datasheet(HTML) 3 Page - Texas Instruments

  TPA2028D1YZFR Datasheet HTML 1Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 2Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 3Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 4Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 5Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 6Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 7Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 8Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
TPA2028D1
www.ti.com
SLOS660C – JANUARY 2010 – REVISED OCTOBER 2015
5 Device Comparison Table
DEVICE NUMBER
SPEAKER CHANNELS
SPEAKER AMP TYPE
OUTPUT POWER (W)
PSRR (dB)
TPA2012D2
Stereo
Class D
2.1
71
TPA2015D1
Mono
Class D
2
85
TPA2026D2
Stereo
Class D
3.2
80
TPA2028D1
Mono
Class D
3
80
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPA2028D1


Similar Part No. - TPA2028D1YZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2028D1YZFR TI-TPA2028D1YZFR Datasheet
1Mb / 35P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1YZFR TI-TPA2028D1YZFR Datasheet
1Mb / 37P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1YZFR TI1-TPA2028D1YZFR Datasheet
2Mb / 43P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With Fast Gain Ramp SmartGain AGC/DRC
More results

Similar Description - TPA2028D1YZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
[Old version datasheet]   Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
   Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8304 DIODES-PAM8304 Datasheet
413Kb / 11P
   3W MONO CLASS D AUDIO AMPLIFIER
PAM8320 DIODES-PAM8320 Datasheet
640Kb / 11P
   20W Mono Class D Audio Amplifier
PAM8013 DIODES-PAM8013 Datasheet
467Kb / 9P
   3W MONO CLASS D AUDIO AMPLIFIER
logo
Texas Instruments
LM48511 TI1-LM48511 Datasheet
997Kb / 28P
[Old version datasheet]   Mono, Class D Audio Power Amplifier
TAS5411-Q1 TI1-TAS5411-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   Mono Automotive Class-D Audio Amplifier
logo
Diodes Incorporated
PAM8014 DIODES-PAM8014 Datasheet
706Kb / 9P
   3.2W MONO CLASS D AUDIO AMPLIFIER
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com