Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP103GYFFT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMP103GYFFT
Description  Low-Power, Digital Temperature Sensor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP103GYFFT Datasheet(HTML) 5 Page - Texas Instruments

  TMP103GYFFT Datasheet HTML 1Page - Texas Instruments TMP103GYFFT Datasheet HTML 2Page - Texas Instruments TMP103GYFFT Datasheet HTML 3Page - Texas Instruments TMP103GYFFT Datasheet HTML 4Page - Texas Instruments TMP103GYFFT Datasheet HTML 5Page - Texas Instruments TMP103GYFFT Datasheet HTML 6Page - Texas Instruments TMP103GYFFT Datasheet HTML 7Page - Texas Instruments TMP103GYFFT Datasheet HTML 8Page - Texas Instruments TMP103GYFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TMP103
www.ti.com
SBOS545B – FEBRUARY 2011 – REVISED JANUARY 2016
6.6 Timing Requirements
See
(1)
FAST MODE
HIGH-SPEED MODE
UNIT
MIN
MAX
MIN
MAX
f(SCL)
SCL operating frequency, VS > 1.7 V
0.001
0.4
0.001
3.4
MHz
f(SCL)
SCL operating frequency, VS < 1.7 V
0.001
0.4
0.001
2.75
MHz
t(BUF)
Bus free time between STOP and START condition
600
160
ns
Hold time after repeated START condition.
t(HDSTA)
100
100
ns
After this period, the first clock is generated.
t(SUSTA)
Repeated START condition setup time
100
100
ns
t(SUSTO)
STOP condition setup Time
100
100
ns
t(HDDAT)
Data hold time
20
400
10
125
ns
t(SUDAT)
Data setup time
100
10
ns
t(LOW)
SCL clock low period, VS > 1.7 V
1300
160
ns
t(LOW)
SCL clock low period, VS < 1.7 V
1300
200
ns
t(HIGH)
SCL clock high period
600
60
ns
tF
Clock/data fall time
300
ns
tR
Clock/data rise time
300
160
ns
tR
Clock/data rise time for SCLK
≤ 100 kHz
1000
ns
(1)
Values based on a statistical analysis of a one-time sample of devices. Minimum and maximum values are not guaranteed and not
production tested.
The TMP103 is two-wire and SMBus compatible. Figure 1 to Figure 5 describe the various operations on the
TMP103. Parameters for Figure 1 are defined in Timing Requirements. Bus definitions are:
Bus Idle: Both SDA and SCL lines remain high.
Start Data Transfer: A change in the state of the SDA line, from high to low, while the SCL line is high, defines
a START condition. Each data transfer is initiated with a START condition.
Stop Data Transfer: A change in the state of the SDA line from low to high while the SCL line is high defines a
STOP condition. Each data transfer is terminated with a repeated START or STOP condition.
Data Transfer: The number of data bytes transferred between a START and a STOP condition is not limited and
is determined by the master device.
Acknowledge: Each receiving device, when addressed, is obliged to generate an Acknowledge bit. A device
that acknowledges must pull down the SDA line during the Acknowledge clock pulse in such a way that the SDA
line is stable low during the high period of the Acknowledge clock pulse. Setup and hold times must be taken into
account. On a master receive, the termination of the data transfer can be signaled by the master generating a
Not-Acknowledge (1) on the last byte transmitted by the slave.
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TMP103


Similar Part No. - TMP103GYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP103GYFFT TI-TMP103GYFFT Datasheet
472Kb / 23P
[Old version datasheet]   Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
More results

Similar Description - TMP103GYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP102 TI1-TMP102 Datasheet
958Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor
TMP102-Q1 TI1-TMP102-Q1 Datasheet
921Kb / 29P
[Old version datasheet]   Low-Power Digital Temperature Sensor
HDC2080 TI1-HDC2080 Datasheet
1Mb / 41P
[Old version datasheet]   Low Power Humidity and Temperature Digital Sensor
logo
ON Semiconductor
N34TS108 ONSEMI-N34TS108 Datasheet
326Kb / 16P
   Low?륷oltage Digital Temperature Sensor
February, 2020 ??Rev. 1
logo
Texas Instruments
HDC1080 TI1-HDC1080 Datasheet
467Kb / 26P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1010 TI1-HDC1010 Datasheet
253Kb / 7P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI1-HDC1000_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1050 TI-HDC1050_15 Datasheet
818Kb / 25P
[Old version datasheet]   HDC1050 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI-HDC1000_15 Datasheet
1Mb / 31P
[Old version datasheet]   HDC1000 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1008 TI-HDC1008_15 Datasheet
1Mb / 30P
[Old version datasheet]   HDC1008 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com