Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP432BDGSR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMP432BDGSR
Description  Temperature Sensor
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP432BDGSR Datasheet(HTML) 4 Page - Texas Instruments

  TMP432BDGSR Datasheet HTML 1Page - Texas Instruments TMP432BDGSR Datasheet HTML 2Page - Texas Instruments TMP432BDGSR Datasheet HTML 3Page - Texas Instruments TMP432BDGSR Datasheet HTML 4Page - Texas Instruments TMP432BDGSR Datasheet HTML 5Page - Texas Instruments TMP432BDGSR Datasheet HTML 6Page - Texas Instruments TMP432BDGSR Datasheet HTML 7Page - Texas Instruments TMP432BDGSR Datasheet HTML 8Page - Texas Instruments TMP432BDGSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
1
2
3
4
5
10
9
8
7
6
SCL
SDA
ALERTTHERM2
/
THERM
GND
V+
DXP1
DXN1
DXP2
DXN2
TMP432
1
2
3
4
8
7
6
5
SCL
SDA
GND
V+
DXP
DXN
THERM
ALERTTHERM2
/
TMP431
TMP431, TMP432
SBOS441G – SEPTEMBER 2009 – REVISED DECEMBER 2015
www.ti.com
5 Pin Configuration and Functions
DGK Package
DGS Package
8-Pin VSSOP
10-Pin VSSOP
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
TMP432
TMP431
Digital alert (reconfigurable as second thermal flag), active low, open-drain;
ALERT/THERM2
8
6
O
requires pullup resistor to V+
DXN
3
I
Analog negative connection to remote temperature sensor
DXN1
3
I
Analog channel 1 negative connection to remote temperature sensor
DXN2
5
I
Analog channel 2 negative connection to remote temperature sensor
DXP
2
I
Analog positive connection to remote temperature sensor
DXP1
2
I
Analog channel 1 positive connection to remote temperature sensor
DXP2
4
I
Analog channel 2 positive connection to remote temperature sensor
GND
6
5
Ground
SCL
10
8
I
Digital serial clock line for SMBus, open-drain; requires pullup resistor to V+
Bidirectional digital, serial data line for SMBus, open-drain; requires pullup resistor
SDA
9
7
I/O
to V+
THERM
7
4
O
Digital, thermal flag, active low, open-drain; requires pullup resistor to V+
V+
1
1
Power supply, positive (2.7 V to 5.5 V)
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Power supply, VS
7
V
Pins 2, 3, and 6
–0.5
V+ + 0.5
V
TMP431 input voltage
Pins 4, 7, and 8
–0.5
7
V
Pins 2, 3, 4, 5, and 8
–0.5
V+ + 0.5
V
TMP432 input voltage
Pins 7, 9, and 10
–0.5
7
V
Input current
10
mA
Operating temperature
–55
127
°C
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–60
130
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
4
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TMP431 TMP432


Similar Part No. - TMP432BDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP432BDGSR TI1-TMP432BDGSR Datasheet
956Kb / 40P
[Old version datasheet]   짹1째C TEMPERATURE SENSOR with Series-R, 管-Factor, and Automatic Beta Compensation
More results

Similar Description - TMP432BDGSR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
   Temperature sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
   Temperature Sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
[Old version datasheet]   TEMPERATURE SENSOR
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
   TEMPERATURE SENSOR
logo
Analog Devices
AD7291 AD-AD7291_17 Datasheet
572Kb / 29P
   Temperature Sensor
logo
Thinking Electronic Ind...
PTLS2101RP416 THINKING-PTLS2101RP416 Datasheet
420Kb / 7P
   Temperature Sensor
logo
TRACO Electronic AG
TSP-TS TRACOPOWER-TSP-TS Datasheet
230Kb / 1P
   Temperature Sensor
Rev. June 30, 2021
TBL-BC-TS1 TRACOPOWER-TBL-BC-TS1 Datasheet
219Kb / 1P
   Temperature Sensor
Rev. June 30, 2021
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000 Datasheet
117Kb / 3P
   TEMPERATURE SENSOR
logo
Integrated Device Techn...
TS3001GB2A0 IDT-TS3001GB2A0 Datasheet
523Kb / 23P
   Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com