Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLVH431AILP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLVH431AILP
Description  Low-Voltage Adjustable Precision Shunt Regulators
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLVH431AILP Datasheet(HTML) 5 Page - Texas Instruments

  TLVH431AILP Datasheet HTML 1Page - Texas Instruments TLVH431AILP Datasheet HTML 2Page - Texas Instruments TLVH431AILP Datasheet HTML 3Page - Texas Instruments TLVH431AILP Datasheet HTML 4Page - Texas Instruments TLVH431AILP Datasheet HTML 5Page - Texas Instruments TLVH431AILP Datasheet HTML 6Page - Texas Instruments TLVH431AILP Datasheet HTML 7Page - Texas Instruments TLVH431AILP Datasheet HTML 8Page - Texas Instruments TLVH431AILP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
ka
ka
V
z
z
I
R1
1
R2
D
D
+
¢ =
»
´
æ
ö
ç
÷
è
ø
KA
K
ka
V
z
I
D
D
=
(
)
REF(dev )
6
REF
A
REF
A
V
10
V
T
25 C
ppm
V
C
T
´
=
°
a
=
°
D
æ
ö
ç
÷
æ
ö è
ø
ç
÷
è
ø
DVREF
DVKA
TLVH431, TLVH431A, TLVH431B
TLVH432, TLVH432A, TLVH432B
www.ti.com
SLVS555J – NOVEMBER 2004 – REVISED JANUARY 2015
7.5 TLVH43x Electrical Characteristics
at 25°C free-air temperature (unless otherwise noted)
TLVH431
TLVH432
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
TA = 25°C
1.222
1.24
1.258
TLVH431C
1.21
1.27
VKA = VREF,
VREF
Reference voltage
V
TA = full range,
IK = 10 mA
TLVH431I
1.202
1.278
See Figure 18(1)
TLVH431Q
1.194
1.286
TLVH431C
4
12
VREF deviation over full
VREF(dev)
VKA = VREF, IK = 10 mA, See Figure 18
(1)
TLVH431I
6
20
mV
temperature range(2)
TLVH431Q
11
31
Ratio of VREF change to
IK = 10 mA, VK = VREF to 18 V, See Figure 19
–1.5
–2.7
mV/V
cathode voltage change
Iref
Reference terminal current
IK = 10 mA, R1 = 10 kΩ, R2 = open, See Figure 19
0.1
0.5
μA
TLVH431C
0.05
0.3
Iref deviation over full
IK = 10 mA, R1 = 10 kΩ, R2 = open,
Iref(dev)
TLVH431I
0.1
0.4
μA
temperature range(2)
See Figure 19(1)
TLVH431Q
0.15
0.5
Minimum cathode current
IK(min)
VKA = VREF, See Figure 18
60
100
μA
for regulation
IK(off)
Off-state cathode current
VREF = 0, VKA = 18 V, See Figure 20
0.02
0.1
μA
VKA = VREF, f ≤ 1 kHz, IK = 0.1 mA to 70 mA,
|zKA|
Dynamic impedance(3)
0.25
0.4
See Figure 18
(1)
Full temperature ranges are –40°C to 125°C for TLVH431Q, –40°C to 85°C for TLVH431I, and 0°C to 70°C for TLVH431C.
(2)
The deviation parameters VREF(dev) and Iref(dev) are defined as the differences between the maximum and minimum values obtained over
the rated temperature range. The average full-range temperature coefficient of the reference input voltage,
αVREF, is defined as:
where
ΔTA is the rated operating free-air temperature range of the device.
αVREF can be positive or negative, depending on whether minimum VREF or maximum VREF, respectively, occurs at the lower
temperature.
(3)
The dynamic impedance is defined as:
When the device is operating with two external resistors (see Figure 19), the total dynamic impedance of the circuit is defined as:
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TLVH431 TLVH431A TLVH431B TLVH432 TLVH432A TLVH432B


Similar Part No. - TLVH431AILP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLVH431AILP TI-TLVH431AILP Datasheet
570Kb / 37P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431AILP TI-TLVH431AILP Datasheet
673Kb / 38P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431AILP TI1-TLVH431AILP Datasheet
1Mb / 53P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431AILPE3 TI-TLVH431AILPE3 Datasheet
570Kb / 37P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431AILPE3 TI-TLVH431AILPE3 Datasheet
673Kb / 38P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - TLVH431AILP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLVH431AIDBVRG4 TI1-TLVH431AIDBVRG4 Datasheet
1Mb / 53P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Microsemi Corporation
LX432 MICROSEMI-LX432 Datasheet
155Kb / 8P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Texas Instruments
TLVH431A-Q1 TI1-TLVH431A-Q1 Datasheet
658Kb / 25P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431 TI-TLV431_06 Datasheet
787Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431 TI-TLV431 Datasheet
232Kb / 34P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431A-Q1 TI1-TLV431A-Q1 Datasheet
489Kb / 21P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432_13 Datasheet
394Kb / 15P
   Low Voltage Adjustable Precision Shunt Regulators
logo
Linear Dimensions Semic...
LND431 LINEAR_DIMENSIONS-LND431 Datasheet
128Kb / 6P
   Low-voltage Adjustable Precision Shunt Regulators
logo
Texas Instruments
TLVH431A-Q1 TI1-TLVH431A-Q1_15 Datasheet
1,003Kb / 25P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432 Datasheet
347Kb / 14P
   Low Voltage Adjustable Precision Shunt Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com