Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3140D2PWP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3140D2PWP
Description  10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3140D2PWP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA3140D2PWP Datasheet HTML 2Page - Texas Instruments TPA3140D2PWP Datasheet HTML 3Page - Texas Instruments TPA3140D2PWP Datasheet HTML 4Page - Texas Instruments TPA3140D2PWP Datasheet HTML 5Page - Texas Instruments TPA3140D2PWP Datasheet HTML 6Page - Texas Instruments TPA3140D2PWP Datasheet HTML 7Page - Texas Instruments TPA3140D2PWP Datasheet HTML 8Page - Texas Instruments TPA3140D2PWP Datasheet HTML 9Page - Texas Instruments TPA3140D2PWP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
TPA3140D2
SLOS882A – JANUARY 2015 – REVISED APRIL 2015
www.ti.com
8.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VCC
Supply voltage
PVCC, AVCC
4.5
14.4
V
VIH
High-level input voltage
SD, 1SPW
2
AVCC
V
VIL
Low-level input voltage
SD, 1SPW
0.8
V
VOL
Low-level output voltage
FAULT, RPULL-UP=100k, PVCC=14.4V
0.8
V
IIH
High-level input current
SD, 1SPW, VI = 2V, AVCC = 12 V
50
µA
IIL
Low-level input current
SD, 1SPW, VI = 0.8 V, AVCC = 12 V
5
µA
TA
Operating free-air temperature(1)
–40
85
°C
TJ
Operating junction temperature(1)
-40
150
°C
(1)
The TPA3140D2 incorporates an exposed thermal pad on the underside of the chip. This acts as a heatsink, and it must be connected
to a thermally dissipating plane for proper power dissipation. Failure to do so may result in the device going into thermal protection
shutdown. See TI Technical Briefs SLMA002 for more information about using the TSSOP thermal pad.
8.4 Thermal Information
PWP (HTSSOP)
THERMAL METRIC(1)
UNIT
28 PINS
RθJA
Junction-to-ambient thermal resistance
37.5
RθJC(top)
Junction-to-case (top) thermal resistance
19.4
RθJB
Junction-to-board thermal resistance
16.6
°C/W
ψJT
Junction-to-top characterization parameter
0.6
ψJB
Junction-to-board characterization parameter
16.4
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.8
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
8.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC CHARACTERISTICS, TA = 25°C, AVCC = PVCC = 12 V, RL = 6 Ω, using the TPA3140D2 EVM which is available at ti.com. (unless otherwise noted)
| VOS |
Class-D output offset voltage (measured
VI = 0 V, Gain = 36 dB
1.5
15
mV
differentially)
ICC
Quiescent supply current
SD = 2 V, no load, 10µF+680nF Output Filter
35
40
mA
ICC(SD)
Quiescent supply current in shutdown mode
SD = 0.8 V, no load
40
60
µA
rDS(on)
Drain-source on-state resistance
IO = 500 mA, TJ = 25°C
High Side
240
m
Ω
Excluding Metal and
Low side
240
Bond Wire Resistance
G
Gain
GAIN = 0 V (GND)
19
20
21
dB
GAIN = 2.3 V (1/3·GVDD)
25
26
27
GAIN = 4.6 V (2/3·GVDD)
31
32
33
GAIN = 6.9 V (GVDD)
35
36
37
ton
Turn-on time
SD = 2 V
14
ms
tOFF
Turn-off time
SD = 0.8 V
2.5
µs
GVDD
Gate drive supply
IGVDD = 2mA
6.4
6.9
7.4
V
tDCDET
DC detect time
VRINN = 3.1V and VRINN = 2.9V, or VRINN = 2.9V and VRINN
950
ms
= 3.1V
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPA3140D2


Similar Part No. - TPA3140D2PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3140D2 TI-TPA3140D2_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPA3140D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
More results

Similar Description - TPA3140D2PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3144D2 TI1-TPA3144D2 Datasheet
1Mb / 40P
[Old version datasheet]   6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
TPA3136D2 TI1-TPA3136D2_17 Datasheet
1Mb / 35P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3136D2 TI1-TPA3136D2 Datasheet
1Mb / 35P
[Old version datasheet]   TPA3136D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3140D2 TI-TPA3140D2_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPA3140D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
TPA3137D2 TI1-TPA3137D2 Datasheet
1Mb / 35P
[Old version datasheet]   TPA3137D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2N TI-TPA3125D2N Datasheet
388Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2 Datasheet
2Mb / 33P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI-TPA032D04 Datasheet
350Kb / 24P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com