Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6130A2RTJT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6130A2RTJT
Description  Stereo Headphone Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6130A2RTJT Datasheet(HTML) 4 Page - Texas Instruments

  TPA6130A2RTJT Datasheet HTML 1Page - Texas Instruments TPA6130A2RTJT Datasheet HTML 2Page - Texas Instruments TPA6130A2RTJT Datasheet HTML 3Page - Texas Instruments TPA6130A2RTJT Datasheet HTML 4Page - Texas Instruments TPA6130A2RTJT Datasheet HTML 5Page - Texas Instruments TPA6130A2RTJT Datasheet HTML 6Page - Texas Instruments TPA6130A2RTJT Datasheet HTML 7Page - Texas Instruments TPA6130A2RTJT Datasheet HTML 8Page - Texas Instruments TPA6130A2RTJT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
1
2
4
5
15
14
12
11
17
18
19
20
9
8
7
6
CPVSS
HPLEFT
HPRIGHT
RIGHTINP
LEFTINM
LEFTINP
RIGHTINM
VDD
3
GND
10
13
GND
16
VDD
GND
CPP
CPN
LEFTINM
LEFTINP
CPVSS
HPLEFT
RIGHTINM
RIGHTINP
GND
VDD
SD
SDA
SCL
HPRIGHT
A1
A2
A3
A4
B1
B2
B3
B4
C1
C2
C3
C4
D1
D2
D3
D4
Top View
VDD
GND
CPP
CPN
LEFTINM
LEFTINP
CPVSS
HPLEFT
RIGHTINM RIGHTINP
GND
VDD
SD
SDA
SCL
HPRIGHT
A1
A2
A3
A4
B1
B2
B3
B4
C1
C2
C3
C4
D1
D2
D3
D4
Bottom View
TPA6130A2
SLOS488F – NOVEMBER 2006 – REVISED MARCH 2015
www.ti.com
6 Pin Configuration and Functions
YZH (DSBGA) PACKAGE
RTJ (WQFN) PACKAGE
TOP VIEW
Pin Functions
PIN
INPUT/
OUTPUT/
DESCRIPTION
DSBGA
POWER
NAME
WQFN NO.
NO.
(I/O/P)
Charge pump voltage supply. VDD must be connected to the common VDD voltage supply. Decouple
VDD
A4
20
P
to GND (pin 19 on the QFN) with its own 1
μF capacitor.
Charge pump ground. GND must be connected to common supply GND. It is recommended that this
GND
A3
19
P
pin be decoupled to the VDD of the charge pump pin (pin 20 on the QFN).
CPP
A2
18
P
Charge pump flying capacitor positive terminal. Connect one side of the flying capacitor to CPP.
CPN
A1
17
P
Charge pump flying capacitor negative terminal. Connect one side of the flying capacitor to CPN.
Left channel negative differential input. Impedance must be matched to LEFTINP. Connect the left
LEFTINM
B4
1
I
input to LEFTINM when using single-ended inputs.
Left channel positive differential input. Impedance must be matched to LEFTINM. AC ground
LEFTINP
B3
2
I
LEFTINP near signal source while maintaining matched impedance to LEFTINM when using single-
ended inputs.
Negative supply generated by the charge pump. Decouple to pin 19 on the QFN or a GND plane.
CPVSS
B2
15, 16
P
Use a 1
μF capacitor.
HPLEFT
B1
14
O
Headphone left channel output. Connect to left terminal of headphone jack.
Right channel negative differential input. Impedance must be matched to RIGHTINP. Connect the
RIGHTINM
C4
5
I
right input to RIGHTINM when using single-ended inputs.
Right channel positive differential input. Impedance must be matched to RIGHTINM. AC ground
RIGHTINP
C3
4
I
RIGHTINP near signal source while maintaining matched impedance to RIGHTINM when using
single-ended inputs.
Analog ground. Must be connected to common supply GND. It is recommended that this pin be used
GND
C2
3, 9, 10, 13
P
to decouple VDD for analog. Use pin 13 to decouple pin 12 on the QFN package.
Analog VDD. VDD must be connected to common VDD supply. Decouple with its own 1-μF capacitor to
VDD
C1
12
P
analog ground (pin 13 on the QFN).
SD
D4
6
I
Shutdown. Active low logic. 5V tolerant input.
SDA
D3
7
I/O
SDA - I2C Data. 5V tolerant input.
SCL
D2
8
I
SCL - I2C Clock. 5V tolerant input.
HPRIGHT
D1
11
O
Headphone light channel output. Connect to the right terminal of the headphone jack.
Solder the thermal pad on the bottom of the QFN package to the GND plane of the PCB. It is
Thermal pad
N/A
Die Pad
P
required for mechanical stability and will enhance thermal performance.
4
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: TPA6130A2


Similar Part No. - TPA6130A2RTJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6130A2RTJT TI-TPA6130A2RTJT Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2RTJT TI-TPA6130A2RTJT Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2RTJT TI-TPA6130A2RTJT Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2RTJT TI1-TPA6130A2RTJT Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
TPA6130A2RTJTG4 TI-TPA6130A2RTJTG4 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
More results

Similar Description - TPA6130A2RTJT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
Eutech Microelectronics...
EUA6211 EUTECH-EUA6211 Datasheet
821Kb / 1P
   Advanced Stereo Headphone Amplifier
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Texas Instruments
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
[Old version datasheet]   DIRECTPATH??Stereo Headphone Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
logo
Toshiba Semiconductor
TA2123AF TOSHIBA-TA2123AF Datasheet
427Kb / 20P
   1.5V Stereo Headphone Amplifier
logo
Global Mixed-mode Techn...
G1401 GMT-G1401 Datasheet
211Kb / 6P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
   Headphone Stereo Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com