Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAF-XC164CS-16F40F Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # SAF-XC164CS-16F40F
Description  16-Bit Single-Chip Microcontroller
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAF-XC164CS-16F40F Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button SAF-XC164CS-16F40F Datasheet HTML 7Page - Infineon Technologies AG SAF-XC164CS-16F40F Datasheet HTML 8Page - Infineon Technologies AG SAF-XC164CS-16F40F Datasheet HTML 9Page - Infineon Technologies AG SAF-XC164CS-16F40F Datasheet HTML 10Page - Infineon Technologies AG SAF-XC164CS-16F40F Datasheet HTML 11Page - Infineon Technologies AG SAF-XC164CS-16F40F Datasheet HTML 12Page - Infineon Technologies AG SAF-XC164CS-16F40F Datasheet HTML 13Page - Infineon Technologies AG SAF-XC164CS-16F40F Datasheet HTML 14Page - Infineon Technologies AG SAF-XC164CS-16F40F Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
XC164
Derivatives
General Device Information
Data Sheet
7
V2.1, 2003-06
P9
P9.0
P9.1
P9.2
P9.3
P9.4
P9.5
10
11
12
13
14
15
IO
I/O
I
I
I/O
O
I
I/O
I
I
I/O
O
I
I/O
I/O
Port 9 is a 6-bit bidirectional I/O port. Each pin can be
programmed for input (output driver in high-impedance
state) or output (configurable as push/pull or open drain
driver). The input threshold of Port 9 is selectable (standard
or special).
The following Port 9 pins also serve for alternate functions:1)
CC16IO
CAPCOM2: CC16 Capture Inp./Compare Outp.,
CAN2_RxD CAN Node 2 Receive Data Input,
EX7IN
Fast External Interrupt 7 Input (alternate pin B)
CC17IO
CAPCOM2: CC17 Capture Inp./Compare Outp.,
CAN2_TxD CAN Node 2 Transmit Data Output,
EX6IN
Fast External Interrupt 6 Input (alternate pin B)
CC18IO
CAPCOM2: CC18 Capture Inp./Compare Outp.,
CAN1_RxD CAN Node 1 Receive Data Input,
EX7IN
Fast External Interrupt 7 Input (alternate pin A)
CC19IO
CAPCOM2: CC19 Capture Inp./Compare Outp.,
CAN1_TxD CAN Node 1 Transmit Data Output,
EX6IN
Fast External Interrupt 6 Input (alternate pin A)
CC20IO
CAPCOM2: CC20 Capture Inp./Compare Outp.
CC21IO
CAPCOM2: CC21 Capture Inp./Compare Outp.
P5
P5.0
P5.1
P5.2
P5.3
P5.4
P5.5
P5.10
P5.11
P5.6
P5.7
P5.12
P5.13
P5.14
P5.15
18
19
20
21
22
23
24
25
26
27
30
31
32
33
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
Port 5 is a 14-bit input-only port.
The pins of Port 5 also serve as analog input channels for the
A/D converter, or they serve as timer inputs:
AN0
AN1
AN2
AN3
AN4
AN5
AN10,
T6EUD GPT2 Timer T6 Ext. Up/Down Ctrl. Inp.
AN11,
T5EUD GPT2 Timer T5 Ext. Up/Down Ctrl. Inp.
AN6
AN7
AN12,
T6IN
GPT2 Timer T6 Count/Gate Input
AN13,
T5IN
GPT2 Timer T5 Count/Gate Input
AN14,
T4EUD GPT1 Timer T4 Ext. Up/Down Ctrl. Inp.
AN15,
T2EUD GPT1 Timer T2 Ext. Up/Down Ctrl. Inp.
Table 2
Pin Definitions and Functions (cont’d)
Symbol Pin
Num.
Input
Outp.
Function


Similar Part No. - SAF-XC164CS-16F40F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAF-XC164CS-16F40F INFINEON-SAF-XC164CS-16F40F Datasheet
1Mb / 78P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V2.2, March 2006
More results

Similar Description - SAF-XC164CS-16F40F

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com