Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH2985 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AH2985
Description  TWO PHASE HALL-EFFECT SMART FAN MOTOR CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH2985 Datasheet(HTML) 5 Page - Diodes Incorporated

  AH2985 Datasheet HTML 1Page - Diodes Incorporated AH2985 Datasheet HTML 2Page - Diodes Incorporated AH2985 Datasheet HTML 3Page - Diodes Incorporated AH2985 Datasheet HTML 4Page - Diodes Incorporated AH2985 Datasheet HTML 5Page - Diodes Incorporated AH2985 Datasheet HTML 6Page - Diodes Incorporated AH2985 Datasheet HTML 7Page - Diodes Incorporated AH2985 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AH2985
Document number: DS38175 Rev. 1 - 2
5 of 8
www.diodes.com
September 2015
© Diodes Incorporated
AH2985
Performance Characteristics
(1) TO94
TA(C)
25
50
60
70
80
85
90
95
100
PD(mW)
550
440
396
352
308
286
264
242
220
TA(C)
105
110
115
120
125
130
135
140
150
PD(mW)
198
176
154
132
110
88
66
44
0
0
100
200
300
400
500
600
0
25
50
75
100
125
150
P
D (mW)
T
A (
oC)
Power Dissipation Curve
-40


Similar Part No. - AH2985

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH2984 DIODES-AH2984 Datasheet
198Kb / 11P
   TWO PHASE HALL-EFFECT SMART FAN MOTOR CONTROLLER
DS31698 Rev. 3 - 2
AH2984 DIODES-AH2984 Datasheet
353Kb / 10P
   TWO PHASE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH2984-PG-B DIODES-AH2984-PG-B Datasheet
353Kb / 10P
   TWO PHASE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH2984-YG-13 DIODES-AH2984-YG-13 Datasheet
353Kb / 10P
   TWO PHASE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH2984 DIODES-AH2984_13 Datasheet
353Kb / 10P
   TWO PHASE HALL-EFFECT SMART FAN MOTOR CONTROLLER
More results

Similar Description - AH2985

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH2984 DIODES-AH2984 Datasheet
198Kb / 11P
   TWO PHASE HALL-EFFECT SMART FAN MOTOR CONTROLLER
DS31698 Rev. 3 - 2
AH2984 DIODES-AH2984_13 Datasheet
353Kb / 10P
   TWO PHASE HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Anachip Corp
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH285 DIODES-AH285 Datasheet
215Kb / 8P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
logo
Anachip Corp
AH283 ANACHIP-AH283 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH281 ANACHIP-AH281 Datasheet
147Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH286 DIODES-AH286 Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
AH284 DIODES-AH284 Datasheet
236Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
AH286 DIODES-AH286_10 Datasheet
90Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Anachip Corp
AH285 ANACHIP-AH285 Datasheet
201Kb / 9P
   Hall-Effect Smart Fan Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com