Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL1677-20BS-13 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AL1677-20BS-13
Description  UNIVERSAL, HIGH EFFICIENCY AND ACCURACY LED DRIVER CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1677-20BS-13 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AL1677-20BS-13 Datasheet HTML 5Page - Diodes Incorporated AL1677-20BS-13 Datasheet HTML 6Page - Diodes Incorporated AL1677-20BS-13 Datasheet HTML 7Page - Diodes Incorporated AL1677-20BS-13 Datasheet HTML 8Page - Diodes Incorporated AL1677-20BS-13 Datasheet HTML 9Page - Diodes Incorporated AL1677-20BS-13 Datasheet HTML 10Page - Diodes Incorporated AL1677-20BS-13 Datasheet HTML 11Page - Diodes Incorporated AL1677-20BS-13 Datasheet HTML 12Page - Diodes Incorporated AL1677-20BS-13 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AL1677
Document number: DS37526 Rev. 1 - 2
10 of 13
www.diodes.com
November 2015
© Diodes Incorporated
AL1677
Application Information (continued)
Recommended Applications
The AL1677 integrates different MOSFETs to adapt different wattage applications. The output current is limited by the internal integrated MOSFET,
and the SO-8 package
’s heat dissipation capability. The minimum output voltage is limited by the LEB time, and is recommended to 15V. The
recommended application is given below:
Device
Output Power Coverage
Maximum Output Current (Note 10)
Minimum Output Voltage
AL1677-05BS-13
≤5W
≤100mA
15V
AL1677-08BS-13
≤8W
≤120mA
15V
AL1677-10BS-13
≤10W
≤180mA
15V
AL1677-20BS-13
≤15W
≤240mA
15V
Note:
10.The higher output current is possible with extra power dissipation solution.


Similar Part No. - AL1677-20BS-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL1672 DIODES-AL1672 Datasheet
293Kb / 14P
   SINGLE STAGE DIMMABLE BUCK CONVERTER
AL1672-40CSP-13 DIODES-AL1672-40CSP-13 Datasheet
293Kb / 14P
   SINGLE STAGE DIMMABLE BUCK CONVERTER
AL1673 DIODES-AL1673 Datasheet
317Kb / 15P
   UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED DRIVER
AL1673-20CSP-13 DIODES-AL1673-20CSP-13 Datasheet
317Kb / 15P
   UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED DRIVER
AL1676 DIODES-AL1676 Datasheet
487Kb / 15P
   UNIVERSAL HIGH POWER FACTOR BUCK LED DRIVER
More results

Similar Description - AL1677-20BS-13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17021EVKIT MAXIM-MAX17021EVKIT Datasheet
1Mb / 15P
   High Speed, Accuracy, and Efficiency
Rev 0; 3/09
logo
Grenergy Opto, lnc.
GR8210 GRENERGY-GR8210 Datasheet
702Kb / 14P
   Universal and Dimmable LED Driver
logo
Diodes Incorporated
AP1688 DIODES-AP1688 Datasheet
359Kb / 10P
   AC/DC, HIGH PF, HIGH EFFICIENCY, UNIVERSAL MAINS LED DRIVER CONTROLLER
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994 Datasheet
306Kb / 13P
   High Efficiency LED Driver
LX1992 MICROSEMI-LX1992 Datasheet
325Kb / 11P
   High Efficiency LED Driver
LX1993 MICROSEMI-LX1993 Datasheet
453Kb / 12P
   High Efficiency LED Driver
LX1994 MICROSEMI-LX1994_06 Datasheet
256Kb / 13P
   High Efficiency LED Driver
logo
Semtech Corporation
SC4505 SEMTECH-SC4505_07 Datasheet
369Kb / 15P
   High Efficiency Boost Converter for Backlight/Flash LED Driver
logo
Richtek Technology Corp...
RT9278 RICHTEK-RT9278 Datasheet
205Kb / 13P
   High Efficiency Boost LDO Converter & High Power White LED Driver
logo
Semtech Corporation
SC4505 SEMTECH-SC4505 Datasheet
368Kb / 15P
   High Efficiency Boost Converter for Backlight/Flash LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com