Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL1696-20CS7-13 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AL1696-20CS7-13
Description  HIGHLY INTEGRATION OFFLINE DIMMABLE LED DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1696-20CS7-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  AL1696-20CS7-13 Datasheet HTML 1Page - Diodes Incorporated AL1696-20CS7-13 Datasheet HTML 2Page - Diodes Incorporated AL1696-20CS7-13 Datasheet HTML 3Page - Diodes Incorporated AL1696-20CS7-13 Datasheet HTML 4Page - Diodes Incorporated AL1696-20CS7-13 Datasheet HTML 5Page - Diodes Incorporated AL1696-20CS7-13 Datasheet HTML 6Page - Diodes Incorporated AL1696-20CS7-13 Datasheet HTML 7Page - Diodes Incorporated AL1696-20CS7-13 Datasheet HTML 8Page - Diodes Incorporated AL1696-20CS7-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AL1696
Document number: DS38304 Rev. 1 - 2
5 of 14
www.diodes.com
October 2015
© Diodes Incorporated
AL1696
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
UVLO
VTH(ST)
Startup Voltage
14.5
V
VOPR(min)
Minimal Operating Voltage
After Turn On
8.5
V
VCC_CLAMP
VCC Clamp Voltage
ICC = 1mA
16
V
Standby Current
IST
Start-Up Current
VCC = VTH(ST)-0.5V,
Before Start Up
150
µA
ICC(OPR)
Operating Current
Switching Frequency at
5kHz
120
µA
Internal High Voltage MOSFET
RDS(ON)
Drain-Source On-State Resistance
AL1696-30A
3
AL1696-20B
6
AL1696-20C
5.5
IDS
Continuous Drain-Source Current
AL1696-30A
3.0
A
AL1696-20B
2.0
A
AL1696-20C
2.0
A
VDS
Drain-Source Breakdown Voltage
AL1696-30A
300
V
AL1696-20B
500
V
AL1696-20C
600
V
IDSS
Drain-Source Leakage Current
AL1696-30A
@VDS = 300V, VGS = 0V
1
µA
AL1696-20B
@VDS = 500V, VGS = 0V
1
µA
AL1696-20C
@VDS = 600V, VGS = 0V
1
µA
RT
VRT
Reference Voltage of RT Pin
0.5
V
Current Sense
VREF
Current Sense Reference
0.388
0.400
0.412
V
tON_MIN
Minimum tON
550
ns
tON_MAX
Maximum tON
RT = 27kΩ
8
µs
tOFF_MAX
Maximum tOFF
180
µs
tOFF_MIN
Minimum tOFF (Note 7)
6
µs
Over Temperature Protection
Shutdown Temperature (Notes 7 & 8)
+170
°C
Notes:
7. These parameters, although guaranteed by design, are not 100% tested in production.
8. The device will latch when OTP happen and the device won
’t operate constantly at this temperature.


Similar Part No. - AL1696-20CS7-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL1692 DIODES-AL1692 Datasheet
787Kb / 15P
   DIMMABLE LED CONTROLLER/DRIVERS
AL1692 DIODES-AL1692 Datasheet
424Kb / 15P
   DIMMABLE LED CONTROLLER/DRIVERS
AL1692-10E DIODES-AL1692-10E Datasheet
320Kb / 14P
   DIMMABLE LED DRIVER
AL1692-10ES7-13 DIODES-AL1692-10ES7-13 Datasheet
320Kb / 14P
   DIMMABLE LED DRIVER
AL1692-20CS7-13 DIODES-AL1692-20CS7-13 Datasheet
424Kb / 15P
   DIMMABLE LED CONTROLLER/DRIVERS
More results

Similar Description - AL1696-20CS7-13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
   OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
   Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
[Old version datasheet]   TRIAC Dimmable Offline LED Driver
LM3445 TI1-LM3445_14 Datasheet
1Mb / 37P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
National Semiconductor ...
LM3445 NSC-LM3445_10 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3448 TI1-LM3448 Datasheet
1Mb / 43P
[Old version datasheet]   Phase Dimmable Offline LED Driver with Integrated FET
logo
Diodes Incorporated
AP1694A DIODES-AP1694A Datasheet
474Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1694AS DIODES-AP1694AS Datasheet
487Kb / 14P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com