Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL5809-30P1-7 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AL5809-30P1-7
Description  60V Two Terminal Constant Current LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5809-30P1-7 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AL5809-30P1-7 Datasheet HTML 4Page - Diodes Incorporated AL5809-30P1-7 Datasheet HTML 5Page - Diodes Incorporated AL5809-30P1-7 Datasheet HTML 6Page - Diodes Incorporated AL5809-30P1-7 Datasheet HTML 7Page - Diodes Incorporated AL5809-30P1-7 Datasheet HTML 8Page - Diodes Incorporated AL5809-30P1-7 Datasheet HTML 9Page - Diodes Incorporated AL5809-30P1-7 Datasheet HTML 10Page - Diodes Incorporated AL5809-30P1-7 Datasheet HTML 11Page - Diodes Incorporated AL5809-30P1-7 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AL5809
Document number: DS36625 Rev. 3 - 2
8 of 13
www.diodes.com
October 2014
© Diodes Incorporated
AL5809
Typical Performance Characteristics
0.00
0.25
0.50
0.75
1.00
1.25
1.50
0
25
50
75
100
125
Ambient Temperature (°C)
Power Dissipation [W] vs. Ambient Temperature [
⁰C]
for PDI-123,SOD-123 on FR4, and PDI-123 on Getek
SOD on FR4 (
max Tj=145)
PDI on Getek (
max Tj=145)
PDI on FR4 (
max Tj=145)
Figure 17 Power Dissipation vs. Ambient Temperature @ TJ = 145
⁰C
0
10
20
30
40
50
60
0
25
50
75
100
125
Ambient Temperature [°C]
Maximum VInOut [V] vs. Ambient Temperature [⁰C] for Current Option on PDI FR4 Board
(refered by Apps board FR4, 2-layer, 0.69"x0.76" size)
PDI on FR4 15mA
PDI on FR4 20mA
PDI on FR4 50mA
PDI on FR4 90mA
PDI on FR4 150mA
PDI on FR4 40mA
PDI on FR4 60mA
Figure 18 Maximum VInOut vs. Temperature
0
5
10
15
20
25
30
35
40
0
25
50
75
100
125
Ambient Temperature [°C]
Maximum VInOut [V] vs. Ambient Temperature [⁰C] for Current Option on PDI
FR4 Board (referred by Apps board FR4, 2-layer, 0.69"x0.76" size)
SOD on FR4 15mA
SOD on FR4 20mA
SOD on FR4 30mA
SOD on FR4 40mA
SOD on FR4 50mA
Figure 19 Maximum VInOut vs. Temperature
0
10
20
30
40
50
60
70
80
90
0
10
20
30
40
50
60
70
80
90
100
Duty Cycle [%]
200Hz
500Hz
1KHz
1.5KHz
2KHz
VInOut=3V, 90mA
Figure 20 PWM Dimming 90mA vs. Duty Cycle
0
15
30
45
60
75
90
105
120
135
150
0
10
20
30
40
50
60
70
80
90
100
Duty Cycle [%]
200Hz
500Hz
1KHz
1.5KHz
VInOut=3V, 150mA
Figure 21 PWM Dimming 150mA vs. Duty Cycle
0
1
2
3
4
5
6
7
8
9
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Duty Cycle [%]
200Hz
500Hz
1KHz
1.5KHz
VInOut=3V, 150mA
Figure 22 Area Zoom In within Duty Cycle 5% of Figure 21


Similar Part No. - AL5809-30P1-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL5809-30P1-7 DIODES-AL5809-30P1-7 Datasheet
659Kb / 12P
   15-150mA 60V Constant Current Regulator
AL5809-30P1-7 DIODES-AL5809-30P1-7 Datasheet
706Kb / 16P
   60V Two Terminal Constant Current LED Driver
More results

Similar Description - AL5809-30P1-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL5809 DIODES-AL5809_16 Datasheet
706Kb / 16P
   60V Two Terminal Constant Current LED Driver
AL5809Q DIODES-AL5809Q_17 Datasheet
520Kb / 12P
   AUTOMOTIVE COMPLIANT 60V TWO TERMINAL CONSTANT CURRENT LED DRIVER
AL5809Q DIODES-AL5809Q Datasheet
988Kb / 12P
   AUTOMOTIVE COMPLIANT 60V Two Terminal Constant Current LED Driver PowerDI
logo
XLSEMI
XL6013 XLSEMI-XL6013 Datasheet
307Kb / 12P
   400KHz 60V 2A Switching Current Boost LED Constant Current Driver
XL6005 XLSEMI-XL6005 Datasheet
420Kb / 11P
   180KHz 60V 4A Switching Current Boost LED Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM6286 HMSEMI-HM6286 Datasheet
619Kb / 11P
   180KHz 60V 5A Switching Current Boost LED Constant Current Driver
logo
List of Unclassifed Man...
XL6003 ETC2-XL6003 Datasheet
275Kb / 9P
   400KHz 60V 2A Switching Current Boost LED Constant Current Driver
XL6006 ETC2-XL6006 Datasheet
175Kb / 10P
   180KHz 60V 5A Switching Current Boost LED Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM6285 HMSEMI-HM6285 Datasheet
679Kb / 10P
   180KHz 60V 4A Switching Current Boost LED Constant Current Driver
logo
XLSEMI
XL6006 XLSEMI-XL6006 Datasheet
304Kb / 11P
   180KHz 60V 5A Switching Current Boost LED Constant Current Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com