Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL9901 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL9901
Description  UNIVERSAL HIGH VOLTAGE LED DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9901 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL9901 Datasheet HTML 1Page - Diodes Incorporated AL9901 Datasheet HTML 2Page - Diodes Incorporated AL9901 Datasheet HTML 3Page - Diodes Incorporated AL9901 Datasheet HTML 4Page - Diodes Incorporated AL9901 Datasheet HTML 5Page - Diodes Incorporated AL9901 Datasheet HTML 6Page - Diodes Incorporated AL9901 Datasheet HTML 7Page - Diodes Incorporated AL9901 Datasheet HTML 8Page - Diodes Incorporated AL9901 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AL9901
Document number: DS37713 Rev. 1 - 2
4 of 20
www.diodes.com
March 2015
© Diodes Incorporated
AL9901
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Specifications apply to AL9901 unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IInsd
Shut-Down Mode Supply Current
Pin PWM_D to GND,
VIN = 15V
-
0.5
1
mA
VDD
Internally Regulated Voltage
VIN = VIN(MIN)~ 500V, (Note 8) lDD(ext) = 0,
Gate pin open
7.2
7.5
8.1
V
IDD(ext)
VDD Current Available for External Circuitry VIN = 15 to 100V (Note 7)
-
-
1.0
mA
UVLO
VDD Under Voltage Lockout Threshold
VDD rising
6.4
6.7
7.2
V
UVLO
VDD Under Voltage Lockout Hysteresis
VDD falling
-
500
-
mV
RPWM_D
PWM_D Pull-Down Resistance
VPWM_D= 5V
150
200
250
k
VT
MOSFET Threshold Voltage
ISW = 0.5A
-
3
-
V
VFD
MOSFET Diodes Forward Voltage
ID = 0.5A
-
0.85
-
V
RDS(ON)
Drain-Source On-Resistance
-
-
4.4
-
VCS(hi)
Current Sense Threshold Voltage
TA = -40°C to +125°C
237.5
250
262.5
mV
fOSC
Oscillator Frequency
ROSC = 1M
20
25
30
kHz
ROSC = 226k
80
100
120
DMAXhf
Maximum Oscillator PWM Duty Cycle
fPWMhf = 25kHz, at GATE, CS to GND.
-
-
100
%
VLD
Linear Dimming Pin Voltage Range
TA = <125°C, VIN = 15V
0
-
250
mV
tBLANK
Current Sense Blanking Interval
VCS = 0.45V, VLD = VDD
160
250
440
ns
tDELAY
Delay From CS Trip to GATE lo
VIN = 15V, VLD = 0.15,
VCS = 0 to 0.22V after TBLANK
-
-
300
ns
TSD
Thermal Shut-Down
-
-
+150
-
°C
TSDH
Thermal Shut-Down Hysteresis
-
-
+50
-
θJA
Thermal Resistance Junction-to-Ambient
U-DFN6040-12 (Note 8)
-
65
-
°C/W
θJC
Thermal Resistance Junction-to-Case
-
5
-
°C/W
θJA
Thermal Resistance Junction-to-Ambient
SOIC-16
-
100
-
°C/W
θJC
Thermal Resistance Junction-to-Case
-
15
-
°C/W
Notes:
7. Also limited by package power dissipation capability, whichever is lower.
8. Device mounted on FR-4 PCB (25mm x 25mm 1oz copper, minimum recommended pad layout on top. For better thermal performance, larger
copper pad for heat-sink is needed.


Similar Part No. - AL9901

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL9902 DIODES-AL9902 Datasheet
729Kb / 18P
   LINEAR AND PWM DIMMING HIGH VOLTAGE LED DRIVER
AL9902FDF-13 DIODES-AL9902FDF-13 Datasheet
729Kb / 18P
   LINEAR AND PWM DIMMING HIGH VOLTAGE LED DRIVER
AL9902S16-13 DIODES-AL9902S16-13 Datasheet
729Kb / 18P
   LINEAR AND PWM DIMMING HIGH VOLTAGE LED DRIVER
More results

Similar Description - AL9901

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL9910 DIODES-AL9910_12 Datasheet
556Kb / 16P
   UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
AL9910_1106 DIODES-AL9910_1106 Datasheet
336Kb / 15P
   UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
AL9910 DIODES-AL9910 Datasheet
221Kb / 14P
   UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
logo
alpha microelectronics ...
AMG-LL9910B ALPHA-MICRO-AMG-LL9910B Datasheet
1Mb / 15P
   Universal High Voltage Single Channel LED Driver
logo
Supertex, Inc
HV9910B SUTEX-HV9910B_08 Datasheet
741Kb / 8P
   Universal High Brightness LED Driver
logo
List of Unclassifed Man...
SQ9910 ETC2-SQ9910 Datasheet
484Kb / 10P
   Universal High Brightness LED Driver
logo
Integrated Silicon Solu...
IS31LT3932 ISSI-IS31LT3932 Datasheet
766Kb / 12P
   High PF universal LED Driver
logo
Bruckewell Technology L...
BW7381 BWTECH-BW7381 Datasheet
537Kb / 11P
   Universal High Brightness LED Driver
logo
Shenzhen Huazhimei Semi...
HM9910 HMSEMI-HM9910 Datasheet
689Kb / 4P
   UNIVERSAL HIGH BRIGHTNESS LED DRIVER
logo
Microchip Technology
HV9910C MICROCHIP-HV9910C Datasheet
363Kb / 18P
   Universal High-Brightness LED Driver
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com