Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL9902 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL9902
Description  LINEAR AND PWM DIMMING HIGH VOLTAGE LED DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9902 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL9902 Datasheet HTML 1Page - Diodes Incorporated AL9902 Datasheet HTML 2Page - Diodes Incorporated AL9902 Datasheet HTML 3Page - Diodes Incorporated AL9902 Datasheet HTML 4Page - Diodes Incorporated AL9902 Datasheet HTML 5Page - Diodes Incorporated AL9902 Datasheet HTML 6Page - Diodes Incorporated AL9902 Datasheet HTML 7Page - Diodes Incorporated AL9902 Datasheet HTML 8Page - Diodes Incorporated AL9902 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AL9902
Document number: DS37878 Rev. 1 - 2
2 of 18
www.diodes.com
July 2015
© Diodes Incorporated
AL9902
Pin Descriptions
Pin Name
U-DFN5040-10
SO-16
Functions
NC
1
14
No connection
NC
2
1, 2, 4, 10,16 No connection
PWM
3
5
Low Frequency PWM Dimming pin, also Enable input. Internal 200kΩ pull-down to GND
VDD
4
6
Internally regulated supply voltage.
7.5V nominal.
Can supply up to 1 mA for external circuitry. A sufficient storage capacitor is used to provide
storage when the rectified AC input is near the zero crossing.
LD
5
7
Linear Dimming input. Changes the current limit threshold at current sense comparator and
changes the average LED current.
ROSC
6
8
Oscillator control.
A resistor connected between this pin and ground puts the AL9902 into fixed frequency mode and
sets the switching frequency.
VIN
7
9
Input voltage
CS
8
11
Senses LED string and internal MOSFET switch current
GND
9
12
Device ground
NC
11
13
No connection
SO
10
15
Source of the internal MOSFET Switch
SW
12
3
Drain of the internal MOSFET switch.
EP1
EP1
NA
Exposed Pad 1(bottom). Drain connection of internal power MOSFET.
EP2
EP2
NA
Exposed Pad 2 (bottom). Substrate connection of control IC. Connect to GND directly underneath
the package and large PCB area to minimize junction to ambient thermal impedance.
Functional Block Diagram & Typical Application
VDD
LDO
OSC
OTP
S
R
250mV
200K
Rsense
7.5V
GND
VDD
LD
PWM
CS
SO
AL9902
Rosc
SW
Rosc
VIN
D1
VIN


Similar Part No. - AL9902

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL9901 DIODES-AL9901 Datasheet
681Kb / 20P
   UNIVERSAL HIGH VOLTAGE LED DRIVER
AL9901FDF-13 DIODES-AL9901FDF-13 Datasheet
681Kb / 20P
   UNIVERSAL HIGH VOLTAGE LED DRIVER
AL9901S16-13 DIODES-AL9901S16-13 Datasheet
681Kb / 20P
   UNIVERSAL HIGH VOLTAGE LED DRIVER
More results

Similar Description - AL9902

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92630-Q1 TI1-TPS92630-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Three-Channel Linear LED Driver With Analog and PWM Dimming
logo
Shenzhen Huazhimei Semi...
HM7236 HMSEMI-HM7236 Datasheet
672Kb / 7P
   PWM dimming linear buck LED constant current driver
HM7237 HMSEMI-HM7237 Datasheet
395Kb / 6P
   PWM dimming linear buck LED constant current driver
logo
Texas Instruments
TPS92638-Q1 TI1-TPS92638-Q1_16 Datasheet
4Mb / 39P
[Old version datasheet]   8-Channel Linear LED Driver With PWM Dimming
logo
Maxim Integrated Produc...
MAX16804 MAXIM-MAX16804 Datasheet
787Kb / 11P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 0; 7/06
MAX16812 MAXIM-MAX16812 Datasheet
352Kb / 21P
   Integrated High-Voltage LED Driver with Analog and PWM Dimming Control
Rev 0; 7/07
MAX16804ATP MAXIM-MAX16804ATP Datasheet
281Kb / 10P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 1; 5/08
MAX16831 MAXIM-MAX16831 Datasheet
301Kb / 20P
   High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 0; 4/07
MAX16831 MAXIM-MAX16831_09 Datasheet
249Kb / 19P
   High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 1; 4/09
logo
Integrated Silicon Solu...
IS32LT3175N ISSI-IS32LT3175N Datasheet
609Kb / 19P
   SINGLE CHANNEL LINEAR LED DRIVER WITH FADE IN/OUT AND PWM DIMMING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com