Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL5809-15S1-7 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AL5809-15S1-7
Description  60V Two Terminal Constant Current LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5809-15S1-7 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AL5809-15S1-7 Datasheet HTML 3Page - Diodes Incorporated AL5809-15S1-7 Datasheet HTML 4Page - Diodes Incorporated AL5809-15S1-7 Datasheet HTML 5Page - Diodes Incorporated AL5809-15S1-7 Datasheet HTML 6Page - Diodes Incorporated AL5809-15S1-7 Datasheet HTML 7Page - Diodes Incorporated AL5809-15S1-7 Datasheet HTML 8Page - Diodes Incorporated AL5809-15S1-7 Datasheet HTML 9Page - Diodes Incorporated AL5809-15S1-7 Datasheet HTML 10Page - Diodes Incorporated AL5809-15S1-7 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AL5809
Document number: DS36625 Rev. 3 - 2
7 of 13
www.diodes.com
October 2014
© Diodes Incorporated
AL5809
Typical Performance Characteristics (60mA, 90mA, 150mA) PDI options
Figure 11 LED Current vs. VInOut
0
20
40
60
80
100
120
140
160
0
0.5
1
1.5
2
2.5
3
VInOut [V]
60mA
90mA
150mA
TA=25⁰C
Figure 12 Startup Minimum Operating Voltage
VInOut=3.5
Temperature[⁰C]
Figure 13 LED Current across Temperature
Figure 14 LED Current Accuracy (%) vs. VInOut across
Temperature
Figure 15 THSD of 60mA Current Option
Figure 16 THSD of 150mA Current Option
-20
0
20
40
60
80
100
120
140
160
100
110
120
130
140
150
160
LED Current [mA]
Temperature [⁰C]
T_Recovery
T_Shut Down
VInOut=3.5V
150mA
-10
0
10
20
30
40
50
60
70
100
110
120
130
140
150
160
LED Current [mA]
Ambient Tempature [⁰C]
T_Shut Down
T_Recovery
VInOut=3.5V
60mA
0
20
40
60
80
100
120
140
160
0
5
10
15
20
25
30
LED Current [mA]
VInOut[V]
60mA
90mA
150mA
TA=25⁰C
C


Similar Part No. - AL5809-15S1-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL5809-15S1-7 DIODES-AL5809-15S1-7 Datasheet
659Kb / 12P
   15-150mA 60V Constant Current Regulator
AL5809-15S1-7 DIODES-AL5809-15S1-7 Datasheet
706Kb / 16P
   60V Two Terminal Constant Current LED Driver
More results

Similar Description - AL5809-15S1-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL5809 DIODES-AL5809_16 Datasheet
706Kb / 16P
   60V Two Terminal Constant Current LED Driver
AL5809Q DIODES-AL5809Q_17 Datasheet
520Kb / 12P
   AUTOMOTIVE COMPLIANT 60V TWO TERMINAL CONSTANT CURRENT LED DRIVER
AL5809Q DIODES-AL5809Q Datasheet
988Kb / 12P
   AUTOMOTIVE COMPLIANT 60V Two Terminal Constant Current LED Driver PowerDI
logo
XLSEMI
XL6013 XLSEMI-XL6013 Datasheet
307Kb / 12P
   400KHz 60V 2A Switching Current Boost LED Constant Current Driver
XL6005 XLSEMI-XL6005 Datasheet
420Kb / 11P
   180KHz 60V 4A Switching Current Boost LED Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM6286 HMSEMI-HM6286 Datasheet
619Kb / 11P
   180KHz 60V 5A Switching Current Boost LED Constant Current Driver
logo
List of Unclassifed Man...
XL6003 ETC2-XL6003 Datasheet
275Kb / 9P
   400KHz 60V 2A Switching Current Boost LED Constant Current Driver
XL6006 ETC2-XL6006 Datasheet
175Kb / 10P
   180KHz 60V 5A Switching Current Boost LED Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM6285 HMSEMI-HM6285 Datasheet
679Kb / 10P
   180KHz 60V 4A Switching Current Boost LED Constant Current Driver
logo
XLSEMI
XL6006 XLSEMI-XL6006 Datasheet
304Kb / 11P
   180KHz 60V 5A Switching Current Boost LED Constant Current Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com