Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL9902S16-13 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AL9902S16-13
Description  LINEAR AND PWM DIMMING HIGH VOLTAGE LED DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9902S16-13 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AL9902S16-13 Datasheet HTML 5Page - Diodes Incorporated AL9902S16-13 Datasheet HTML 6Page - Diodes Incorporated AL9902S16-13 Datasheet HTML 7Page - Diodes Incorporated AL9902S16-13 Datasheet HTML 8Page - Diodes Incorporated AL9902S16-13 Datasheet HTML 9Page - Diodes Incorporated AL9902S16-13 Datasheet HTML 10Page - Diodes Incorporated AL9902S16-13 Datasheet HTML 11Page - Diodes Incorporated AL9902S16-13 Datasheet HTML 12Page - Diodes Incorporated AL9902S16-13 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AL9902
Document number: DS37878 Rev. 1 - 2
9 of 18
www.diodes.com
July 2015
© Diodes Incorporated
AL9902
Typical Characteristics (cont.) Internal MOSFET
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 9 Diode Forward Voltage vs. Current
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
0.3
0.6
0.9
1.2
1.5
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = -55°C
A
T = 25°C
A
Diode Forward Voltage vs. Current
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 10Typical Junction Capacitance
1
10
100
1000
0
5
10
15
20
25
30
35
40
f = 1MHz
C
iss
Coss
Crss
Typical Junction Capacitance
Q
(nC)
g, TOTAL GATE CHARGE
Figure 11 Gate Charge
0
2
4
6
8
10
0
2
4
6
8
10
12
14
16
V
= 520V
I = A
DS
D
2
Gate Charge
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 12 SOA, Safe Operation Area
DS
0.001
0.01
0.1
1
10
1
10
100
1000
R
Limited
DS(on)
T
= 150°C
T = 25°C
V
= 10V
Single Pulse
J(max)
A
GS
DUT on 1 * MRP Board
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
SOA, Safe Operation Area


Similar Part No. - AL9902S16-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL9901 DIODES-AL9901 Datasheet
681Kb / 20P
   UNIVERSAL HIGH VOLTAGE LED DRIVER
AL9901FDF-13 DIODES-AL9901FDF-13 Datasheet
681Kb / 20P
   UNIVERSAL HIGH VOLTAGE LED DRIVER
AL9901S16-13 DIODES-AL9901S16-13 Datasheet
681Kb / 20P
   UNIVERSAL HIGH VOLTAGE LED DRIVER
More results

Similar Description - AL9902S16-13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92630-Q1 TI1-TPS92630-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Three-Channel Linear LED Driver With Analog and PWM Dimming
logo
Shenzhen Huazhimei Semi...
HM7236 HMSEMI-HM7236 Datasheet
672Kb / 7P
   PWM dimming linear buck LED constant current driver
HM7237 HMSEMI-HM7237 Datasheet
395Kb / 6P
   PWM dimming linear buck LED constant current driver
logo
Texas Instruments
TPS92638-Q1 TI1-TPS92638-Q1_16 Datasheet
4Mb / 39P
[Old version datasheet]   8-Channel Linear LED Driver With PWM Dimming
logo
Maxim Integrated Produc...
MAX16804 MAXIM-MAX16804 Datasheet
787Kb / 11P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 0; 7/06
MAX16812 MAXIM-MAX16812 Datasheet
352Kb / 21P
   Integrated High-Voltage LED Driver with Analog and PWM Dimming Control
Rev 0; 7/07
MAX16804ATP MAXIM-MAX16804ATP Datasheet
281Kb / 10P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 1; 5/08
MAX16831 MAXIM-MAX16831 Datasheet
301Kb / 20P
   High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 0; 4/07
MAX16831 MAXIM-MAX16831_09 Datasheet
249Kb / 19P
   High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 1; 4/09
logo
Integrated Silicon Solu...
IS32LT3175N ISSI-IS32LT3175N Datasheet
609Kb / 19P
   SINGLE CHANNEL LINEAR LED DRIVER WITH FADE IN/OUT AND PWM DIMMING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com