Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1685MTR-G1 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP1685MTR-G1
Description  OFFLINE, HIGH PF, HIGH EFFICIENCY LED DRIVER IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1685MTR-G1 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP1685MTR-G1 Datasheet HTML 2Page - Diodes Incorporated AP1685MTR-G1 Datasheet HTML 3Page - Diodes Incorporated AP1685MTR-G1 Datasheet HTML 4Page - Diodes Incorporated AP1685MTR-G1 Datasheet HTML 5Page - Diodes Incorporated AP1685MTR-G1 Datasheet HTML 6Page - Diodes Incorporated AP1685MTR-G1 Datasheet HTML 7Page - Diodes Incorporated AP1685MTR-G1 Datasheet HTML 8Page - Diodes Incorporated AP1685MTR-G1 Datasheet HTML 9Page - Diodes Incorporated AP1685MTR-G1 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AP1685
Document number: DS37311 Rev. 1 - 2
6 of 14
www.diodes.com
September 2014
© Diodes Incorporated
AP1685
A Product Line of
Diodes Incorporated
-40
-20
0
20
40
60
80
100
120
500
600
700
800
900
1000
Ambient Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Ambient Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
12.0
12.5
13.0
13.5
14.0
14.5
15.0
15.5
16.0
Ambient Temperature (
oC)
Performance Characteristics
CV Threshold vs. Supply Voltage
Start-up Voltage vs. Ambient Temperature
Minimal Operating Voltage vs. Ambient Temperature
Start-up Current vs. Ambient Temperature
Operating Current vs. Ambient Temperature
CV Threshold vs. Ambient Temperature
6
8
10
12
14
16
18
20
22
24
26
28
3.6
3.7
3.8
3.9
4.0
4.1
4.2
Supply Voltage (V)
-40
-20
0
20
40
60
80
100
120
6.2
6.3
6.4
6.5
6.6
6.7
6.8
6.9
7.0
7.1
7.2
Ambient Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
3.00
3.25
3.50
3.75
4.00
4.25
4.50
Ambient Temperature (
oC)


Similar Part No. - AP1685MTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP1680 BCDSEMI-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Diodes Incorporated
AP1680 DIODES-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
AP1680K6TR-G1 DIODES-AP1680K6TR-G1 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
logo
BCD Semiconductor Manuf...
AP1681 BCDSEMI-AP1681 Datasheet
346Kb / 13P
   Off-line Primary Side Regulation Controller for Dimmable LED Driver
AP1681M-G1 BCDSEMI-AP1681M-G1 Datasheet
346Kb / 13P
   Off-line Primary Side Regulation Controller for Dimmable LED Driver
More results

Similar Description - AP1685MTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1695 DIODES-AP1695 Datasheet
442Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER IC
AP1695-20C DIODES-AP1695-20C Datasheet
423Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER IC
AP1694 DIODES-AP1694 Datasheet
367Kb / 9P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1694A DIODES-AP1694A Datasheet
474Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1694AS DIODES-AP1694AS Datasheet
487Kb / 14P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
logo
ON Semiconductor
NCL30060 ONSEMI-NCL30060 Datasheet
686Kb / 15P
   High PF Offline Single Stage LED Driver
May, 2014 ??Rev. 0
NCL30060 ONSEMI-NCL30060_16 Datasheet
688Kb / 15P
   High PF Offline Single Stage LED Driver
July, 2016 ??Rev. 4
NCL30060 ONSEMI-NCL30060_18 Datasheet
733Kb / 15P
   High PF Offline Single Stage LED Driver
April, 2018 ??Rev. 8
NCL30060 ONSEMI-NCL30060_17 Datasheet
689Kb / 15P
   High PF Offline Single Stage LED Driver
November, 2017 ??Rev. 6
logo
Diodes Incorporated
AL1697 DIODES-AL1697 Datasheet
559Kb / 13P
   High PF, Offline Dimmable LED Driver with Internal High-Voltage MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com