Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1694A Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP1694A
Description  OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1694A Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP1694A Datasheet HTML 4Page - Diodes Incorporated AP1694A Datasheet HTML 5Page - Diodes Incorporated AP1694A Datasheet HTML 6Page - Diodes Incorporated AP1694A Datasheet HTML 7Page - Diodes Incorporated AP1694A Datasheet HTML 8Page - Diodes Incorporated AP1694A Datasheet HTML 9Page - Diodes Incorporated AP1694A Datasheet HTML 10Page - Diodes Incorporated AP1694A Datasheet HTML 11Page - Diodes Incorporated AP1694A Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AP1694A
Document number: DS37094 Rev. 1 - 2
8 of 15
www.diodes.com
May 2014
© Diodes Incorporated
AP1694A
A Product Line of
Diodes Incorporated
Application Information Based on Buck Structure
The AP1694A uses constant on time control method within one AC cycle to achieve the high power factor. When the dimmer is connected to the
driver, although a part of input voltage is cut off by the dimmer, the system still operates as constant on time mode, in this way good dimmer
compatibility can be realized.
T1
OUT
+
VCC
FB
OUT
CS
GND
U1 AP1694A
C3
R7
R5
R6
R4
D1
C4
R3
Q1
BD1
C1
L1
R8
D2
R1
RI
SGND
R2
R9
RF
L
N
C2
Z1
Q2
F1
TVS1
Figure 1. Typical Buck Application Circuit
When the dimmer is connected, and the conduction angle of the dimmer is

, according to the control principle of the IC, the output current
can be got as below:
_
1
sin( )
1
( , )
( , )
28
2
0
cs ref
o
pk
V
if
II
R
else
 
 
 
 
 

In consider of the dead zone of the buck structure, the output current DC value can be calculated as below:
_
0
1
( , )
o mean
o
I
k
I
d
  

Where,
_
cs ref
V
is the reference of the current sense, and the typical value is 1V.
is the cut off angle of dimmer.
is the phase of the input voltage.
k is the current modification coefficient , and the value is approximate to be 0.7.
When no dimmer is connected with the driver (
0
), the output current DC value can be got as:
s_ref
_
1
8
c
o mean
V
Ik
R
  


Similar Part No. - AP1694A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1694AEV10 DIODES-AP1694AEV10 Datasheet
756Kb / 10P
   120VAC Triac Dimmable GU10 LED Driver
AP1694AEV11 DIODES-AP1694AEV11 Datasheet
854Kb / 10P
   230VAC Triac Dimmable GU10 LED Driver
AP1694AS DIODES-AP1694AS Datasheet
487Kb / 14P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1694AS-13 DIODES-AP1694AS-13 Datasheet
487Kb / 14P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
More results

Similar Description - AP1694A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1694 DIODES-AP1694 Datasheet
367Kb / 9P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1694AS DIODES-AP1694AS Datasheet
487Kb / 14P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1695-20C DIODES-AP1695-20C Datasheet
423Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER IC
AP1695 DIODES-AP1695 Datasheet
442Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER IC
AP1685 DIODES-AP1685 Datasheet
428Kb / 14P
   OFFLINE, HIGH PF, HIGH EFFICIENCY LED DRIVER IC
AL1697 DIODES-AL1697 Datasheet
559Kb / 13P
   High PF, Offline Dimmable LED Driver with Internal High-Voltage MOSFET
AL1697 DIODES-AL1697_17 Datasheet
324Kb / 13P
   HIGH PF, OFFLINE DIMMABLE LED DRIVER WITH INTERNAL HIGH-VOLTAGE MOSFET
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
   OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com