Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3103A Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3103A
Description  COST EFFECTIVE GREEN PWM CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3103A Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3103A Datasheet HTML 1Page - Diodes Incorporated AP3103A Datasheet HTML 2Page - Diodes Incorporated AP3103A Datasheet HTML 3Page - Diodes Incorporated AP3103A Datasheet HTML 4Page - Diodes Incorporated AP3103A Datasheet HTML 5Page - Diodes Incorporated AP3103A Datasheet HTML 6Page - Diodes Incorporated AP3103A Datasheet HTML 7Page - Diodes Incorporated AP3103A Datasheet HTML 8Page - Diodes Incorporated AP3103A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AP3103A
Document number: DS37491 Rev. 2 - 2
4 of 12
www.diodes.com
September 2014
© Diodes Incorporated
AP3103A
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Power Supply Voltage
30
V
IO
Gate Output Current
350
mA
VFB, VSENSE, VRI
Input Voltage to FB, SENSE, RI
-0.3 to 7
V
θJA
Thermal Resistance
(Junction to Ambient)
250
°C/W
PD
Power Dissipation at TA < +25°C
500
mW
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature Range
+150
°C
ESD (Human Body Model)
3000
V
ESD (Machine Model)
300
V
Note 4
: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
10
25
V


Similar Part No. - AP3103A

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3103 BCDSEMI-AP3103 Datasheet
797Kb / 14P
   VERSATILE COST EFFECTIVE GREEN PWM CONTROLLER
AP3103KTR-G1 BCDSEMI-AP3103KTR-G1 Datasheet
797Kb / 14P
   VERSATILE COST EFFECTIVE GREEN PWM CONTROLLER
AP3103P-G1 BCDSEMI-AP3103P-G1 Datasheet
797Kb / 14P
   VERSATILE COST EFFECTIVE GREEN PWM CONTROLLER
More results

Similar Description - AP3103A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3105 DIODES-AP3105 Datasheet
336Kb / 13P
   COST EFFECTIVE GREEN PWM CONTROLLER
AP3105D DIODES-AP3105D Datasheet
368Kb / 13P
   COST EFFECTIVE GREEN PWM CONTROLLER
February 2014 Rev. 2 - 2
AP3105NA DIODES-AP3105NA Datasheet
347Kb / 13P
   COST EFFECTIVE GREEN PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP3103 BCDSEMI-AP3103 Datasheet
797Kb / 14P
   VERSATILE COST EFFECTIVE GREEN PWM CONTROLLER
logo
Excelliance MOS Corp.
EM8931 EXCELLIANCE-EM8931 Datasheet
256Kb / 10P
   Cost Effective PWM Forward Controller
logo
SIFIRST TECHNOLOGIES NA...
SF1585 SIFIRST-SF1585 Datasheet
63Kb / 2P
   Cost Effective, High Power, 管-BalanceTM PWM Controller
logo
List of Unclassifed Man...
OB3350 ETC2-OB3350 Datasheet
464Kb / 10P
   Cost Effective LED Controller
logo
ON Semiconductor
NCP1607BOOSTGEVB ONSEMI-NCP1607BOOSTGEVB Datasheet
181Kb / 23P
   Cost Effective Power Factor Controller
July, 2015 ??Rev. 2
NCP1607 ONSEMI-NCP1607 Datasheet
261Kb / 23P
   Cost Effective Power Factor Controller
April, 2009 ??Rev. 1
NCP1607 ONSEMI-NCP1607_15 Datasheet
181Kb / 23P
   Cost Effective Power Factor Controller
July, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com