Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN335 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # AN335
Description  USB DRIVER INSTALLATION METHODS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN335 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button AN335 Datasheet HTML 3Page - Silicon Laboratories AN335 Datasheet HTML 4Page - Silicon Laboratories AN335 Datasheet HTML 5Page - Silicon Laboratories AN335 Datasheet HTML 6Page - Silicon Laboratories AN335 Datasheet HTML 7Page - Silicon Laboratories AN335 Datasheet HTML 8Page - Silicon Laboratories AN335 Datasheet HTML 9Page - Silicon Laboratories AN335 Datasheet HTML 10Page - Silicon Laboratories AN335 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AN335
Rev. 0.4
7
[Remove Copied Files On Uninstall]—OPTIONAL (required if [Copy Driver Files] = Yes)—This has to be one of
the following values:
Yes
No
This denotes whether the copied installation files should be removed on uninstallation. This is not required if files
are not copied on installation. This is not case-sensitive (yes and YES will both work).
[XP_2K_2K3_VISTA INF Files]—REQUIRED—This will denote the list of INF files that should be copied to the
INF directory and installed. There should be one INF on each line with no blank lines between them. This is not
case-sensitive.
[XP_2K_2K3_VISTA Driver Files]—REQUIRED—This will denote the list of driver files that exist in the
installation. There should be one file name on each line with no blank lines in between them. This is not case-
sensitive. If driver files should exist in subdirectories, list them as “.\*subdir*\driver.sys. If CopyFiles = Yes, then all
subdirectories in any of these files must be listed in [Install Subdirectories] or they will not be successfully copied to
the install directory.
[XP_2K_2K3_VISTA Catalog Files]—OPTIONAL—This will denote the list of catalog files that belong to a
certified driver. This is optional because certification is not required. This is not case-sensitive.
[Manufacturing Ignore Serial Numbers]—OPTIONAL—This will allow a manufacturing version of the driver to be
installed that will ignore the serial numbers and assign a unique serial number to each USB port. The value for this
must be as follows:
Ignore Serial Numbers
If the value does not specifically match the above string, it will not work. This option should not be put on a driver
package that is released for end users and should only be used in a manufacturing environment. For this reason, it
is not supported by the AN220 customization utility and must be put in by hand.
This option is most commonly used in a manufacturing environment for the CP210x devices. If a large number of
serialized devices are being tested, this entry will not fill up the registry by assigning a COM port to each individual
device.


Similar Part No. - AN335

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3350 STMICROELECTRONICS-AN3350 Datasheet
1Mb / 185P
   eTPU compiler tools
AN3352 STMICROELECTRONICS-AN3352 Datasheet
1Mb / 26P
   Dual LNB power supply based on the LNBH24L
AN3353 STMICROELECTRONICS-AN3353 Datasheet
178Kb / 9P
   IEC 61000-4-2 standard testing
AN3355 STMICROELECTRONICS-AN3355 Datasheet
103Kb / 11P
   Designing an application board compatible with either
AN3357 STMICROELECTRONICS-AN3357 Datasheet
273Kb / 10P
   This Application note presents the HSP061-8M16 and its capability
More results

Similar Description - AN335

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17-200321 CONEC-17-200321 Datasheet
174Kb / 1P
   USB 2.0 Installation housing set
17-200001 CONEC-17-200001 Datasheet
133Kb / 1P
   USB 2.0 Installation housing-Set
logo
LUXPIA
LWM1052N2 LUXPIA-LWM1052N2 Datasheet
596Kb / 17P
   Soldering methods
LSH1000 LUXPIA-LSH1000 Datasheet
593Kb / 15P
   Soldering methods
logo
Silicon Laboratories
AN220 SILABS-AN220 Datasheet
452Kb / 8P
   USB DRIVER CUSTOMIZATION
logo
Vishay Siliconix
IHLP5050CEER4R7M01 VISHAY-IHLP5050CEER4R7M01 Datasheet
244Kb / 2P
   SMD Magnetics Packaging Methods
Revision: 15-Jan-14
logo
Texas Instruments
TPS61500 TI-TPS61500 Datasheet
651Kb / 19P
[Old version datasheet]   3A Boost Converter for High Brightness LED Driver with Multiple Dimming Methods
logo
Advantech Co., Ltd.
UTC-520 ADVANTECH-UTC-520 Datasheet
262Kb / 1P
   Installation Accessories
logo
EPCOS
B84298A0046L EPCOS-B84298A0046L Datasheet
130Kb / 2P
   Installation Accessories
logo
Honeywell Solid State E...
4AV15F HONEYWELL-4AV15F Datasheet
78Kb / 4P
   Installation Instructions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com