Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2303MPTR-G1 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP2303MPTR-G1
Description  DDR BUS TERMINATION REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2303MPTR-G1 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP2303MPTR-G1 Datasheet HTML 3Page - Diodes Incorporated AP2303MPTR-G1 Datasheet HTML 4Page - Diodes Incorporated AP2303MPTR-G1 Datasheet HTML 5Page - Diodes Incorporated AP2303MPTR-G1 Datasheet HTML 6Page - Diodes Incorporated AP2303MPTR-G1 Datasheet HTML 7Page - Diodes Incorporated AP2303MPTR-G1 Datasheet HTML 8Page - Diodes Incorporated AP2303MPTR-G1 Datasheet HTML 9Page - Diodes Incorporated AP2303MPTR-G1 Datasheet HTML 10Page - Diodes Incorporated AP2303MPTR-G1 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AP2303
Document number: DS36546 Rev. 3 - 2
7 of 15
www.diodes.com
September 2014
© Diodes Incorporated
AP2303
A Product Line of
Diodes Incorporated
Performance Characteristics (Cont.)
Source Load Transient (DDR-III)
Sink Load Transient (DDR-III)
(CIN=COUT=10µF, IOUT=0A to 1.75A,
(CIN=COUT=10µF, IOUT=0A to -1.75A,
VIN=1.5V, VREFEN=0.75V, VCNTL=3.3V)
VIN=1.5V, VREFEN=0.75V, VCNTL=3.3V)
Source Load Transient (DDR-IV)
Sink Load Transient (DDR-IV)
(CIN=COUT=10µF, IOUT=0A to 1.75A,
(CIN=COUT=10µF, IOUT=0A to -1.75A,
VIN=1.2V, VREFEN=0.6V, VCNTL=3.3V)
VIN=1.2V, VREFEN=0.6V, VCNTL=3.3V)
VREFEN Power On
VREFEN Power Off
(CIN=COUT=10µF, RLOAD=5Ω, VCNTL=5V)
(CIN=COUT=10µF, RLOAD=5Ω, VCNTL=5V)
VOUT
20mV/div
IOUT
1A/div
Time 100
µs/div
VOUT
20mV/div
IOUT
1A/div
Time 100
µs/div
VIN
500mV/div
VREFEN
50mV/div
VREFEN
50mV/div
VIN
500mV/div
VOUT
20mV/div
IOUT
1A/div
Time 100
µs/div
VOUT
20mV/div
IOUT
1A/div
Time 100
µs/div
VREFEN
50mV/div
VIN
500mV/div
VIN
500mV/div
VREFEN
50mV/div
VREFEN
500mV/div
IOUT
200mA/div
Time 100
µs/div
VREFEN
500mV/div
IOUT
200mA/div
Time 100
µs/div
VIN
1V/div
VOUT
500mV/div
VOUT
500mV/div
VIN
1V/div


Similar Part No. - AP2303MPTR-G1

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2303GN A-POWER-AP2303GN Datasheet
70Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
VBsemi Electronics Co.,...
AP2303GN VBSEMI-AP2303GN Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
Advanced Power Electron...
AP2303GN-HF A-POWER-AP2303GN-HF Datasheet
100Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2303GN-HF A-POWER-AP2303GN-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
AP2303GN-HF A-POWER-AP2303GN-HF_16 Datasheet
62Kb / 5P
   Simple Drive Requirement
More results

Similar Description - AP2303MPTR-G1

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR5512 UTC-UR5512 Datasheet
117Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655_06 Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5517 UTC-UR5517_11 Datasheet
1Mb / 9P
   3A DDR BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655 Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5517 UTC-UR5517 Datasheet
193Kb / 6P
   3A DDR BUS TERMINATION REGULATOR
UR5513 UTC-UR5513 Datasheet
285Kb / 6P
   2A DDR BUS TERMINATION REGULATOR
UR6512 UTC-UR6512 Datasheet
228Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
UR6515A UTC-UR6515A Datasheet
517Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
UR6512 UTC-UR6512_15 Datasheet
192Kb / 6P
   2A DDR BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN6550 FAIRCHILD-FAN6550 Datasheet
99Kb / 12P
   2A DDR Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com