Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2822 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AP2822
Description  0.5A to 2.0A High-side Power Distribution Switches
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2822 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2822 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Preliminary Datasheet
0.5A to 2.0A High-side Power Distribution Switches
AP2822
Dec. 2012 Rev 1. 1
BCD Semiconductor Manufacturing Limited
11
Typical Performance Characteristics (Continued)
Figure 8. Current Limit vs. Supply Voltage
Figure 9. Current Limit vs. Ambient Temperature
Figure 10. Current Limit vs. Supply Voltage
Figure 11. Current Limit vs. Ambient Temperature
3.0
3.5
4.0
4.5
5.0
5.5
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
For AP2822C/D
T
A=-40
oC
T
A=25
0C
T
A=85
0C
Supply Voltage (V)
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
For AP2822A/B
Supply Voltage (V)
T
A= -40
OC
T
A= 25
OC
T
A= 85
OC
-40
-20
0
20406080
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
For AP2822A/B
Ambient Temperature (
OC)
V
IN=5.0V
V
IN=3.3V
-40
-20
0
20406080
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
For AP2822C/D
Ambient Temperature (
OC)
V
IN=5.0V
V
IN=3.3V


Similar Part No. - AP2822

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2820 BCDSEMI-AP2820 Datasheet
653Kb / 18P
   High-side Power Distribution Switch with Enable and Flag
AP2820AMM-G1 BCDSEMI-AP2820AMM-G1 Datasheet
653Kb / 18P
   High-side Power Distribution Switch with Enable and Flag
AP2820AMMTR-G1 BCDSEMI-AP2820AMMTR-G1 Datasheet
653Kb / 18P
   High-side Power Distribution Switch with Enable and Flag
AP2820BMM-G1 BCDSEMI-AP2820BMM-G1 Datasheet
653Kb / 18P
   High-side Power Distribution Switch with Enable and Flag
AP2820BMMTR-G1 BCDSEMI-AP2820BMMTR-G1 Datasheet
653Kb / 18P
   High-side Power Distribution Switch with Enable and Flag
More results

Similar Description - AP2822

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N6513 DIGITRON-1N6513 Datasheet
143Kb / 2P
   0.5A-2.0A RECTIFIERS
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com