Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2815CMM-G1 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AP2815CMM-G1
Description  1.5A High-side Power Distribution Switch with Enable and Flag
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2815CMM-G1 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2815CMM-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2815CMM-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2815CMM-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2815CMM-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2815CMM-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2815CMM-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2815CMM-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2815CMM-G1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2815CMM-G1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Advance Datasheet
1.5A High-side Power Distribution Switch with Enable and Flag
AP2815
Apr. 2012 Rev 1. 7
BCD Semiconductor Manufacturing Limited
10
Typical Performance Characteristics (Continued)
Figure 16. UVLO Voltage vs. Ambient Temperature
Figure 17. Output Short to GND Current
(VIN=5V, CIN=1.0µF)
Figure 18. FLAG Response during Over Current
Figure 19. FLAG Response during
Over Temperature (TA=125
oC)
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.65
2.70
V
IN
Falling
Ambient Temperature (
OC)
Enable Active
V
IN
Rising
VEN
5V/div
IOUT
1A/div
VOUT
1V/div
Time 5ms/div
Time 5ms/div
Time 5ms/div
VFLAG
1V/div
IOUT
1A/div
VOUT
1V/div
VFLAG
1V/div
IOUT
1A/div
VOUT
1V/div


Similar Part No. - AP2815CMM-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2815CMM-G1 DIODES-AP2815CMM-G1 Datasheet
633Kb / 16P
   1.5A High-side Power Distribution Switch with Enable and Flag
Apr. 2012 Rev 1. 7
More results

Similar Description - AP2815CMM-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2815 DIODES-AP2815 Datasheet
633Kb / 16P
   1.5A High-side Power Distribution Switch with Enable and Flag
Apr. 2012 Rev 1. 7
logo
BCD Semiconductor Manuf...
AP2820 BCDSEMI-AP2820 Datasheet
653Kb / 18P
   High-side Power Distribution Switch with Enable and Flag
AP2810 BCDSEMI-AP2810 Datasheet
684Kb / 14P
   1.0A High-side Power Distribution Switch with Enable and Flag
logo
Diodes Incorporated
AP2810 DIODES-AP2810 Datasheet
684Kb / 14P
   1.0A High-side Power Distribution Switch with Enable and Flag
Jul. 2012 Rev 1. 2
logo
BCD Semiconductor Manuf...
AP2805 BCDSEMI-AP2805 Datasheet
691Kb / 16P
   500mA High-side Power Distribution Switch with Enable and Flag
AP2821 BCDSEMI-AP2821 Datasheet
717Kb / 17P
   High-side Power Distribution Switch with Enable
logo
Diodes Incorporated
AP2821 DIODES-AP2821 Datasheet
717Kb / 17P
   High-side Power Distribution Switch with Enable
Mar. 2013 Rev 2. 0
logo
Unisonic Technologies
US204 UTC-US204_15 Datasheet
249Kb / 6P
   1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
logo
Union Semiconductor, In...
UM9711 UNIONSEMI-UM9711 Datasheet
474Kb / 10P
   90m(ohm), 1.5A High-Side Power Switches with Flag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com