Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7342D-1218FS6-7 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP7342D-1218FS6-7
Description  DUAL 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7342D-1218FS6-7 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP7342D-1218FS6-7 Datasheet HTML 4Page - Diodes Incorporated AP7342D-1218FS6-7 Datasheet HTML 5Page - Diodes Incorporated AP7342D-1218FS6-7 Datasheet HTML 6Page - Diodes Incorporated AP7342D-1218FS6-7 Datasheet HTML 7Page - Diodes Incorporated AP7342D-1218FS6-7 Datasheet HTML 8Page - Diodes Incorporated AP7342D-1218FS6-7 Datasheet HTML 9Page - Diodes Incorporated AP7342D-1218FS6-7 Datasheet HTML 10Page - Diodes Incorporated AP7342D-1218FS6-7 Datasheet HTML 11Page - Diodes Incorporated AP7342D-1218FS6-7 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AP7342
Document number: DS37614 Rev. 2 - 2
8 of 14
www.diodes.com
March 2015
© Diodes Incorporated
AP7342
Typical Characteristics (cont.)
Load Transient Response Waveforms(VIN=VOUT+1V, CIN=COUT1=COUT2=0.47µF, TA = +25°C)
Turn On Waveform of Output Discharge versions (VIN=VOUT+1V, CIN=COUT1=COUT2=0.47µF, TA = +25°C)
2.8V
Time t (µs)
Output Voltage
Output Current
0.1mA ↔ 150mA
0
80
160
240
320
400
200
100
0
COUT=0.47µF
2.9
2.8
2.7
3.1
3.0
2.9
Output Voltage Iout=30mA
1.8V
Time t (µs)
Output Voltage
Output Current
0.1mA ↔ 150mA
0
80
160
240
320
400
200
100
0
COUT=0.47µF
1.9
1.8
1.7
3.4
3.3
3.2
Output Voltage Iout=30mA
2.8V
Time t (µs)
Output Voltage
Output Current
50mA ↔ 100mA
0
80
160
240
320
400
150
100
50
0
COUT=0.47µF
2.9
2.8
2.7
3.1
3.0
2.9
Output Voltage Iout=30mA
1.8V
Time t (µs)
Output Voltage
Output Current
50mA ↔ 100mA
0
80
160
240
320
400
150
100
50
0
COUT=0.47µF
1.9
1.8
1.7
3.4
3.3
3.2
Output Voltage Iout=30mA


Similar Part No. - AP7342D-1218FS6-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-12FS4-7 DIODES-AP7340-12FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-15FS4-7 DIODES-AP7340-15FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-185FS4-7 DIODES-AP7340-185FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-18FS4-7 DIODES-AP7340-18FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
More results

Similar Description - AP7342D-1218FS6-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7315 DIODES-AP7315 Datasheet
643Kb / 23P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7315Q DIODES-AP7315Q Datasheet
637Kb / 12P
   AUTOMOTIVE COMPLIANT 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
January 2021
AP7345D DIODES-AP7345D Datasheet
1Mb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
December 2018
AP7344 DIODES-AP7344 Datasheet
920Kb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
logo
Renesas Technology Corp
ISL9016A RENESAS-ISL9016A Datasheet
753Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR and Low IQ
August 3, 2016
ISL9016 RENESAS-ISL9016 Datasheet
558Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
logo
Intersil Corporation
ISL9016IRUWCZ-T INTERSIL-ISL9016IRUWCZ-T Datasheet
464Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
May 16, 2011
ISL9016 INTERSIL-ISL9016 Datasheet
207Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
logo
Diodes Incorporated
AP7341 DIODES-AP7341 Datasheet
1Mb / 14P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com