Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2820GMM-G1 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AP2820GMM-G1
Description  High-side Power Distribution Switch with Enable and Flag
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2820GMM-G1 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2820GMM-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2820GMM-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2820GMM-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2820GMM-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2820GMM-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2820GMM-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2820GMM-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2820GMM-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2820GMM-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Advance Datasheet
High-side Power Distribution Switch with Enable and Flag
AP2820
Jul. 2012 Rev 1. 7
BCD Semiconductor Manufacturing Limited
8
Electrical Characteristics (Continued)
For E/F/G/H Versions
(VIN=5.0V, CIN=2.2μF, COUT=1.0μF, Typical TA=25°C, Bold typeface applies over -40°C≤TA≤85°C ranges, unless otherwise
specified)
Parameter
Symbol
Condition
Min
Typ Max Unit
Input Voltage Range
VIN
2.7
5.5
V
Switch On Resistance
RDS(ON)
VIN=5V, IOUT=2.5A
60
80
m
Ω
Current Limit
ILIMIT
VOUT=4.0V
2.8
3.4
4.2
A
Supply Current
ISUPPLY
VIN=5V, No Load
80
110
μA
Fold-back Short Current
ISHORT
VOUT=0
1.18
A
Shutdown Supply Current
ISHUTDOWN
Chip Disable, Shutdown Mode
0.1
1
μA
Enable High Input Threshold
VENH
1.6
5.5
V
Enable Low Input Threshold
VENL
0
1.0
V
Enable Pin Input Current
IEN
Force 0V to 5V at EN Pin
-1.0
1.0
μA
Under
Voltage
Lockout
Threshold Voltage
VUVLO
VIN Increasing from 0V
2.2
2.5
2.7
V
Under Voltage Hysteresis
VUVLOHY
0.2
V
Reverse Current
IREVERSE
Chip Disable, VOUT>VIN
0.1
1.0
μA
Output Pull Low Resistance
after Shutdown
RDISCHARGE
AP2820E, AP2820G Only
100
200
Ω
Output Turn-on Time
tON
From Enable Active to 90% of
Output
500
μs
FLAG Pin Delay Time
tDFLG
From
Over
Current
Fault
Condition to Flag Active
5
10
15
ms
FLAG Pin Low Voltage
VFLG
ISINK=5mA
35
70
mV
FLAG Pin Leakage Current
ILEAKAGE
FLAG Disable, Force 5.0V
1.0
μA
Thermal
Shutdown
Temperature
TOTSD
150
oC
Thermal Shutdown Hysteresis
THYOTSD
30
oC


Similar Part No. - AP2820GMM-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2821 BCDSEMI-AP2821 Datasheet
717Kb / 17P
   High-side Power Distribution Switch with Enable
logo
Diodes Incorporated
AP2821 DIODES-AP2821 Datasheet
717Kb / 17P
   High-side Power Distribution Switch with Enable
Mar. 2013 Rev 2. 0
logo
BCD Semiconductor Manuf...
AP2821KTR-G1 BCDSEMI-AP2821KTR-G1 Datasheet
717Kb / 17P
   High-side Power Distribution Switch with Enable
logo
Diodes Incorporated
AP2821KTR-G1 DIODES-AP2821KTR-G1 Datasheet
717Kb / 17P
   High-side Power Distribution Switch with Enable
Mar. 2013 Rev 2. 0
logo
BCD Semiconductor Manuf...
AP2822 BCDSEMI-AP2822 Datasheet
621Kb / 19P
   0.5A to 2.0A High-side Power Distribution Switches
More results

Similar Description - AP2820GMM-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2810 BCDSEMI-AP2810 Datasheet
684Kb / 14P
   1.0A High-side Power Distribution Switch with Enable and Flag
logo
Diodes Incorporated
AP2815 DIODES-AP2815 Datasheet
633Kb / 16P
   1.5A High-side Power Distribution Switch with Enable and Flag
Apr. 2012 Rev 1. 7
logo
BCD Semiconductor Manuf...
AP2815 BCDSEMI-AP2815 Datasheet
634Kb / 16P
   1.5A High-side Power Distribution Switch with Enable and Flag
logo
Diodes Incorporated
AP2810 DIODES-AP2810 Datasheet
684Kb / 14P
   1.0A High-side Power Distribution Switch with Enable and Flag
Jul. 2012 Rev 1. 2
logo
BCD Semiconductor Manuf...
AP2805 BCDSEMI-AP2805 Datasheet
691Kb / 16P
   500mA High-side Power Distribution Switch with Enable and Flag
AP2821 BCDSEMI-AP2821 Datasheet
717Kb / 17P
   High-side Power Distribution Switch with Enable
logo
Diodes Incorporated
AP2821 DIODES-AP2821 Datasheet
717Kb / 17P
   High-side Power Distribution Switch with Enable
Mar. 2013 Rev 2. 0
logo
YOBON TECHNOLOGIES,INC.
YB1901 YOBON-YB1901 Datasheet
859Kb / 12P
   2.0A High-Side Power Switch with Flag
logo
Richtek Technology Corp...
RT9706 RICHTEK-RT9706 Datasheet
295Kb / 14P
   80m廓, 500mA High-Side Power Switch with Flag
logo
Global Mixed-mode Techn...
G5243A GMT-G5243A Datasheet
71Kb / 1P
   High-Side Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com