Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7343-30FS4-7B Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7343-30FS4-7B
Description  300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7343-30FS4-7B Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7343-30FS4-7B Datasheet HTML 1Page - Diodes Incorporated AP7343-30FS4-7B Datasheet HTML 2Page - Diodes Incorporated AP7343-30FS4-7B Datasheet HTML 3Page - Diodes Incorporated AP7343-30FS4-7B Datasheet HTML 4Page - Diodes Incorporated AP7343-30FS4-7B Datasheet HTML 5Page - Diodes Incorporated AP7343-30FS4-7B Datasheet HTML 6Page - Diodes Incorporated AP7343-30FS4-7B Datasheet HTML 7Page - Diodes Incorporated AP7343-30FS4-7B Datasheet HTML 8Page - Diodes Incorporated AP7343-30FS4-7B Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AP7343
Document number: DS37952 Rev. 2 - 2
2 of 16
www.diodes.com
December 2015
© Diodes Incorporated
AP7343
Pin Descriptions
Pin Number
Pin Name
Function
X2-DFN1010-4
1
VOUT
Power Output Pin
2
GND
Ground
3
EN
Enable Pin
This pin should be driven either high or low and must not be floating. Driving this pin high
enables the regulator, while pulling it low puts the regulator into shutdown mode
4
VIN
Power Input Pin
Thermal Pad
In PCB layout, prefer to use large copper area to cover this pad for better thermal dissipation,
then connect this area to GND or leave it open. However, do not use it as GND electrode
function alone
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Ratings
Unit
VIN
Input Voltage
6.0
V
VCE
Input Voltage EN
6.0
V
VOUT
Output Voltage
-0.3 to VIN +0.3
V
IOUT
Output Current
400
mA
PD
Power Dissipation
400
mW
TA
Operating Ambient Temperature
-40 to +85
°C
TSTG
Storage Temperature
-55 to +125
°C
Note:
4. a).Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only
and functional operation of the device at these conditions is not implied. Exposure to absolute-maximum-rated conditions for extended period
may affect device reliability.
b). Ratings apply to ambient temperature at +25°C. The JEDEC High-K board design used to derive this data was a 2in. x 2in. multilayer board with 1oz.
internal power and ground planes and 2oz. copper traces on the top and bottom of the board.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
1.7
5.25
V
IOUT
Output Current
0
300
mA
TA
Operating Ambient Temperature
-40
+85
°C


Similar Part No. - AP7343-30FS4-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7343DQ-09W5-7 DIODES-AP7343DQ-09W5-7 Datasheet
1Mb / 16P
   AUTOMOTIVE COMPLIANT 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
April 2022
AP7343DQ-10W5-7 DIODES-AP7343DQ-10W5-7 Datasheet
1Mb / 16P
   AUTOMOTIVE COMPLIANT 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
April 2022
AP7343DQ-11W5-7 DIODES-AP7343DQ-11W5-7 Datasheet
1Mb / 16P
   AUTOMOTIVE COMPLIANT 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
April 2022
AP7343DQ-12W5-7 DIODES-AP7343DQ-12W5-7 Datasheet
1Mb / 16P
   AUTOMOTIVE COMPLIANT 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
April 2022
AP7343DQ-15W5-7 DIODES-AP7343DQ-15W5-7 Datasheet
1Mb / 16P
   AUTOMOTIVE COMPLIANT 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
April 2022
More results

Similar Description - AP7343-30FS4-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7341 DIODES-AP7341 Datasheet
1Mb / 14P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7330 DIODES-AP7330 Datasheet
1Mb / 13P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
February 2018
AP7345D DIODES-AP7345D Datasheet
1Mb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
December 2018
AP7344 DIODES-AP7344 Datasheet
920Kb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7348 DIODES-AP7348 Datasheet
1Mb / 15P
   4 CHANNEL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
August 2020 Rev. 3 - 2
AP7343Q DIODES-AP7343Q Datasheet
1Mb / 16P
   AUTOMOTIVE COMPLIANT 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
April 2022
logo
Eutech Microelectronics...
EUP7917 EUTECH-EUP7917 Datasheet
277Kb / 12P
   300mA, High PSRR Low-Noise LDO
logo
Cystech Electonics Corp...
LM1101N5 CYSTEKEC-LM1101N5 Datasheet
744Kb / 10P
   300mA High PSRR Low Noise LDO
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
logo
Fitipower Integrated Te...
FP6146 FITIPOWER-FP6146 Datasheet
885Kb / 17P
   300mA Low Noise High PSRR LDO with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com