Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7341D-22FS4-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP7341D-22FS4-7
Description  300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7341D-22FS4-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP7341D-22FS4-7 Datasheet HTML 1Page - Diodes Incorporated AP7341D-22FS4-7 Datasheet HTML 2Page - Diodes Incorporated AP7341D-22FS4-7 Datasheet HTML 3Page - Diodes Incorporated AP7341D-22FS4-7 Datasheet HTML 4Page - Diodes Incorporated AP7341D-22FS4-7 Datasheet HTML 5Page - Diodes Incorporated AP7341D-22FS4-7 Datasheet HTML 6Page - Diodes Incorporated AP7341D-22FS4-7 Datasheet HTML 7Page - Diodes Incorporated AP7341D-22FS4-7 Datasheet HTML 8Page - Diodes Incorporated AP7341D-22FS4-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AP7341
Document number: DS36523 Rev. 4 - 2
3 of 14
www.diodes.com
July 2014
© Diodes Incorporated
AP7341
Electrical Characteristics (@TA = +25°C, VEN = VOUT +1.0V, CIN = COUT = 1.0µF, IOUT = 1.0mA, unless otherwise specified.)
Parameter
Conditions
Min
Typ
Max
Units
Input Voltage
TA = -40°C to +85°C
1.7
5.25
V
Output Voltage Accuracy (Note 11)
VIN = (VOUT-Nom+1.0V) to
5.25V, IOUT = 1mA to 150mA
TA = +25°C
-1
1
%
TA = -40°C to +85°C
-1.5
+1.5
Line Regulation (dVOUT/dVIN/VOUT)
VIN = (VOUT-Nom+1.0V) to 5.25V, IOUT = 1.0mA
0.02
0.1
%/V
Load Regulation (dVOUT/VOUT)
VIN = VOUT-Nom+1.0V, IOUT = 1mA to 300mA
15
30
mV
Quiescent Current (Note 6)
IOUT = 0mA
35
50
uA
ISTANDBY
VEN = 0V (Disabled)
0.01
1.0
uA
Output Current
300
mA
Fold-back Short Current (Note 7)
VOUT short to ground
55
mA
PSRR (Note 8)
VIN = [VOUT +1V] VDC +0.2Vp-pAC,
VOUT ≥ 1.8V,
IOUT = 30mA
f = 1kHz
75
dB
Output Noise Voltage (Notes 8 & 9)
BW = 10Hz to 100kHz, IOUT = 30mA
60
µVrms
Dropout Voltage
(Note 5)
IOUT = 150mA
1.1V
≤ VOUT < 1.5V
0.50
0.62
V
1.5V
≤ VOUT < 1.7V
0.38
0.47
1.7V
≤ VOUT < 2.0V
0.34
0.42
2.0V
≤ VOUT < 2.5V
0.28
0.36
2.5V
≤ VOUT < 2.8V
0.22
0.30
2.8V
≤ VOUT ≤ 3.3V
0.21
0.27
IOUT = 300mA
VOUT = 1.8V
0.50
0.65
VOUT = 2.5V
0.37
0.48
VOUT = 3.3V
0.30
0.40
Output Voltage Temperature
Coefficient
IOUT = 30mA, TA = -40°C to +85°C
±30
ppm/°C
EN Input Low Voltage
0
0.5
V
EN Input High Voltage
1.3
5.25
V
EN Input Leakage
VEN = 0, VIN = 5.0V or VEN = 5.0V, VIN = 0V
-1.0
+1.0
µA
On Resistance of N-Channel for
Auto-Discharge (Note 10)
VIN = 4.0V VEN = 0V (Disabled)
30
Ω
Notes:
5. Dropout voltage is the voltage difference between the input and the output at which the output voltage drops 2% below its nominal value.
6. Quiescent current is defined here is the difference in current between the input and the output.
7. Short circuit current is measured with VOUT pulled to GND.
8. This specification is guaranteed by design.
9. To make sure lowest environment noise minimizes the influence on noise measurement.
10. AP7341 has 2 options for output, Built-in discharge and non-discharge
11. Potential multiple grades based on following output voltage accuracy.


Similar Part No. - AP7341D-22FS4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-12FS4-7 DIODES-AP7340-12FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-15FS4-7 DIODES-AP7340-15FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-185FS4-7 DIODES-AP7340-185FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-18FS4-7 DIODES-AP7340-18FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
More results

Similar Description - AP7341D-22FS4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7330 DIODES-AP7330 Datasheet
1Mb / 13P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
February 2018
AP7343 DIODES-AP7343 Datasheet
1Mb / 16P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7345D DIODES-AP7345D Datasheet
1Mb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
December 2018
AP7344 DIODES-AP7344 Datasheet
920Kb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7348 DIODES-AP7348 Datasheet
1Mb / 15P
   4 CHANNEL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
August 2020 Rev. 3 - 2
AP7343Q DIODES-AP7343Q Datasheet
1Mb / 16P
   AUTOMOTIVE COMPLIANT 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
April 2022
logo
Eutech Microelectronics...
EUP7917 EUTECH-EUP7917 Datasheet
277Kb / 12P
   300mA, High PSRR Low-Noise LDO
logo
Cystech Electonics Corp...
LM1101N5 CYSTEKEC-LM1101N5 Datasheet
744Kb / 10P
   300mA High PSRR Low Noise LDO
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
logo
Fitipower Integrated Te...
FP6146 FITIPOWER-FP6146 Datasheet
885Kb / 17P
   300mA Low Noise High PSRR LDO with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com