Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7342D-3333FS6-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7342D-3333FS6-7
Description  DUAL 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7342D-3333FS6-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7342D-3333FS6-7 Datasheet HTML 1Page - Diodes Incorporated AP7342D-3333FS6-7 Datasheet HTML 2Page - Diodes Incorporated AP7342D-3333FS6-7 Datasheet HTML 3Page - Diodes Incorporated AP7342D-3333FS6-7 Datasheet HTML 4Page - Diodes Incorporated AP7342D-3333FS6-7 Datasheet HTML 5Page - Diodes Incorporated AP7342D-3333FS6-7 Datasheet HTML 6Page - Diodes Incorporated AP7342D-3333FS6-7 Datasheet HTML 7Page - Diodes Incorporated AP7342D-3333FS6-7 Datasheet HTML 8Page - Diodes Incorporated AP7342D-3333FS6-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AP7342
Document number: DS37614 Rev. 2 - 2
2 of 14
www.diodes.com
March 2015
© Diodes Incorporated
AP7342
Pin Descriptions
Pin Number
Pin Name
Function
1
VOUT1
Channel 1 Output Voltage Pin
2
VOUT2
Channel 2 Output Voltage Pin
3
GND
Ground
4
EN2
Chanel 2 Enable Pin
This pin should be driven either high or low and must not be floating. Driving this pin high
enables channel 2 output, while pulling it low puts Chanel 2 regulator into shutdown
mode.
5
VIN
Power Input Pin
6
EN1
Chanel 1 Enable Pin
This pin should be driven either high or low and must not be floating. Driving this pin high
enables channel 1 output, while pulling it low puts Chanel 1 regulator into shutdown
mode.
Thermal PAD
In PCB layout, it is preferred to use large copper area to cover this pad for better thermal
dissipation, then connect this area to GND or leave it open. However, do not use it as
GND electrode function alone.
Functional Block Diagram
AP7342 (No Discharge)
AP7342 (With Discharge)


Similar Part No. - AP7342D-3333FS6-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-12FS4-7 DIODES-AP7340-12FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-15FS4-7 DIODES-AP7340-15FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-185FS4-7 DIODES-AP7340-185FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-18FS4-7 DIODES-AP7340-18FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
More results

Similar Description - AP7342D-3333FS6-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7315 DIODES-AP7315 Datasheet
643Kb / 23P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7315Q DIODES-AP7315Q Datasheet
637Kb / 12P
   AUTOMOTIVE COMPLIANT 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
January 2021
AP7345D DIODES-AP7345D Datasheet
1Mb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
December 2018
AP7344 DIODES-AP7344 Datasheet
920Kb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
logo
Renesas Technology Corp
ISL9016A RENESAS-ISL9016A Datasheet
753Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR and Low IQ
August 3, 2016
ISL9016 RENESAS-ISL9016 Datasheet
558Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
logo
Intersil Corporation
ISL9016IRUWCZ-T INTERSIL-ISL9016IRUWCZ-T Datasheet
464Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
May 16, 2011
ISL9016 INTERSIL-ISL9016 Datasheet
207Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
logo
Diodes Incorporated
AP7341 DIODES-AP7341 Datasheet
1Mb / 14P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com