Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7342D-3612FS6-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP7342D-3612FS6-7
Description  DUAL 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7342D-3612FS6-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP7342D-3612FS6-7 Datasheet HTML 1Page - Diodes Incorporated AP7342D-3612FS6-7 Datasheet HTML 2Page - Diodes Incorporated AP7342D-3612FS6-7 Datasheet HTML 3Page - Diodes Incorporated AP7342D-3612FS6-7 Datasheet HTML 4Page - Diodes Incorporated AP7342D-3612FS6-7 Datasheet HTML 5Page - Diodes Incorporated AP7342D-3612FS6-7 Datasheet HTML 6Page - Diodes Incorporated AP7342D-3612FS6-7 Datasheet HTML 7Page - Diodes Incorporated AP7342D-3612FS6-7 Datasheet HTML 8Page - Diodes Incorporated AP7342D-3612FS6-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AP7342
Document number: DS37614 Rev. 2 - 2
4 of 14
www.diodes.com
March 2015
© Diodes Incorporated
AP7342
Electrical Characteristics
(@TA = +25°C, VIN = VOUT+1V (VOUT > 1.5V), VIN = 2.5V (VOUT ≤ 1.5V), IOUT = 1mA, CIN = COUT = 1.0µF, unless otherwise specified.)
Parameter
Conditions
Min
Typ
Max
Unit
Input Voltage
TA = -40°C to +85°C
1.7
5.25
V
Output Voltage Accuracy (Note 11)
VIN = (VOUT-Nom+1.0V) to
5.25V,
IOUT = 1mA to 150mA
TA = +25°C
-1
1
%
TA = -40°C to +85°C
-1.5
1.5
Line Regulation ( VOUT/ VIN/VOUT)
VIN = (VOUT-Nom+1.0V) to 5.25V, IOUT = 1.0mA
0.02
0.1
%/V
Load Regulation ( VOUT/ IOUT)
VIN = VOUT-Nom+1.0V, IOUT = 1mA to 150mA
15
30
mV
Quiescent Current (Note 6)
Set EN1 high, set EN2 low, or set EN2 high,
set EN1 low, No load
35
50
µA
Set EN1/EN2 high, No load
70
100
µA
ISTANDBY
Set EN1/EN2 low, No load
0.1
1.0
µA
Output Current
300
mA
Fold-back Short Current (Note 7)
VOUT short to ground
55
mA
PSRR (Note 8)
VIN = (VOUT+1V) VDC +
0.2Vp-pAC,
VOUT ≥1.8V, IOUT = 30mA
f = 1kHz
75
dB
Output Noise Voltage (Notes 8 & 9)
BW = 10Hz to 100kHz, IOUT = 30mA
60
µVrms
Dropout Voltage (Note 5)
IOUT = 150mA
VOUT ≤ 1.2V
0.48
0.59
V
1.2V < VOUT ≤ 1.4V
0.39
0.50
1.4V < VOUT ≤ 1.7V
0.35
0.44
1.7V < VOUT ≤ 2.1V
0.30
0.39
2.1V < VOUT ≤ 2.5V
0.26
0.34
2.5V < VOUT ≤ 3.0V
0.25
0.30
3.0V < VOUT ≤ 3.6V
0.22
0.29
Output Voltage Temperature Coefficient
IOUT = 30mA, TA = -40°C to +85°C
±30
ppm/°C
EN Input Low Voltage
0
0.5
V
EN Input High Voltage
1.3
5.25
V
EN Input Leakage
VEN = 0V, VIN = 5.0V or VEN = 5.0V, VIN = 0V
-1.0
1.0
µA
On Resistance of N-Channel for Auto-
Discharge (Note 10)
VIN = 4.0V, VEN = 0V
(Disabled)
D Version, Chanel 1 & 2
50
Notes:
5. Dropout voltage is the voltage difference between the input and the output at which the output voltage drops 2% below its nominal value.
6. Quiescent current is defined here is the difference in current between the input and the output.
7. Short circuit current is measured with VOUT pulled to GND.
8. This specification is guaranteed by design.
9. To make sure lowest environment noise minimizes the influence on noise measurement.
10. AP7342 has 2 options for output, built-in discharge and non-discharge
11. Potential multiple grades based on following output voltage accuracy.


Similar Part No. - AP7342D-3612FS6-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-12FS4-7 DIODES-AP7340-12FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-15FS4-7 DIODES-AP7340-15FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-185FS4-7 DIODES-AP7340-185FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-18FS4-7 DIODES-AP7340-18FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
More results

Similar Description - AP7342D-3612FS6-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7315 DIODES-AP7315 Datasheet
643Kb / 23P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7315Q DIODES-AP7315Q Datasheet
637Kb / 12P
   AUTOMOTIVE COMPLIANT 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
January 2021
AP7345D DIODES-AP7345D Datasheet
1Mb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
December 2018
AP7344 DIODES-AP7344 Datasheet
920Kb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
logo
Renesas Technology Corp
ISL9016A RENESAS-ISL9016A Datasheet
753Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR and Low IQ
August 3, 2016
ISL9016 RENESAS-ISL9016 Datasheet
558Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
logo
Intersil Corporation
ISL9016IRUWCZ-T INTERSIL-ISL9016IRUWCZ-T Datasheet
464Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
May 16, 2011
ISL9016 INTERSIL-ISL9016 Datasheet
207Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
logo
Diodes Incorporated
AP7341 DIODES-AP7341 Datasheet
1Mb / 14P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com