Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7346D-1833FS6-7 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP7346D-1833FS6-7
Description  DUAL HIGH ACCURACY CURRENT LIMIT LDO WITH ENABLE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7346D-1833FS6-7 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP7346D-1833FS6-7 Datasheet HTML 5Page - Diodes Incorporated AP7346D-1833FS6-7 Datasheet HTML 6Page - Diodes Incorporated AP7346D-1833FS6-7 Datasheet HTML 7Page - Diodes Incorporated AP7346D-1833FS6-7 Datasheet HTML 8Page - Diodes Incorporated AP7346D-1833FS6-7 Datasheet HTML 9Page - Diodes Incorporated AP7346D-1833FS6-7 Datasheet HTML 10Page - Diodes Incorporated AP7346D-1833FS6-7 Datasheet HTML 11Page - Diodes Incorporated AP7346D-1833FS6-7 Datasheet HTML 12Page - Diodes Incorporated AP7346D-1833FS6-7 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AP7346
Document number: DS38082 Rev. 1 - 2
9 of 14
www.diodes.com
July 2015
© Diodes Incorporated
AP7346
Performance Characteristics (Cont.)
Turn On Waveform of Output Discharge Versions (VIN=VOUT+1V, CIN=COUT1=COUT2=0.47μF, TA= +25°C)
Turn Off Waveform of Output Discharge versions (VIN=VOUT+1V, CIN=COUT1=COUT2=0.47μF, TA= +25°C)
VOUT = 3.3V
Time t (µs)
Output Voltage
EN Input Voltage
0
40
80
120
160
200
0
2
2
4
IOUT=0mA
IOUT=30mA
IOUT=130mA
0
4
VOUT =1.8V
Time t (µs)
Output Voltage
EN Input Voltage
0
40
80
120
160
200
0
1
3
2
1
2
IOUT=0mA
IOUT=30mA
IOUT=150mA
0
VOUT = 3.3V
Time t (µs)
Output Voltage
EN Input Voltage
0
40
80
120
160
200
0
2
2
4
IOUT=0mA
IOUT=30mA
IOUT=130mA
0
4
VOUT =1.8V
Time t (µs)
Output Voltage
EN Input Voltage
0
40
80
120
160
200
0
1
3
2
1
2
IOUT=0mA
IOUT=30mA
IOUT=150mA
0


Similar Part No. - AP7346D-1833FS6-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-12FS4-7 DIODES-AP7340-12FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-15FS4-7 DIODES-AP7340-15FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-185FS4-7 DIODES-AP7340-185FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-18FS4-7 DIODES-AP7340-18FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
More results

Similar Description - AP7346D-1833FS6-7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38855 NSC-LP38855 Datasheet
359Kb / 14P
   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
logo
Texas Instruments
LP38856 TI1-LP38856_14 Datasheet
2Mb / 20P
[Old version datasheet]   3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
logo
National Semiconductor ...
LP38856 NSC-LP38856 Datasheet
835Kb / 14P
   3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
logo
Texas Instruments
LP38855 TI-LP38855_15 Datasheet
2Mb / 20P
[Old version datasheet]   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38856 TI-LP38856_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast-Response High-Accuracy LDO Linear Regulator With Enable
logo
ON Semiconductor
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
   Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
NCV47711 ONSEMI-NCV47711_17 Datasheet
128Kb / 12P
   Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
July, 2017 ??Rev. 2
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
ON Semiconductor
NCV47821 ONSEMI-NCV47821_17 Datasheet
181Kb / 15P
   Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
January, 2017 ??Rev. 2
logo
Advanced Power Electron...
APE8837 A-POWER-APE8837_16 Datasheet
666Kb / 10P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com