Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AE-HSB(X)-7 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AE-HSB(X)-7
Description  SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AE-HSB(X)-7 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AE-HSB(X)-7 Datasheet HTML 2Page - Diodes Incorporated AE-HSB(X)-7 Datasheet HTML 3Page - Diodes Incorporated AE-HSB(X)-7 Datasheet HTML 4Page - Diodes Incorporated AE-HSB(X)-7 Datasheet HTML 5Page - Diodes Incorporated AE-HSB(X)-7 Datasheet HTML 6Page - Diodes Incorporated AE-HSB(X)-7 Datasheet HTML 7Page - Diodes Incorporated AE-HSB(X)-7 Datasheet HTML 8Page - Diodes Incorporated AE-HSB(X)-7 Datasheet HTML 9Page - Diodes Incorporated AE-HSB(X)-7 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AP9214L
Document number: DS38413 Rev. 1 - 2
6 of 17
www.diodes.com
December 2015
© Diodes Incorporated
AP9214L
Electrical Characteristics (Cont.)
(TA = -40
oC to +85oC, VDD = 3.5V, VSS = 0V, R1 = 220Ω, R2 = 1.0kΩ, C1 = 100nF, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCU
Overcharge Detection Voltage
VCU
- 0.060
VCU
VCU
+ 0.040
V
VCL
Overcharge Release Voltage
VCL ≠ VCU
VCL
- 0.080
VCL
VCL
+ 0.065
V
VCL = VCU
VCL
- 0.060
VCL
VCL
+ 0.040
V
VDL
Overdischarge Detection Voltage
VDL
- 0.080
VDL
VDL
+ 0.080
V
VDU
Overdischarge Release Voltage
VDU ≠ VDL
VDU
- 0.150
VDU
VDU
+ 0.190
V
VDU = VDL
VDU
- 0.080
VDU
VDU
+ 0.080
V
VDOC
Discharge Overcurrent Detection Voltage
VDOC
-0.021
VDOC
VDOC
+0.024
V
VSHORT
Load Short Detection Voltage
VSHORT
-0.34
VSHORT
VSHORT
+0.34
V
VCOC
Charge Overcurrent Detection Voltage
VCOC
-0.040
VCOC
VCOC
+0.040
V
ICC
Current Consumption During Operation
VDD = 3.5V,VM = 0V
1.0
3.0
7.0
μA
ISTB
Current Consumption at Power Down
VDD =1.8V
VM Pin
Floating
Power Down Mode
1.0
μA
Without Power
Down Mode (Auto
Wake up)
8
μA
RVMD
Resistance Between VM Pin and VDD Pin
VDD = 1.8V, VM = 0V
100
300
650
RVMS
Resistance Between VM Pin and VSS Pin
VDD = 3.5V, VM = 1.0V
5
30
65
V0CHA
0V Battery Charge Starting Charge Voltage
0V Battery Charging
“Available”
1.2
V
V0INH
0V Battery Charge Inhibition Battery Voltage
0V Battery Charging
“Unavailable”
0.3
V
VOVCHG
Overvoltage Charge Detection Voltage
VDD = 3.5V
5.5
8.0
10.5
V
VOVCHGR
Overvoltage Charge Release Voltage
VDD = 3.5V
5.0
7.3
9.5
V
tCU
Overcharge Detection Delay Time
tCU * 0.6
tCU
tCU * 1.4
ms
tCUR
Overcharge Release Delay Time
tCUR * 0.6
tCUR
tCUR * 1.4
ms
tDL
Overdischarge Detection Delay Time
tDL * 0.6
tDL
tDL * 1.4
ms
tDLR
Overdischarge Release Delay Time
tDLR * 0.6
tDLR
tDLR * 1.4
ms
tDOC
Discharge Overcurrent Detection Delay Time -
tDOC * 0.6
tDOC
tDOC * 1.4
ms
tDOCR
Discharge Overcurrent Release Delay Time
tDOCR * 0.6
tDOCR
tDOCR * 1.4
ms
tSHORT
Load Short Detection Delay Time
tSHORT * 0.6
tSHORT
tSHORT * 1.4
μs
tCOC
Charge Overcurrent Detection Delay Time
tCOC * 0.6
tCOC
tCOC * 1.4
ms
tCOCR
Charge Overcurrent Release Delay Time
tCOCR * 0.6
tCOCR
tCOCR * 1.4
ms


Similar Part No. - AE-HSB(X)-7

ManufacturerPart #DatasheetDescription
logo
COTEK ELECTRONIC IND. C...
AE-1500 COTEK-AE-1500 Datasheet
1Mb / 7P
   1500W Programmable Single Output
23/05/18
AE-1500-12 COTEK-AE-1500-12 Datasheet
1Mb / 7P
   1500W Programmable Single Output
23/05/18
AE-1500-15 COTEK-AE-1500-15 Datasheet
1Mb / 7P
   1500W Programmable Single Output
23/05/18
AE-1500-24 COTEK-AE-1500-24 Datasheet
1Mb / 7P
   1500W Programmable Single Output
23/05/18
AE-1500-30 COTEK-AE-1500-30 Datasheet
1Mb / 7P
   1500W Programmable Single Output
23/05/18
More results

Similar Description - AE-HSB(X)-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP9101C DIODES-AP9101C Datasheet
742Kb / 18P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9211 DIODES-AP9211 Datasheet
532Kb / 17P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9221 DIODES-AP9221 Datasheet
503Kb / 16P
   SINGLE CHIP BATTERY PROTECTION SOLUTION FOR 1-CELL Li BATTERY PACK
May 2021
AP9234L DIODES-AP9234L Datasheet
540Kb / 14P
   HIGH ACCURACY SINGLE CHIP SOLUTION FOR 1-CELL Li plus BATTERY PACK
logo
Shenzhen Huazhimei Semi...
HM5407H HMSEMI-HM5407H Datasheet
1Mb / 11P
   Single-cell Li-ion/Li-polymer rechargeable battery pack protection chip
HM5452G HMSEMI-HM5452G Datasheet
685Kb / 11P
   Single-cell Li-ion/Li-polymer rechargeable battery pack protection chip
logo
Texas Instruments
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-G1 TI1-BQ27541-G1 Datasheet
659Kb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27542-G1 TI1-BQ27542-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com