Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP22800 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP22800
Description  5V SINGLE CHANNEL PROGRAMMABLE LOAD SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22800 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP22800 Datasheet HTML 1Page - Diodes Incorporated AP22800 Datasheet HTML 2Page - Diodes Incorporated AP22800 Datasheet HTML 3Page - Diodes Incorporated AP22800 Datasheet HTML 4Page - Diodes Incorporated AP22800 Datasheet HTML 5Page - Diodes Incorporated AP22800 Datasheet HTML 6Page - Diodes Incorporated AP22800 Datasheet HTML 7Page - Diodes Incorporated AP22800 Datasheet HTML 8Page - Diodes Incorporated AP22800 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AP22800
Document number: DS36046 Rev. 3 - 2
3 of 14
www.diodes.com
January 2015
© Diodes Incorporated
AP22800
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.) (Note 4)
Symbol
Parameter
Ratings
Units
ESD HBM
Human Body ESD Protection
2000
V
ESD MM
Machine Model ESD Protection
200
V
VIN
Input Voltage
6.0
V
VOUT
Output Voltage
6.0
V
VEN
Enable Voltage
6.0
V
IL
Load Current
4.0
A
TJ(max)
Maximum Junction Temperature
+125
°C
TST
Storage Temperature
-55 to +150
°C
PD
Power Dissipation
(Note 5)
0.35
W
(Note 6)
1.42
RθJA
Thermal Resistance, Junction to Ambient
(Note 5)
290
°C/W
(Note 6)
71
RθJC
Thermal Resistance, Junction to Case
8.5
°C/W
Notes:
4. Stresses greater than the 'Absolute Maximum Ratings' specified above may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may be
affected by exposure to absolute maximum rating conditions for extended periods of time.
5. For a device surface mounted on minimum recommended pad layout, in still air conditions; the device is measured when operating in a steady state
condition.
6. For a device surface mounted on 25mm by 25mm by 1.6mm FR4 PCB with high coverage of single sided 2oz copper, in still air conditions; the device is
measured when operating in a steady state condition.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Units
VIN
Input Voltage Range
1.5
5.5
V
VEN
Enable Voltage Range
0
5.5
V
VPG
Power Good Voltage Range
0
5.5
V
TA
Operating Ambient Temperature
-40
+85
°C


Similar Part No. - AP22800

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2280 DIODES-AP2280 Datasheet
286Kb / 9P
   SINGLE CHANNEL SLEW RATE CONTROLLED LOAD SWITCH
AP2280 Rev. 2
AP2280 DIODES-AP2280 Datasheet
304Kb / 12P
   Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
AP2280-1FMG-7 DIODES-AP2280-1FMG-7 Datasheet
304Kb / 12P
   Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
AP2280-1W DIODES-AP2280-1W Datasheet
286Kb / 9P
   SINGLE CHANNEL SLEW RATE CONTROLLED LOAD SWITCH
AP2280 Rev. 2
AP2280-1WG-7 DIODES-AP2280-1WG-7 Datasheet
304Kb / 12P
   Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
More results

Similar Description - AP22800

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP22966 DIODES-AP22966 Datasheet
1Mb / 14P
   5V DUAL CHANNEL PROGRAMMABLE LOAD SWITCH
AP22850 DIODES-AP22850 Datasheet
1Mb / 14P
   10V SINGLE CHANNEL PROGRAMMABLE LOAD SWITCH
logo
Alpha & Omega Semicondu...
AOZ1336DI AOSMD-AOZ1336DI Datasheet
1Mb / 14P
   Single Channel Smart Load Switch
Rev. 1.0 January 2014
logo
Diodes Incorporated
DML1006LDS DIODES-DML1006LDS_17 Datasheet
669Kb / 11P
   SINGLE CHANNEL SMART LOAD SWITCH
DML3006LFDS DIODES-DML3006LFDS Datasheet
1Mb / 9P
   SINGLE CHANNEL SMART LOAD SWITCH
DML3009LDC DIODES-DML3009LDC Datasheet
1Mb / 9P
   SINGLE CHANNEL SMART LOAD SWITCH
DML1005LDS DIODES-DML1005LDS Datasheet
1Mb / 10P
   SINGLE CHANNEL SMART LOAD SWITCH
DML1010FDK DIODES-DML1010FDK Datasheet
1Mb / 11P
   SINGLE CHANNEL SMART LOAD SWITCH
June 2022 Rev. 3 - 2
DML1012LDS DIODES-DML1012LDS Datasheet
1Mb / 12P
   SINGLE CHANNEL SMART LOAD SWITCH
March 2022 Rev. 6 - 2
DML3008LFDS DIODES-DML3008LFDS Datasheet
1Mb / 12P
   SINGLE CHANNEL SMART LOAD SWITCH
December 2021 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com