Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9211SA-AI-HAC-7 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP9211SA-AI-HAC-7
Description  SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9211SA-AI-HAC-7 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP9211SA-AI-HAC-7 Datasheet HTML 3Page - Diodes Incorporated AP9211SA-AI-HAC-7 Datasheet HTML 4Page - Diodes Incorporated AP9211SA-AI-HAC-7 Datasheet HTML 5Page - Diodes Incorporated AP9211SA-AI-HAC-7 Datasheet HTML 6Page - Diodes Incorporated AP9211SA-AI-HAC-7 Datasheet HTML 7Page - Diodes Incorporated AP9211SA-AI-HAC-7 Datasheet HTML 8Page - Diodes Incorporated AP9211SA-AI-HAC-7 Datasheet HTML 9Page - Diodes Incorporated AP9211SA-AI-HAC-7 Datasheet HTML 10Page - Diodes Incorporated AP9211SA-AI-HAC-7 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AP9211
Document number: DS37596 Rev. 2 - 2
7 of 17
www.diodes.com
December 2015
© Diodes Incorporated
AP9211
Electrical Characteristics (continued) (Notes 7 & 8)
(TA = +25°C, VDD = 3.5V, VSS = 0V, R1 = 220Ω, R2 = 1.0kΩ, C1 = 100nF, unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDSS
Zero Gate Voltage Drain Current
VDS = 20V, VGS=0
1.0
μA
RSS(ON)1
Static Source-Source On-Resistance 1
VDD = 4.0V
ID = 1.0A
20
27
30
RSS(ON)2
Static Source-Source On-Resistance 2
VDD = 3.9V
ID = 1.0A
21
27
31
RSS(ON)3
Static Source-Source On-Resistance 3
VDD = 3.0V
ID = 1.0A
21
28
33
VSD
Diode Forward Voltage
VGS = 0V (Note 6)
IS = 1A
0.75
1.0
V
Notes:
7. In case of Gate-Source voltage of charging MOSFET is 0V. In case of Gate-Source voltage of discharging MOSFET is 0V.
8. These specifications are guaranteed by design - will not be tested in production.


Similar Part No. - AP9211SA-AI-HAC-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP9214L DIODES-AP9214L Datasheet
689Kb / 17P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9214L(X)- DIODES-AP9214L(X)- Datasheet
689Kb / 17P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
More results

Similar Description - AP9211SA-AI-HAC-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP9101C DIODES-AP9101C Datasheet
742Kb / 18P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9214L DIODES-AP9214L Datasheet
689Kb / 17P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9221 DIODES-AP9221 Datasheet
503Kb / 16P
   SINGLE CHIP BATTERY PROTECTION SOLUTION FOR 1-CELL Li BATTERY PACK
May 2021
AP9234L DIODES-AP9234L Datasheet
540Kb / 14P
   HIGH ACCURACY SINGLE CHIP SOLUTION FOR 1-CELL Li plus BATTERY PACK
logo
Shenzhen Huazhimei Semi...
HM5407H HMSEMI-HM5407H Datasheet
1Mb / 11P
   Single-cell Li-ion/Li-polymer rechargeable battery pack protection chip
HM5452G HMSEMI-HM5452G Datasheet
685Kb / 11P
   Single-cell Li-ion/Li-polymer rechargeable battery pack protection chip
logo
Texas Instruments
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-G1 TI1-BQ27541-G1 Datasheet
659Kb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27542-G1 TI1-BQ27542-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com