Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP22802AW5-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP22802AW5-7
Description  SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22802AW5-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP22802AW5-7 Datasheet HTML 1Page - Diodes Incorporated AP22802AW5-7 Datasheet HTML 2Page - Diodes Incorporated AP22802AW5-7 Datasheet HTML 3Page - Diodes Incorporated AP22802AW5-7 Datasheet HTML 4Page - Diodes Incorporated AP22802AW5-7 Datasheet HTML 5Page - Diodes Incorporated AP22802AW5-7 Datasheet HTML 6Page - Diodes Incorporated AP22802AW5-7 Datasheet HTML 7Page - Diodes Incorporated AP22802AW5-7 Datasheet HTML 8Page - Diodes Incorporated AP22802AW5-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AP22802
Document number: DS36218 Rev. 3 - 2
3 of 14
www.diodes.com
August 2015
© Diodes Incorporated
AP22802
965010
Recommended Operating Conditions (Note 6)
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
2.7
5.5
V
IOUT
Output Current
0
2
A
VIL
EN Input Logic Low Voltage
0
0.5
V
VIH
EN Input Logic High Voltage
1.5
VIN
V
TA
Operating Ambient Temperature
-40
+85
C
Electrical Characteristics (VIN = 5V @ TA = +25°C, CIN = 1µF, CL = 100nF, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VUVLO
Input UVLO
VIN Rising
1.6
2.0
2.4
V
∆VUVLO
Input UVLO Hysteresis
VIN Decreasing
75
mV
ISHDN
Input Shutdown Current
Disabled, OUT = Open
0.1
1
µA
IQ
Input Quiescent Current
Enabled, OUT = Open
50
µA
ILEAK
Input Leakage Current
Disabled, OUT Grounded
0.1
1
µA
IREV
Reverse Leakage Current
Disabled, VIN = 0V, VOUT = 5V, IREV at VIN
0.01
1
µA
RDS(ON)
Switch On-Resistance
VIN = 5V, IOUT = 2.0A
TA = +25°C
50
VIN = 3.3V, IOUT = 2.0A
TA = +25°C
60
ILIMIT
Over Load Current Limit
VIN = 5V, VOUT = 4.5V
2.2
2.7
3.2
A
ISHORT
Short-Circuit Current Limit
Enabled into Short Circuit
1.1
A
tSHORT
Short-Circuit Response Time
VIN = 5V, No Load Figure 1
0.7
µs
VIL
EN Input Logic Low Voltage
VIN = 2.7V to 5.5V
0.5
V
VIH
EN Input Logic High Voltage
VIN = 2.7V to 5.5V
1.5
V
ILEAK-EN
EN Input Leakage
VIN = 5V, VEN = 0V and 5.5V
0.01
1
µA
ILEAK-O
Output Leakage Current
Disabled, VOUT = 0V
0.5
1
µA
tD(ON)
Output Turn-On Delay Time
CL = 4.7µF, RLOAD = 10Ω @ VIN = 3.3V Figure 2
1.7
ms
tR
Output Turn-On Rise Time
CL = 4.7µF, RLOAD = 10Ω @ VIN = 3.3V Figure 2
1.0
2.1
3.5
ms
tD(OFF)
Output Turn-Off Delay Time
CL = 4.7µF, RLOAD = 10Ω @ VIN = 3.3V Figure 2
0.2
ms
tF
Output Turn-Off Fall Time
CL = 4.7µF, RLOAD = 100Ω @ VIN = 3.3V Figure 2
0.65
ms
RFLG
FLG output FET On-Resistance
IFLG = 10mA
40
60
Ω
IFOH
FLG Off Current
VFLG = 5V
0.01
1
µA
tBlank
FLG Blanking Time
Assertion or deassertion due to overcurrent and
over-temperature condition
2
6
13
ms
tDIS
Discharge Time
CL = 1µF, VIN = 5V, Disabled to VOUT < 0.5V
0.4
ms
RDIS
Discharge Resistance
VIN = 5V, Disabled, IOUT = 1mA
90
Ω
TSHDN
Thermal Shutdown Threshold
Enabled
+140
C
THYS
Thermal Shutdown Hysteresis
+60
C
Note:
6. Refer to the typical application circuit.


Similar Part No. - AP22802AW5-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2280 DIODES-AP2280 Datasheet
286Kb / 9P
   SINGLE CHANNEL SLEW RATE CONTROLLED LOAD SWITCH
AP2280 Rev. 2
AP2280 DIODES-AP2280 Datasheet
304Kb / 12P
   Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
AP2280-1FMG-7 DIODES-AP2280-1FMG-7 Datasheet
304Kb / 12P
   Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
AP2280-1W DIODES-AP2280-1W Datasheet
286Kb / 9P
   SINGLE CHANNEL SLEW RATE CONTROLLED LOAD SWITCH
AP2280 Rev. 2
AP2280-1WG-7 DIODES-AP2280-1WG-7 Datasheet
304Kb / 12P
   Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
More results

Similar Description - AP22802AW5-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP22811 DIODES-AP22811 Datasheet
503Kb / 17P
   SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
DS39135 Rev. 4 - 2
AP22804 DIODES-AP22804 Datasheet
932Kb / 19P
   SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
July 2017
AP22816 DIODES-AP22816 Datasheet
1Mb / 17P
   1.0A/1.5A/2.0A SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
April 2022 Rev. 3 - 2
logo
Fitipower Integrated Te...
FP6861C FITIPOWER-FP6861C Datasheet
606Kb / 16P
   Single-Channel Power Distribution Switch
logo
HTC Korea TAEJIN Techno...
TJ2110 HTC-TJ2110 Datasheet
981Kb / 14P
   Single-Channel Power Distribution Switch
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
   Single Channel USB Power Distribution Switch
logo
Micrel Semiconductor
MIC2025 MICREL-MIC2025_10 Datasheet
1,011Kb / 14P
   Single-Channel Power Distribution Switch MM8짰
logo
Advanced Monolithic Sys...
AMS2027 ADMOS-AMS2027 Datasheet
46Kb / 5P
   SINGLE POWER DISTRIBUTION SWITCH
AMS2027 ADMOS-AMS2027_05 Datasheet
50Kb / 5P
   SINGLE POWER DISTRIBUTION SWITCH
logo
Micrel Semiconductor
MIC2040 MICREL-MIC2040 Datasheet
640Kb / 15P
   Single Channel Low Voltage Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com