Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP2110 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # CP2110
Description  DEVICE CUSTOMIZATION GUIDE
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2110 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button CP2110 Datasheet HTML 3Page - Silicon Laboratories CP2110 Datasheet HTML 4Page - Silicon Laboratories CP2110 Datasheet HTML 5Page - Silicon Laboratories CP2110 Datasheet HTML 6Page - Silicon Laboratories CP2110 Datasheet HTML 7Page - Silicon Laboratories CP2110 Datasheet HTML 8Page - Silicon Laboratories CP2110 Datasheet HTML 9Page - Silicon Laboratories CP2110 Datasheet HTML 10Page - Silicon Laboratories CP2110 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
AN721
Rev. 1.2
7
The above program is an example of the CP2110 device, but the program is similar for all devices. There are three
main sections that can be edited. The first one is the Set IDs section as shown. Below that is the Baud Rate Alias
section and then below that is the Port Configuration settings. Changes can be made in each of these sections and
saved by clicking on the “Program Device” button. This will save the values into flash or one-time programmable
memory. If any of these three main sections are blank it is because there is no configuration for the Baud Rate
Alias or Port Configuration. All devices will have the SETID Configuration. The Status Logging window updates and
prints out all the transactions to verify the device has programmed correctly.
4. Changing Device Settings for the CP2110, CP2114, and CP2130
The CP2110, CP2114, and CP2130 are all one-time programmable devices. The various customizable fields of the
CP2110/CP2114/CP2130 devices are only programmable one time using the program. Be careful to change all
settings under every tab before clicking the “Program Device” button.
Figure 4. CP2110, CP2114, and CP2130 Device Customization Software Set IDs Window
When the Device Customization Software is launched, the program searches for any CP2110/CP2114/CP2130
devices attached to the PC. The full path information for all of the devices found is inserted into the "Device
Selection" drop-down list, and the first device is selected automatically. There is a SET IDs window and a Port
Configuration Window for both these devices.


Similar Part No. - CP2110

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2110 SILABS-CP2110 Datasheet
322Kb / 30P
   DEVICE CUSTOMIZATION GUIDE
CP2110 SILABS-CP2110 Datasheet
198Kb / 54P
   HID-TO-UART API SPECIFICATION
CP2110 SILABS-CP2110 Datasheet
183Kb / 34P
   INTERFACE SPECIFICATION
CP2110 SILABS-CP2110 Datasheet
268Kb / 26P
   SINGLE-CHIP HID USB TO UART BRIDGE
CP2110-EK SILABS-CP2110-EK Datasheet
287Kb / 10P
   Quick Start Guide
More results

Similar Description - CP2110

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN144 SILABS-AN144 Datasheet
322Kb / 30P
   DEVICE CUSTOMIZATION GUIDE
logo
Abracon Corporation
APAE1575R2540BBDB1-T ABRACON-APAE1575R2540BBDB1-T Datasheet
2Mb / 3P
   Customization Available
11.14.13
APAE1621R2540ABDD1-T ABRACON-APAE1621R2540ABDD1-T Datasheet
2Mb / 3P
   Customization Available
12.10.15
APAE2338L2540DDDB1-T ABRACON-APAE2338L2540DDDB1-T Datasheet
2Mb / 3P
   Customization Available
07.20.2016
logo
Silicon Laboratories
AN220 SILABS-AN220 Datasheet
452Kb / 8P
   USB DRIVER CUSTOMIZATION
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12DT128 FREESCALE-MC9S12DT128 Datasheet
6Mb / 142P
   Device User Guide
MC9S12DT128_1002 FREESCALE-MC9S12DT128_1002 Datasheet
1Mb / 140P
   Device User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com