Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP2112 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # CP2112
Description  DEVICE CUSTOMIZATION GUIDE
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2112 Datasheet(HTML) 4 Page - Silicon Laboratories

  CP2112 Datasheet HTML 1Page - Silicon Laboratories CP2112 Datasheet HTML 2Page - Silicon Laboratories CP2112 Datasheet HTML 3Page - Silicon Laboratories CP2112 Datasheet HTML 4Page - Silicon Laboratories CP2112 Datasheet HTML 5Page - Silicon Laboratories CP2112 Datasheet HTML 6Page - Silicon Laboratories CP2112 Datasheet HTML 7Page - Silicon Laboratories CP2112 Datasheet HTML 8Page - Silicon Laboratories CP2112 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
AN721
4
Rev. 1.2
6. (Microsoft Windows Only): The customized driver is eligible for WHQL re-seller submissions to certify the
driver. These submissions do not have the high cost and testing requirements of an original driver
submission. To certify a customized VCP or USBXpress driver, register at the WinQual site
https://sysdev.microsoft.com to obtain a WinQual account with your company. Internet Explorer is the only
web browser that can be used with the WHQL website. A Verisign ID is needed to register an account
(instructions for obtaining one are available at Microsoft's website:
http://msdn.microsoft.com/en-us/library/windows/hardware/hh801887?ppud=4. The correct Verisign ID is
the CodeSigner Standard
http://www.verisign.com/code-signing/microsoft-authenticode/index.html?sl=header.
7. (Microsoft Windows Only): After obtaining a WinQual account, notify the Silicon Labs support team
www.silabs.com/contactsupport to be added as a registered Reseller. Provide the driver type (VCP or
USBXpress) and version (e.g., v6.5) when requesting Reseller status.
8. (Microsoft Windows Only): Silicon Labs will add your company as a registered reseller. Your company
must complete the provided directions to finish the recertification process.
Note: For further detailed instructions on Microsoft’s submission process for recertification for a customized driver please view
the document attached to the KnowledgeBase article called “How to Recertify a Customized Driver Package.pdf” located
here: http://cp-siliconlabs.kb.net/article.aspx?article=89180&p=4120.
2.2. Summary of Steps for Customizing the CP211x HID USB Devices
The CP211x family does not require a driver because it is automatically recognized as part of the HID class, which
simplifies the process. Most operating systems include native drivers. The CP211x will not fit a standard HID
device type such as a keyboard or mouse. Any CP211x PC application will need to use the specific CP211x HID
specification to communicate with it. This low-level HID specification is documented and provided by Silicon Labs
in the form of a DLL.
The following are the steps to follow to customize the CP211x HID USB devices to ensure a unique VID/PID
combination:
1. Request a unique PID from Silicon Labs for a new design: http://www.silabs.com/RequestPID.
2. Use the Device Customization Software program described in Section 3 below to change the descriptors in
the firmware of the device.
2.3. Summary of Steps for Customizing CP2130 USB-to-SPI Devices
The CP2130 family of devices provides communication from USB to SPI. This requires a driver to interface to the
device. In most cases, a generic USB driver, such a Microsoft's WinUSB or the open source libUSB driver, can be
used with the CP2130. All that is required is to generate a proper driver INF file that associates a CP2130 with a
specific USB VID/PID with the generic USB driver. The CP2130 evaluation kit ships with a WinUSB driver and INF
file that includes support for the default CP2130 VID/PID. In order to customize the CP2130, the user must install
this stock driver in order for the CP21xx Customization Software to communicate with the device. Once the
CP2130 has been customized and the VID and/or PID have changed, the user must customize the driver to
recognize the new VID/PID.
The CP2130 data sheet lists WinUSB drivers for various Windows operating systems. The steps described below
must be followed each time a new operating system is to be supported. If the driver has been certified for Windows
7 32-bit and it becomes necessary to support Windows 7 64-bit, then the driver must be recertified. The Microsoft
certification process must be initiated again, and the reseller fee must be paid to Microsoft for the 64-bit version of
the driver. Microsoft requires this certification process, which involves Windows hardware quality labs testing
(WHQL). It certifies that the hardware or software has been tested by Microsoft to ensure compatibility. Device
drivers that pass the WHQL tests are given a digitally-signed certification file, which prevents Windows from
displaying a warning message that the driver has not been certified by Microsoft.
Figure 2 shows the default VID and PID values for the device and drivers. To establish communication with the
driver, the VID and PID of the device must match the driver. Notice that the default CP2130 device VID and PID
match the default WinUSB driver VID and PID numbers.


Similar Part No. - CP2112

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2112 SILABS-CP2112 Datasheet
322Kb / 30P
   DEVICE CUSTOMIZATION GUIDE
CP2112 SILABS-CP2112 Datasheet
113Kb / 22P
   INTERFACE SPECIFICATION
CP2112 SILABS-CP2112 Datasheet
170Kb / 36P
   HID USB-TO-SMBUS API SPECIFICATION
CP2112 SILABS-CP2112 Datasheet
225Kb / 22P
   SINGLE-CHIP HID USB TO SMBUS MASTER BRIDGE
CP2112-EK SILABS-CP2112-EK Datasheet
434Kb / 14P
   Quick Start Guide
More results

Similar Description - CP2112

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN144 SILABS-AN144 Datasheet
322Kb / 30P
   DEVICE CUSTOMIZATION GUIDE
logo
Abracon Corporation
APAE1575R2540BBDB1-T ABRACON-APAE1575R2540BBDB1-T Datasheet
2Mb / 3P
   Customization Available
11.14.13
APAE1621R2540ABDD1-T ABRACON-APAE1621R2540ABDD1-T Datasheet
2Mb / 3P
   Customization Available
12.10.15
APAE2338L2540DDDB1-T ABRACON-APAE2338L2540DDDB1-T Datasheet
2Mb / 3P
   Customization Available
07.20.2016
logo
Silicon Laboratories
AN220 SILABS-AN220 Datasheet
452Kb / 8P
   USB DRIVER CUSTOMIZATION
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12DT128 FREESCALE-MC9S12DT128 Datasheet
6Mb / 142P
   Device User Guide
MC9S12DT128_1002 FREESCALE-MC9S12DT128_1002 Datasheet
1Mb / 140P
   Device User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com