Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8009 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # PAM8009
Description  3W STEREO CLASS-D Audio Amplifier and Class AB Headphone Driver (DC VOLUME, UVP and AGC Function)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8009 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button PAM8009 Datasheet HTML 4Page - Diodes Incorporated PAM8009 Datasheet HTML 5Page - Diodes Incorporated PAM8009 Datasheet HTML 6Page - Diodes Incorporated PAM8009 Datasheet HTML 7Page - Diodes Incorporated PAM8009 Datasheet HTML 8Page - Diodes Incorporated PAM8009 Datasheet HTML 9Page - Diodes Incorporated PAM8009 Datasheet HTML 10Page - Diodes Incorporated PAM8009 Datasheet HTML 11Page - Diodes Incorporated PAM8009 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PAM8009
Document number: DS37224 Rev. 1 - 2
9 of 12
www.diodes.com
January 2015
© Diodes Incorporated
PAM8009
Application Information (Cont.)
Input Capacitor (Ci)
Large input capacitors are both expensive and space hungry for portable designs. Clearly, a certain sized capacitor is needed to couple in low
frequency without severe attenuation. But in many cases the speakers used in portable systems, whether internal or external, have little ability to
reproduce signals below 100Hz to 150Hz. Thus, using a large-input-capacitor may not increase actual system performance. In this case, Input
Capacitor (Ci) and Input Resistance (Ri) of the amplifier form a high-pass filter with the corner frequency determined equation below:
Fc = 1/ 2πRi x Ci
In addition to system cost and size, click and pop performance is affected by the size of the input coupling capacitor, Ci. A larger in/out coupling
capacitor requires more charge to reach its quiescent DC voltage (Normally 1/2 VDD). This charge comes from the internal circuit via the feedback
and is apt to create pops upon device enabling. Thus, by minimizing the capacitor size based on necessary low frequency response, turn on pop
can be minimized.
Bypass Capacitor (CBYP)
Bypass Capacitor (CBYP) is the most critical capacitor and serves several important functions. During start-up or recovery from shutdown mode,
CBYP determines the rate at which the amplifier starts up. The second function is to reduce noise produced by the power supply caused by coupling
into the output signal. The noise is from the internal analog reference to the amplifier, which appears as degraded PSRR and THD+N.
A ceramic bypass capacitor (CBYP) of 0.47uF to 1.0uF is recommended for the best THD and noise performance. Increasing the bypass capacitor
reduces clicking and popping noise from power on/off and entering and leaving shutdown.
Ordering Information


Similar Part No. - PAM8009

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8001 PAM-PAM8001 Datasheet
89Kb / 1P
   Anti-Saturation Filterless 2W Class-D Stereo Amplifier with DC VolumeControl
logo
Diodes Incorporated
PAM8001 DIODES-PAM8001 Datasheet
716Kb / 17P
   ANTI-SATURATION FILTERLESS 2W CLASS-D STEREO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8001NHR PAM-PAM8001NHR Datasheet
89Kb / 1P
   Anti-Saturation Filterless 2W Class-D Stereo Amplifier with DC VolumeControl
logo
Diodes Incorporated
PAM8001NHR DIODES-PAM8001NHR Datasheet
716Kb / 17P
   ANTI-SATURATION FILTERLESS 2W CLASS-D STEREO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8001XHR PAM-PAM8001XHR Datasheet
89Kb / 1P
   Anti-Saturation Filterless 2W Class-D Stereo Amplifier with DC VolumeControl
More results

Similar Description - PAM8009

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8019 DIODES-PAM8019 Datasheet
776Kb / 12P
   3W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS AB HEADPHONE DRIVER
logo
Anpec Electronics Corop...
APA2604C ANPEC-APA2604C Datasheet
510Kb / 30P
   3W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2603A ANPEC-APA2603A Datasheet
607Kb / 28P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2606 ANPEC-APA2606_17 Datasheet
462Kb / 27P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2606 ANPEC-APA2606 Datasheet
551Kb / 27P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2603A ANPEC-APA2603A_18 Datasheet
514Kb / 28P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
logo
Diodes Incorporated
PAM8010 DIODES-PAM8010 Datasheet
574Kb / 17P
   3W STEREO CLASS-D DC VOLUME, HEADPHONE and POWER LIMIT
logo
Power Analog Micoelectr...
PAM8007 PAM-PAM8007 Datasheet
968Kb / 16P
   Filterless 3W Class-D Stereo Audio Amplifier with DC Volume Control and Headphone Output
logo
Eutech Microelectronics...
EUA2035 EUTECH-EUA2035 Datasheet
150Kb / 1P
   3W/CH Stereo Filterless Class-D Audio Amplifier with 64-Step DC Volume Control, AGC and Headphone Output
logo
Power Analog Micoelectr...
PAM8010 PAM-PAM8010 Datasheet
1Mb / 17P
   3W Stereo Class-D with DC Volume, Headphone and Power Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com