Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC807U Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BC807U
Description  PNP Silicon Transistor Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC807U Datasheet(HTML) 3 Page - Infineon Technologies AG

  BC807U Datasheet HTML 1Page - Infineon Technologies AG BC807U Datasheet HTML 2Page - Infineon Technologies AG BC807U Datasheet HTML 3Page - Infineon Technologies AG BC807U Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BC807U
Nov-29-2001
3
Total power dissipation
Ptot = f (TS)
0
20
40
60
80
100
120 °C
150
TS
0
50
100
150
200
250
300
mW
400
Collector cutoff current ICBO = f (TA)
VCB = 25V
0
10
EHP00213
A
T
150
0
5
10
Ι
CBO
nA
50
100
1
10
2
10
4
10
˚C
typ
max
103
Permissible Pulse Load
RthJS = f (tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-1
10
0
10
1
10
2
10
3
10
K/W
D=0.5
0.2
0.1
0.05
0.02
0.01
0.005
0
Permissible Pulse Load
Ptotmax / PtotDC = f (tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
3
10
D=0
0.005
0.01
0.02
0.05
0.1
0.2
0.5


Similar Part No. - BC807U

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC807U INFINEON-BC807U Datasheet
74Kb / 7P
   PNP Silicon AF Transistor Array
2007-04-20
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
logo
Micro Commercial Compon...
BC807U MCC-BC807U Datasheet
379Kb / 3P
   Dual PNP Transistor
logo
Infineon Technologies A...
BC807U INFINEON-BC807U Datasheet
528Kb / 7P
   PNP Silicon AF Transistor Array
2011-08-11
logo
First Silicon Co., Ltd
BC807U FS-BC807U Datasheet
278Kb / 3P
   General Purpose Transistors
More results

Similar Description - BC807U

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCM856S INFINEON-BCM856S Datasheet
191Kb / 8P
   PNP Silicon AF Transistor Array
Aug-30-2002
BCR183U INFINEON-BCR183U Datasheet
115Kb / 4P
   PNP Silicon Digital Transistor Array
Dec-13-2001
BC856U INFINEON-BC856U Datasheet
58Kb / 6P
   PNP Silicon AF Transistor Array
Nov-29-2001
BC857S INFINEON-BC857S Datasheet
57Kb / 6P
   PNP Silicon AF Transistor Array
Nov-29-2001
BCR183S INFINEON-BCR183S Datasheet
115Kb / 4P
   PNP Silicon Digital Transistor Array
Dec-13-2001
BCR192U INFINEON-BCR192U Datasheet
115Kb / 4P
   PNP Silicon Digital Transistor Array
Dec-13-2001
SMBT3906S INFINEON-SMBT3906S Datasheet
76Kb / 8P
   PNP Silicon Switching Transistor Array
Nov-30-2001
BCR198S INFINEON-BCR198S Datasheet
115Kb / 4P
   PNP Silicon Digital Transistor Array
Dec-13-2001
SMBT3906U INFINEON-SMBT3906U Datasheet
77Kb / 8P
   PNP Silicon Switching Transistor Array
Nov-30-2001
BCM856S INFINEON-BCM856S_07 Datasheet
92Kb / 9P
   PNP Silicon AF Transistor Array
2007-04-27
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com