Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP2114 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # CP2114
Description  SINGLE-CHIP USB AUDIO TO I2S DIGITAL AUDIO BRIDGE
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2114 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button CP2114 Datasheet HTML 3Page - Silicon Laboratories CP2114 Datasheet HTML 4Page - Silicon Laboratories CP2114 Datasheet HTML 5Page - Silicon Laboratories CP2114 Datasheet HTML 6Page - Silicon Laboratories CP2114 Datasheet HTML 7Page - Silicon Laboratories CP2114 Datasheet HTML 8Page - Silicon Laboratories CP2114 Datasheet HTML 9Page - Silicon Laboratories CP2114 Datasheet HTML 10Page - Silicon Laboratories CP2114 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
CP2114
Rev. 1.1
7
Table 5. GPIO Output Specifications
–40 to +85 °C unless otherwise specified.
Parameter
Test Condition
Min
Typ
Max
Unit
GPIO.9 Clock Output
fOUT x
0.985
fOUT
fOUT x
1.015
Hz
TX Toggle Rate
20
Hz
RX Toggle Rate
20
Hz
Table 6. One Time Programming Specifications
VDD = 3.3 to 3.6 V, –40 to +85 °C unless otherwise specified.
Parameter
Test Condition
Min
Typ
Max
Unit
Digital Port I/O Supply Voltage
(VIO) during programming
3.3
VDD
V
Voltage on VPP with respect to
GND during a programming
operation
VIO > 3.3 V
5.75
VIO + 3.6
V
Capacitor on VPP for programming
4.7
µF
Table 7. System Clock Specifications
VDD = 3.3 to 3.6 V, –40 to +85 °C unless otherwise specified.
Parameter
Test Condition
Min
Typ
Max
Unit
Internal Oscillator
SF = 0 (Register: System_Props, bit: 1)
SF = 1 (Register: System_Props, bit: 1)
48
49.152
MHz
MHz
External CMOS clock input
frequency
SF = 0 (Register: System_Props, bit: 1)
SF = 1 (Register: System_Props, bit: 1)
47.880
48
49.152
48.120
MHz
MHz
1. Depending on the requirements of the external DAC, the system clock frequency will be either 48.0 or 49.152 MHz. See
Section 5.6 for more information.
2. The USB specification requires a clock accuracy of ±0.25%.


Similar Part No. - CP2114

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2114 SILABS-CP2114 Datasheet
198Kb / 54P
   HID-TO-UART API SPECIFICATION
CP2114 SILABS-CP2114 Datasheet
183Kb / 34P
   INTERFACE SPECIFICATION
CP2114 SILABS-CP2114 Datasheet
745Kb / 45P
   DEVICE CUSTOMIZATION GUIDE
CP2114-CS42L55EK SILABS-CP2114-CS42L55EK Datasheet
1Mb / 26P
   EVALUATION KIT USERS GUIDE
CP2114-EK SILABS-CP2114-EK Datasheet
1Mb / 26P
   EVALUATION KIT USERS GUIDE
More results

Similar Description - CP2114

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2615 SILABS-CP2615 Datasheet
844Kb / 35P
   USB Audio to I2S Digital Audio Bridge
logo
C-Media Electronics
CM6210 CMEDIA-CM6210 Datasheet
375Kb / 18P
   Multi-channel USB-I2S Audio Controller
CM6300 CMEDIA-CM6300 Datasheet
896Kb / 32P
   USB Audio Single Chip Specification
logo
Realtek Semiconductor C...
ALC5629 REALTEK-ALC5629 Datasheet
717Kb / 38P
   I2S/PCM AUDIO DAC
logo
List of Unclassifed Man...
SPCA514A ETC-SPCA514A Datasheet
111Kb / 14P
   Digital Audio USB Controller
logo
Elite Semiconductor Mem...
AD62550A ESMT-AD62550A Datasheet
248Kb / 3P
   Class-D Audio Power Amplifier with USB / I2S Interface
logo
ATMEL Corporation
AT85C51SND3B ATMEL-AT85C51SND3B_07 Datasheet
2Mb / 271P
   Single-Chip Digital Audio Decoder - Encoder with USB 2.0 Interface
AT85C51SND3B1 ATMEL-AT85C51SND3B1 Datasheet
3Mb / 263P
   Single-Chip Digital Audio Decoder - Encoder with USB 2.0 Interface
AT85C51SND3B ATMEL-AT85C51SND3B Datasheet
5Mb / 270P
   Single-Chip Digital Audio Decoder - Encoder with USB 2.0 Interface
logo
Realtek Semiconductor C...
ALC5623-GR REALTEK-ALC5623-GR_08 Datasheet
1Mb / 75P
   I2S AUDIO CODEC HEADPHONE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com