Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP2114-B01-GM Datasheet(PDF) 9 Page - Silicon Laboratories

Part # CP2114-B01-GM
Description  SINGLE-CHIP USB AUDIO TO I2S DIGITAL AUDIO BRIDGE
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2114-B01-GM Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button CP2114-B01-GM Datasheet HTML 5Page - Silicon Laboratories CP2114-B01-GM Datasheet HTML 6Page - Silicon Laboratories CP2114-B01-GM Datasheet HTML 7Page - Silicon Laboratories CP2114-B01-GM Datasheet HTML 8Page - Silicon Laboratories CP2114-B01-GM Datasheet HTML 9Page - Silicon Laboratories CP2114-B01-GM Datasheet HTML 10Page - Silicon Laboratories CP2114-B01-GM Datasheet HTML 11Page - Silicon Laboratories CP2114-B01-GM Datasheet HTML 12Page - Silicon Laboratories CP2114-B01-GM Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
CP2114
Rev. 1.1
9
Table 10. Analog Output/Input Characteristics (CS42L55 daughtercard)
25 °C, bus-powered, USB synchronization mode: asynchronous, digital audio interface mode: I
2S, DAC/ADC gains set to 0 dB,
test signal for analog output: uncompressed WAV file, full-scale sine wave at 997 Hz, measurement bandwidth 20 Hz to 20 kHz
Additional parameters that apply to this table are as follows:
VA = VCP = VLDO = 2.5 V
Internal oscillator mode
Parameter
Test Condition
Min
Typ
Max
Unit
Analog Output (Line Output)
THD + Noise
0 dB input
–20 dB input
–60 dB input
–80
–91
–91
dB
dB
dB
Dynamic Range
A-weighted
92
dB
Noise Level
Output muted
–112
dB
Frequency response
20 Hz – 20 kHz
+0.03,
–0.07
—dB
Analog Input
THD + Noise
–1 dB input
–20 dB input
–60 dB input
–85
–87
–87
dB
dB
dB
Dynamic Range
A-weighted
90
dB
Noise Level
Analog input locally muted
0*
dB
*Note: When analog input is locally muted, the CP2114 transmits sample values of 0 to the host.
Table 11. Analog Output Characteristics (WM8523 daughtercard)
25 °C, bus-powered, USB synchronization mode: asynchronous, digital audio interface mode: I
2S, DAC/ADC gains set to 0 dB,
test signal for analog output: uncompressed WAV file, full-scale sine wave at 997 Hz, measurement bandwidth 20 Hz to 20 kHz
Additional parameters that apply to this table are as follows:
LINEVDD = AVDD = 3.3 V
Internal oscillator mode
External headphone amplifier disconnected, no lowpass filter on LINEVOUTL/LINEVOUTR
Parameter
Test Condition
Min
Typ
Max
Unit
THD + Noise
0 dB FS input
–20 dB FS input
–60 dB FS input
–83
–91
–91
dB
dB
dB
Dynamic Range
A-weighted
94
dB
Noise Level
Output muted
–99
dB
Frequency response
20 Hz – 20 kHz
+0.04,
–0.05
—dB


Similar Part No. - CP2114-B01-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2114-CS42L55EK SILABS-CP2114-CS42L55EK Datasheet
1Mb / 26P
   EVALUATION KIT USERS GUIDE
CP2114-EK SILABS-CP2114-EK Datasheet
1Mb / 26P
   EVALUATION KIT USERS GUIDE
CP2114-PCM1774EK SILABS-CP2114-PCM1774EK Datasheet
1Mb / 26P
   EVALUATION KIT USERS GUIDE
CP2114-WM8523EK SILABS-CP2114-WM8523EK Datasheet
1Mb / 26P
   EVALUATION KIT USERS GUIDE
More results

Similar Description - CP2114-B01-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2615 SILABS-CP2615 Datasheet
844Kb / 35P
   USB Audio to I2S Digital Audio Bridge
logo
C-Media Electronics
CM6210 CMEDIA-CM6210 Datasheet
375Kb / 18P
   Multi-channel USB-I2S Audio Controller
CM6300 CMEDIA-CM6300 Datasheet
896Kb / 32P
   USB Audio Single Chip Specification
logo
Realtek Semiconductor C...
ALC5629 REALTEK-ALC5629 Datasheet
717Kb / 38P
   I2S/PCM AUDIO DAC
logo
List of Unclassifed Man...
SPCA514A ETC-SPCA514A Datasheet
111Kb / 14P
   Digital Audio USB Controller
logo
Elite Semiconductor Mem...
AD62550A ESMT-AD62550A Datasheet
248Kb / 3P
   Class-D Audio Power Amplifier with USB / I2S Interface
logo
ATMEL Corporation
AT85C51SND3B ATMEL-AT85C51SND3B_07 Datasheet
2Mb / 271P
   Single-Chip Digital Audio Decoder - Encoder with USB 2.0 Interface
AT85C51SND3B1 ATMEL-AT85C51SND3B1 Datasheet
3Mb / 263P
   Single-Chip Digital Audio Decoder - Encoder with USB 2.0 Interface
AT85C51SND3B ATMEL-AT85C51SND3B Datasheet
5Mb / 270P
   Single-Chip Digital Audio Decoder - Encoder with USB 2.0 Interface
logo
Realtek Semiconductor C...
ALC5623-GR REALTEK-ALC5623-GR_08 Datasheet
1Mb / 75P
   I2S AUDIO CODEC HEADPHONE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com