Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC82AY-1 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HC82AY-1
Description  Komatsulite HC Series Breaker
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HC82AY-1 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HC82AY-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers HC82AY-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers HC82AY-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers HC82AY-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers HC82AY-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Caution when using Breaker
Before using the breaker, please fully read the DESIGN AND HANDLING CAUTIONS stated below so that there will be no breaker
performance deterioration and/or damage to the breaker body or terminal.
DESIGN CAUTIONS
1.
Use within the electrical ratings specified in this data sheet. If used over the rating of voltage or current, ON-OFF life might be impacted
and contact may be deteriorated due to breaker arm damage.
2.
If used over the electrical rating, the circuit may not open safely. Please test your device for any abnormalities and confirm that the breaker
will open the circuit safely in your device.
3.
Mount the breaker on your device where heat is the highest in order to transfer it effectively to the breaker.
4.
After the breaker is mounted, affix it so that the breaker body and terminals will not move. If not affixed, breaker resistance could increase
or contact open due to stress during handling or vibration/shock during transportation.
5.
Mount the breaker body and terminals in a straight and flat direction. If the body and terminals are mounted in a twisted condition, breaker
resistance could increase or create body damage.
6.
If breaker is to be resin-molded, test and evaluate to determine whether the breaker can be used effectively.
7.
The breaker cannot be used as a repetitive ON-OFF thermostat.
8.
The breaker is not washable. Do not wash.
9.
The breaker is not designed nor guaranteed for flow, reflow or hand-soldering applications. If such application is required, test and
evaluate in your specific application to confirm that the breaker can be used.
10. When mounting and after mounting the breaker, do not apply supersonic vibration. Vibration and heat may cause the breaker resistance
to increase or may cause body damage. If you apply supersonic vibration after mounting the breaker, test and evaluate in your specific
application to confirm that the breaker can be used.
11. Do not use the breaker in the following abnormal environments:
a) Water, oil, chemicals or organic solutions
b) Direct sunlight, outdoor exposure, dust
c) Dew condensation, allowing the breaker to get wet
d) Salt breeze, chlorine, hydrogen sulfide, ammonium, sulfide-oxidation, hydrogen chloride, and anywhere there is a possibility of
generating corrosive gas such as ulfurous acid gas
e) Strong static electric charge or electromagnetic wave
12. Thie breaker is not designed or tested for, and should not be used in aerospace, airplane, nuclear, military, life-sustaining medical and
other related equipment.
Komatsulite™ HC Series Breaker


Similar Part No. - HC82AY-1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
HC82AY-1 BOURNS-HC82AY-1 Datasheet
601Kb / 5P
   Breaker (Thermal Cutoff Device)
More results

Similar Description - HC82AY-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC72AY-1 ETC2-LC72AY-1 Datasheet
816Kb / 5P
   Komatsulite??LC Series Breaker
KCA72AB0 ETC2-KCA72AB0 Datasheet
722Kb / 5P
   Komatsulite??KCA Series A-Type Breaker
NR72AB0 ETC2-NR72AB0 Datasheet
734Kb / 5P
   Komatsulite??NR Series A-Type Breaker
NR72CB0 ETC2-NR72CB0 Datasheet
739Kb / 5P
   Komatsulite??NR Series C-Type Breaker
logo
Bourns Electronic Solut...
AA72AB0 BOURNS-AA72AB0 Datasheet
469Kb / 5P
   Formerly KOMATSULITE a product
logo
Maxwell Technologies
BCAP0001 MAXWELL-BCAP0001 Datasheet
939Kb / 9P
   HC SERIES ULTRACAPACITORS
logo
Faraday Technology
HC7425FPA FARADAY-HC7425FPA Datasheet
200Kb / 2P
   HC SERIES HDTV FILTERS
logo
List of Unclassifed Man...
9C ETC2-9C Datasheet
386Kb / 1P
   SMD HC-49S 9C SERIES
9B ETC2-9B Datasheet
482Kb / 1P
   DIP HC-49S 9B SERIES
logo
PHOENIX CONTACT
1772722 PHOENIX-1772722 Datasheet
95Kb / 2P
   HC-CB
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com