Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP2108-B01-GM Datasheet(PDF) 6 Page - Silicon Laboratories

Part # CP2108-B01-GM
Description  SINGLE-CHIP USB-TO-QUAD-UART BRIDGE
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2108-B01-GM Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button CP2108-B01-GM Datasheet HTML 2Page - Silicon Laboratories CP2108-B01-GM Datasheet HTML 3Page - Silicon Laboratories CP2108-B01-GM Datasheet HTML 4Page - Silicon Laboratories CP2108-B01-GM Datasheet HTML 5Page - Silicon Laboratories CP2108-B01-GM Datasheet HTML 6Page - Silicon Laboratories CP2108-B01-GM Datasheet HTML 7Page - Silicon Laboratories CP2108-B01-GM Datasheet HTML 8Page - Silicon Laboratories CP2108-B01-GM Datasheet HTML 9Page - Silicon Laboratories CP2108-B01-GM Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
CP2108
6
Rev. 1.1
Table 3. UART, GPIO, and Suspend I/O
VDD= 3.0 to 3.6 V, VIO=1.8 V to VDD, VIOHD = 2.7 V to 6.0 V, –40 to +85 °C unless otherwise specified.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output High Voltage (All pins except
High Drive UART 3 pins 1–6)
VOH
VIO –0.7
V
Output High Voltage
(High Drive UART 3 pins 1–6)
VIOHD –0.7
V
Output Low Voltage
(All pins except High Drive pins 1–6)
VOL
Low Drive
IOL = 3 mA
——
0.6
V
Output Low Voltage
(High Drive pins 1–6)
High Drive
IOL = 12.5 mA
0.6
V
Input High Voltage
VIH
3.0 < VIO < 3.6
VIO –0.6
V
Input Low Voltage
VIL
——
0.6
V
Weak Pull-up Current
(VIN = 0 V)
IPU
VIO = 3.6 V
–30
–20
–10
µA
Weak Pull-up Current UART 3
(pins 1–6)
IPU
VIOHD = 2.7 V
–15
–10
–5
µA
VIOHD = 6.0 V
–30
–20
–10
µA
Table 4. GPIO Output Specifications
–40 to +85°C unless otherwise specified.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
RS-485 Active Time After Stop Bit
tACTIVE
—1
bit
time*
TX Toggle Rate
fTXTOG
—15
Hz
RX Toggle Rate
fRXTOG
—15
Hz
Clock Output Rate
fCLOCK
78k
20M
Hz
*Note: Bit-time is calculated as 1 / baud rate.
Table 5. Reset
–40 to +85 °C unless otherwise specified.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Power-On Reset (POR) Threshold
VPOR
Rising Voltage on VDD
—1.4
V
Falling Voltage on VDD
0.8
1
1.3
V
VDD Ramp Time
tRMP
Time to VDD > 3.0 V
10
3000
µs
RESET Input High Voltage
VIHRESET
3.0 < VIO < 3.6
VIO – 0.6
V
RESET Input Low Voltage
VILRESET
——
0.6
V
RESET Low Time to Generate Reset
tRSTL
50
ns


Similar Part No. - CP2108-B01-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2108 SILABS-CP2108 Datasheet
156Kb / 36P
   PROGRAMMERS GUIDE
CP2108 SILABS-CP2108 Datasheet
745Kb / 45P
   DEVICE CUSTOMIZATION GUIDE
More results

Similar Description - CP2108-B01-GM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP2101 ETC-CP2101 Datasheet
348Kb / 14P
   Single-Chip USB to UART Bridge
CP2103 ETC1-CP2103 Datasheet
399Kb / 18P
   SINGLE-CHIP USB TO UART BRIDGE
logo
Silicon Laboratories
CP2102 SILABS-CP2102 Datasheet
408Kb / 18P
   SINGLE-CHIP USB TO UART BRIDGE
CP2101-GMR SILABS-CP2101-GMR Datasheet
445Kb / 20P
   Single-Chip USB to UART Bridge
CP2103 SILABS-CP2103 Datasheet
417Kb / 20P
   SINGLE-CHIP USB TO UART BRIDGE
CP2102 SILABS-CP2102_V01 Datasheet
2Mb / 26P
   SINGLE-CHIP USB-TO-UART BRIDGE
Rev. 1.8 1/17
CP2101 SILABS-CP2101 Datasheet
445Kb / 20P
   Single-Chip USB to UART Bridge
CP2110 SILABS-CP2110 Datasheet
268Kb / 26P
   SINGLE-CHIP HID USB TO UART BRIDGE
logo
STMicroelectronics
STEVAL-PCC018V1 STMICROELECTRONICS-STEVAL-PCC018V1 Datasheet
631Kb / 5P
   UART to USB bridge
February 2014 Rev 1
logo
Cypress Semiconductor
CY7C64225 CYPRESS-CY7C64225 Datasheet
343Kb / 19P
   USB-to-UART Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com