Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP2114-PCM1774EK Datasheet(PDF) 1 Page - Silicon Laboratories

Part # CP2114-PCM1774EK
Description  EVALUATION KIT USERS GUIDE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2114-PCM1774EK Datasheet(HTML) 1 Page - Silicon Laboratories

  CP2114-PCM1774EK Datasheet HTML 1Page - Silicon Laboratories CP2114-PCM1774EK Datasheet HTML 2Page - Silicon Laboratories CP2114-PCM1774EK Datasheet HTML 3Page - Silicon Laboratories CP2114-PCM1774EK Datasheet HTML 4Page - Silicon Laboratories CP2114-PCM1774EK Datasheet HTML 5Page - Silicon Laboratories CP2114-PCM1774EK Datasheet HTML 6Page - Silicon Laboratories CP2114-PCM1774EK Datasheet HTML 7Page - Silicon Laboratories CP2114-PCM1774EK Datasheet HTML 8Page - Silicon Laboratories CP2114-PCM1774EK Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Rev. 0.1 10/12
Copyright © 2012 by Silicon Laboratories
CP2114-EK
CP2114-EK
CP2114 E VALUATION K IT U SER S G UIDE
1. Kit Contents
The CP2114 Evaluation Kit is available in four configurations shown in Table 1:
This document applies to all CP2114 kits.
2. Software Setup
The example applications as well as additional documentation can be found here: www.silabs.com/CP2114
AN721 Software (AN721SW)

USB and GPIO configuration utility: See AN721 for more information on customizing USB and GPIO settings.

Audio (DAC/CODEC) configuration utility: See Section 4 for more information using the DAC Configuration utility.
CP2114 Data Sheet
CP2114 Evaluation Kit User's Guide
AN433: CP2110/4 HID-to-UART API Specification
AN434: CP2110/4 Interface Specification
CP2114 Quick Start Guide
Table 1. Evaluation Kits
Kit Name
Components
CP2114-EK
CP2114 evaluation board
USB cable
RS-232 serial cable
CP2114-CS42L55EK
CP2114 evaluation board
Daughter card with Cirrus Logic CS42L55 CODEC
Ear bud headphones
Audio cable (3.5 mm male to male)
USB Cable
RS-232 serial cable
CP2114-WM8523EK
CP2114 evaluation board
Daughter card with Wolfson Microelectronics WM8523 DAC
Ear bud headphones
USB Cable
RS-232 serial cable
CP2114-PCM1774EK
CP2114 evaluation board
Daughter card with Texas Instruments PCM1774 DAC
Ear bud headphones
USB Cable
RS-232 serial cable


Similar Part No. - CP2114-PCM1774EK

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2114-B01-GM SILABS-CP2114-B01-GM Datasheet
420Kb / 44P
   SINGLE-CHIP USB AUDIO TO I2S DIGITAL AUDIO BRIDGE
More results

Similar Description - CP2114-PCM1774EK

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2103-EK SILABS-CP2103-EK Datasheet
214Kb / 8P
   EVALUATION KIT USERS GUIDE
CP2120-EK SILABS-CP2120-EK Datasheet
338Kb / 8P
   EVALUATION KIT USERS GUIDE
SI1120-EK SILABS-SI1120-EK Datasheet
212Kb / 10P
   EVALUATION KIT USERS GUIDE
CP2102-EK SILABS-CP2102-EK Datasheet
223Kb / 8P
   EVALUATION KIT USERS GUIDE
SI1102-EK SILABS-SI1102-EK Datasheet
81Kb / 4P
   EVALUATION KIT USERS GUIDE
CP2130-EK SILABS-CP2130-EK Datasheet
1Mb / 32P
   EVALUATION KIT USERS GUIDE
CP2101-EK SILABS-CP2101-EK Datasheet
218Kb / 8P
   EVALUATION KIT USERS GUIDE
logo
List of Unclassifed Man...
EVAL-868-ES ETC2-EVAL-868-ES Datasheet
309Kb / 5P
   ES SERIES BASIC EVALUATION KIT USERS GUIDE
logo
Silicon Laboratories
SI8718 SILABS-SI8718 Datasheet
1Mb / 16P
   EVALUATION BOARD USERS GUIDE
logo
M/A-COM Technology Solu...
28478-EVMD-001-A MA-COM-28478-EVMD-001-A_15 Datasheet
506Kb / 79P
   Evaluation Module Users Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com