Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC818-16W Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BC818-16W
Description  NPN Silicon AF Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC818-16W Datasheet(HTML) 1 Page - Infineon Technologies AG

  BC818-16W Datasheet HTML 1Page - Infineon Technologies AG BC818-16W Datasheet HTML 2Page - Infineon Technologies AG BC818-16W Datasheet HTML 3Page - Infineon Technologies AG BC818-16W Datasheet HTML 4Page - Infineon Technologies AG BC818-16W Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BC817W, BC818W
1
Nov-29-2001
NPN Silicon AF Transistors
 For general AF applications
 High collector current
 High current gain
 Low collector-emitter saturation voltage
 Complementary types: BC807W, BC808W (PNP)
1
3
VSO05561
2
Type
Marking
Pin Configuration
Package
BC817-16W
BC817-25W
BC817-40W
BC818-16W
BC818-25W
BC818-40W
6As
6Bs
6Cs
6Es
6Fs
6Gs
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
SOT323
SOT323
SOT323
SOT323
SOT323
SOT323
Maximum Ratings
Parameter
Symbol
BC817W
BC818W
Unit
Collector-emitter voltage
VCEO
45
25
V
Collector-base voltage
VCBO
50
30
Emitter-base voltage
VEBO
5
5
DC collector current
IC
500
mA
Peak collector current
ICM
1
A
Base current
mA
100
IB
Peak base current
IBM
200
Total power dissipation, TS = 130 °C
Ptot
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Junction - soldering point1)
RthJS
80
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BC818-16W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC818-16W PHILIPS-BC818-16W Datasheet
49Kb / 8P
   NPN general purpose transistor
1999 Apr 15
logo
Siemens Semiconductor G...
BC818-16W SIEMENS-BC818-16W Datasheet
90Kb / 5P
   NPN Silicon AF Transistor (For general AF applications High collector current High current gain)
logo
Infineon Technologies A...
BC818-16W INFINEON-BC818-16W Datasheet
864Kb / 11P
   NPN Silicon AF Transistor
2008-04-11
logo
Galaxy Semi-Conductor H...
BC818-16W BILIN-BC818-16W Datasheet
225Kb / 5P
   NPN general purpose transistor
More results

Similar Description - BC818-16W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com