Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPXV012.T Datasheet(PDF) 1 Page - Littelfuse

Part # SPXV012.T
Description  SPXV SERIES SOLAR FUSE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SPXV012.T Datasheet(HTML) 1 Page - Littelfuse

  SPXV012.T Datasheet HTML 1Page - Littelfuse SPXV012.T Datasheet HTML 2Page - Littelfuse SPXV012.T Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2015 Littelfuse POWR-GARD® Products
Rev: 071315
littelfuse.com
1 of 3
POWR-GARD® Fuse Datasheet
Dimensions mm (inches)
SPXV SERIES SOLAR FUSE
1500 Vdc • 6 – 30 A
6 – 20 A
25 – 30 A
Specifications
Voltage Rating
1500 Vdc
Amperage Rating
6, 8, 10, 12, 15, 20, 25, 30 A
Interrupting Rating
15 kA (UL 2579)
30 kA (Self-Certified)
Time Constant
≤ 1ms
Material
Body: Melamine
Caps: Copper Alloy (Nickel Plated)
Approvals
UL 2579 Listed (File: E339112)
Environmental
RoHS Compliant
REACH
Country of Origin
Mexico
Part Numbering System
SPXV xxx T
Package Quantity
Series
Amp Code
T = 10
L = 50
Refer to Amp Code
Column in Ordering
Information Table
SERIES
AMP
PACKAGE
QUANTITY
CATALOG
NUMBER
ORDERING
NUMBER
SPXV
6
10
SPXV006
SPXV006.T
SPXV
20
50
SPXV020
SPXV020.L
Description
The Littelfuse SPXV solar string fuse is designed
specifically for 6-30 A 1500 Vdc applications.
Features/Benefits
• 10 x 85 mm package size
• UL 2579 Listed
• Meets IEC 60269-6 electrical performance requirements
• 30,000 A interrupting rating
Applications
• Inverters
• Combiner boxes
Web Resources
Download technical resources at:
littelfuse.com/spxv
84.65
(3.333)
84.65
(3.333)
13.72
(0.540)
10.00
(0.394)
10.31
(.406)


Similar Part No. - SPXV012.T

ManufacturerPart #DatasheetDescription
logo
StarHope
SPX SPSEMI-SPX Datasheet
835Kb / 4P
   ADSL MODEM?갌AX?갩ELEPHONE
logo
SparkFun Electronics
SPX-14687 SPARKFUN-SPX-14687 Datasheet
145Kb / 2P
   Robotic Finger Sensor v2
12????9
SPX-14688 SPARKFUN-SPX-14688 Datasheet
239Kb / 2P
   Pressure Sensor (Qwiic) ??MS5637
12????9
SPX-14764 SPARKFUN-SPX-14764 Datasheet
262Kb / 2P
   Qwiic EEPROM ??512Kbit
12????9
SPX-14767 SPARKFUN-SPX-14767 Datasheet
728Kb / 2P
   Qwiic Pressure Sensor - LPS25HB
12-3-19
More results

Similar Description - SPXV012.T

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LFJ1000 LITTELFUSE-LFJ1000 Datasheet
483Kb / 4P
   LFJ1000 SERIES SOLAR FUSE BLOCK
Rev: 091719
SPNH200.X LITTELFUSE-SPNH200.X Datasheet
815Kb / 11P
   POWR-GARD? Fuse Datasheet SPNH SERIES SOLAR FUSE
Rev: 2-B-083021
SPF002 LITTELFUSE-SPF002_1 Datasheet
400Kb / 1P
   1000 Vdc Solar Fuse
SPF002 LITTELFUSE-SPF002 Datasheet
246Kb / 2P
   Solar Rated Midget Fuse
SPFI002.T LITTELFUSE-SPFI002.T Datasheet
345Kb / 3P
   SPFI SERIES IN-LINE SOLAR FUSE
SPF LITTELFUSE-SPF Datasheet
462Kb / 6P
   SPF SERIES SOLAR FUSES
Rev: 113021
logo
HY ELECTRONIC CORP.
SD2040 HY-SD2040_17 Datasheet
142Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PHOTOVOLTAIC SOLAR CELL
logo
Pentair plc. All rights...
PSD30 PENTAIR-PSD30 Datasheet
1Mb / 20P
   SOLAR DRIVE
logo
Hongfa Technology
HF172F-140 HONGFA-HF172F-140 Datasheet
56Kb / 2P
   SOLAR RELAY
HF172F-100 HONGFA-HF172F-100 Datasheet
57Kb / 2P
   SOLAR RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com