Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPXV015.L Datasheet(PDF) 3 Page - Littelfuse

Part # SPXV015.L
Description  SPXV SERIES SOLAR FUSE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SPXV015.L Datasheet(HTML) 3 Page - Littelfuse

  SPXV015.L Datasheet HTML 1Page - Littelfuse SPXV015.L Datasheet HTML 2Page - Littelfuse SPXV015.L Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2015 Littelfuse POWR-GARD® Products
Rev: 071315
littelfuse.com
3 of 3
POWR-GARD® Fuse Datasheet
Electrical Specification —
Agency Requirements
-60°C
-40°C
-20°C
0°C
20°C
40°C
60°C
80°C
100°C
120°C
140°C
-76°F
-40°F
-4°F
32°F
68°F
104°F
140°F
176°F
212°F
248°F
284°F
AMBIENT TEMPERATURE
60
40
20
0
0
20
40
60
Temperature Rerating Curve
(Temperature of Air Immediately Surrounding Fuse)
OPENING TIME (MINUTES)
100% of
Amp Rating
per UL
113% of
Amp Rating
per IEC
135% of
Amp Rating
per UL
145% of
Amp Rating
per IEC
200% of
Amp Rating
per UL
6-30 Temperature
Stabilization
60 Min
60 Max
60 Max
4 Max
1000
900
800
700
600
500
400
300
200
100
90
80
70
60
50
40
30
20
10
9
8
7
6
5
4
3
2
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
1000
900
800
700
600
500
400
300
200
100
90
80
70
60
50
40
30
20
10
9
8
7
6
5
4
3
2
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
CURRENT IN AMPERES
12 A
10 A
8 A
6 A
1000
900
800
700
600
500
1000
900
800
700
600
500
500
400
300
200
100
90
80
70
500
400
300
200
100
90
80
70
- 15A
60
50
40
30
20
10
9
60
50
40
30
20
10
9
- 15A
- 20A
- 25A
- 30A
9
8
7
6
5
4
3
2
9
8
7
6
5
4
3
2
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0.02
0.01
CURRENT IN AMPERES
BASIS FOR DATA:
TEST VOLTAGE: 1500V
TIME CONSTANT/POWER FACTOR:
FUSE CATALOG NUMBER:
DRAWN BY:
DATE:
REVISION:
DRAWING NO.:
SHEET
TIME CURRENT CHARACTERISTIC CURVES
LITTELFUSE, INC.
CHICAGO, IL. USA
LLL
07/10/2015
3 OF 3
FCC01-SPXV
SPXV 15A - 30A
- DATA GENERATED IN EXCEL -
Time Current Curve (6-12 A)
Time Current Curve (15-30 A)
SPXV SERIES SOLAR FUSE


Similar Part No. - SPXV015.L

ManufacturerPart #DatasheetDescription
logo
StarHope
SPX SPSEMI-SPX Datasheet
835Kb / 4P
   ADSL MODEM?갌AX?갩ELEPHONE
logo
SparkFun Electronics
SPX-14687 SPARKFUN-SPX-14687 Datasheet
145Kb / 2P
   Robotic Finger Sensor v2
12????9
SPX-14688 SPARKFUN-SPX-14688 Datasheet
239Kb / 2P
   Pressure Sensor (Qwiic) ??MS5637
12????9
SPX-14764 SPARKFUN-SPX-14764 Datasheet
262Kb / 2P
   Qwiic EEPROM ??512Kbit
12????9
SPX-14767 SPARKFUN-SPX-14767 Datasheet
728Kb / 2P
   Qwiic Pressure Sensor - LPS25HB
12-3-19
More results

Similar Description - SPXV015.L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LFJ1000 LITTELFUSE-LFJ1000 Datasheet
483Kb / 4P
   LFJ1000 SERIES SOLAR FUSE BLOCK
Rev: 091719
SPNH200.X LITTELFUSE-SPNH200.X Datasheet
815Kb / 11P
   POWR-GARD? Fuse Datasheet SPNH SERIES SOLAR FUSE
Rev: 2-B-083021
SPF002 LITTELFUSE-SPF002_1 Datasheet
400Kb / 1P
   1000 Vdc Solar Fuse
SPF002 LITTELFUSE-SPF002 Datasheet
246Kb / 2P
   Solar Rated Midget Fuse
SPFI002.T LITTELFUSE-SPFI002.T Datasheet
345Kb / 3P
   SPFI SERIES IN-LINE SOLAR FUSE
SPF LITTELFUSE-SPF Datasheet
462Kb / 6P
   SPF SERIES SOLAR FUSES
Rev: 113021
logo
HY ELECTRONIC CORP.
SD2040 HY-SD2040_17 Datasheet
142Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PHOTOVOLTAIC SOLAR CELL
logo
Pentair plc. All rights...
PSD30 PENTAIR-PSD30 Datasheet
1Mb / 20P
   SOLAR DRIVE
logo
Hongfa Technology
HF172F-140 HONGFA-HF172F-140 Datasheet
56Kb / 2P
   SOLAR RELAY
HF172F-100 HONGFA-HF172F-100 Datasheet
57Kb / 2P
   SOLAR RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com