Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLG4S-3V2232V Datasheet(PDF) 2 Page - SICK AG

Part # WLG4S-3V2232V
Description  Photoelectric retro-reflective sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WLG4S-3V2232V Datasheet(HTML) 2 Page - SICK AG

  WLG4S-3V2232V Datasheet HTML 1Page - SICK AG WLG4S-3V2232V Datasheet HTML 2Page - SICK AG WLG4S-3V2232V Datasheet HTML 3Page - SICK AG WLG4S-3V2232V Datasheet HTML 4Page - SICK AG WLG4S-3V2232V Datasheet HTML 5Page - SICK AG WLG4S-3V2232V Datasheet HTML 6Page - SICK AG WLG4S-3V2232V Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA2/4/2016 1:58:25 AM
Photoelectric sensors
W4S-3 Inox Glass, Photoelectric retro-reflective sensor,
autocollimation
1) 2) PL80A 3) Average service life of 100,000 h at TA = +25 °C
Type
> WLG4S-3V2232V
Part No.
> 1046447
At a glance
IP 66, IP 67, IP 68 and IP 69K enclosure rating and Ecolab certified
Tough stainless steel housing (316L/1.4404)
Resistant to a variety of common cleaning and disinfection agents
Modern electrical connection available - M12 connector with pin casting
PinPoint LED technology provides a highly visible laser-like light spot
Teach-in via stainless steel pushbutton with a metal membrane
Continuous threshold adjustment technology reliably detects objects in changing
conditions
Your benefits
Long service life in harsh conditions ensures less downtime and fewer
replacement costs
Reliable detection of all materials, including transparent objects in the
pharmaceutical, packaging, and food and beverage industries
Easy adjustment via a stainless steel metal membrane teach-in pushbutton
Quick and easy alignment due to highly visible PinPoint emitter LED
Remote monitoring and quick diagnostics via IO-Link (optional)
Illustration may differ
Features
Sensor/detection principle:
Photoelectric retro-reflective sensor, autocollimation
Dimensions (W x H x D):
15.25 mm x 44.9 mm x 22.2 mm
Housing design:
Washdown
Housing design (light emission):
Rectangular, Slim
Sensing range max.:
0 m ... 5 m 1)
Sensing range:
0 m ... 3 m 2)
Type of light:
Visible red light
Light source:
PinPoint LED 3)
Wave length:
650 nm
Teach-in:
Single teach-in button
Adjustment:
Teach-in
Light spot size (distance):
Ø 45 mm (1.5 m)
Continuous threshold adaption:
ü


Similar Part No. - WLG4S-3V2232V

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4S-3V2232 SICK-WLG4S-3V2232 Datasheet
3Mb / 9P
   PHOTOELECTRIC SENSORS
More results

Similar Description - WLG4S-3V2232V

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2SGC-2P3234 SICK-WL2SGC-2P3234 Datasheet
756Kb / 7P
   Photoelectric retro-reflective sensor
WLG4-3N1382 SICK-WLG4-3N1382 Datasheet
779Kb / 6P
   Photoelectric retro-reflective sensor
WLG4-3P1482 SICK-WLG4-3P1482 Datasheet
779Kb / 6P
   Photoelectric retro-reflective sensor
WLG4-3P2132 SICK-WLG4-3P2132 Datasheet
793Kb / 6P
   Photoelectric retro-reflective sensor
WLG4S-3P1132V SICK-WLG4S-3P1132V Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor
WLG4S-3P2232V SICK-WLG4S-3P2232V Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor
WLG4S-3P2232VS03 SICK-WLG4S-3P2232VS03 Datasheet
1Mb / 6P
   Photoelectric retro-reflective sensor
WL8-P2131 SICK-WL8-P2131 Datasheet
733Kb / 7P
   Photoelectric retro-reflective sensor
WL8-P2231 SICK-WL8-P2231 Datasheet
740Kb / 7P
   Photoelectric retro-reflective sensor
WL8-P2231S05 SICK-WL8-P2231S05 Datasheet
729Kb / 7P
   Photoelectric retro-reflective sensor
WL100-2P1409S31 SICK-WL100-2P1409S31 Datasheet
860Kb / 7P
   Photoelectric retro-reflective sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com