Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V14P40P Datasheet(PDF) 10 Page - Littelfuse

Part # V14P40P
Description  Reduced footprint and volume required for surge protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V14P40P Datasheet(HTML) 10 Page - Littelfuse

Back Button V14P40P Datasheet HTML 4Page - Littelfuse V14P40P Datasheet HTML 5Page - Littelfuse V14P40P Datasheet HTML 6Page - Littelfuse V14P40P Datasheet HTML 7Page - Littelfuse V14P40P Datasheet HTML 8Page - Littelfuse V14P40P Datasheet HTML 9Page - Littelfuse V14P40P Datasheet HTML 10Page - Littelfuse V14P40P Datasheet HTML 11Page - Littelfuse V14P40P Datasheet HTML 12Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
© 2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/04/15
Metal-Oxide Varistors (MOVs)
Radial Leaded Varistors > LV UltraMOVTM Varistor Series
Product Dimensions (mm)
SEATING
PLANE
øD
øb
L
A
e
e1
e1
E
øD
øb
L
A1
e
E
Dimen-
sion
V
RMS
Voltage
Model
5mm Size
7mm Size
10mm Size
14mm Size
20mm Size
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
A
All
-
10
(0.394)
-
12
(0.472)
-
16
(0.630)
-
20
(0.787)
-
26.5
(1.043)
A1
All
-
13
(0.512)
-
15
(0.591)
-
19.5
(0.768)
-
22.5
(0.886)
-
29
(1.142)
ØD
All
-
7
(0.276)
-
9
(0.354)
-
12.5
(0.492)
-
17
(0.669)
-
23
(0.906)
e
All
4
(0.157)
6
(0.236)
4
(0.157)
6
(0.236)
6.5
(0.256)
8.5
(0.335)
6.5
(0.256)
8.5
(0.335)
6.5
(0.256)
8.5
(0.335)
e
1
11 - 30
1
(0.039)
3
(0.118)
1
(0.039)
3
(0.118)
1
(0.039)
3
(0.118)
1
(0.039)
3
(0.118)
1
(0.039)
3
(0.118)
35 - 95
1.5
(0.059)
3.5
(0.138)
1.5
(0.059)
3.5
(0.138)
1.5
(0.059)
3.5
(0.138)
1.5
(0.059)
3.5
(0.138)
1.5
(0.059)
3.5
(0.138)
E
11 - 30
-
5.0
(0.197)
-
5.0
(0.197)
-
5.0
(0.197)
-
5.0
(0.197)
-
5.0
(0.197)
35 - 95
-
5.6
(0.220)
-
5.6
(0.220)
-
5.6
(0.220)
-
5.6
(0.220)
-
5.6
(0.220)
Øb
All
0.585
(0.023)
0.685
(0.027)
0.585
(0.023)
0.685
(0.027)
0.76
(0.030)
0.86
(0.034)
0.76
(0.030)
0.86
(0.034)
0.76
(0.030)
0.86
(0.034)
L
All
25.4
(1.00)
-
25.4
(1.00)
-
25.4
(1.00)
-
25.4
(1.00)
-
25.4
(1.00)
-
L
TRIM
All
2.41 (0.095)
4.69
(0.185)
2.41
(0.095)
4.69
(0.185)
2.41
(0.095)
4.69
(0.185)
2.41
(0.095)
4.69
(0.185)
2.41
(0.095)
4.69
(0.185)


Similar Part No. - V14P40P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V14P11P LITTELFUSE-V14P11P Datasheet
778Kb / 2P
   Superior Peak Surge Current Ratings in Small Disc Sizes
V14P275L1T LITTELFUSE-V14P275L1T Datasheet
784Kb / 11P
   UltraMOV??Varistor Series
More results

Similar Description - V14P40P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4238CZ10 NXP-IP4238CZ10 Datasheet
220Kb / 11P
   Surge protection for ethernet and telecom
Rev. 1-1 October 2012
logo
Weidmuller
0459460000 WEIDMULLER-0459460000 Datasheet
63Kb / 3P
   Surge protection for instrumentation and control
1064250000 WEIDMULLER-1064250000 Datasheet
743Kb / 7P
   Surge protection for instrumentation and control
September 18, 2021
logo
ABLE Power Products
AP5P277 ABLEPOWERPRODUCTS-AP5P277 Datasheet
305Kb / 1P
   Surge Protection for Protection of LED Drivers and Controls
2/16/2023
logo
OptoDiode Corp
NXIR-RF36 OPTODIODE-NXIR-RF36 Datasheet
221Kb / 2P
   Near Infrared Reduced Footprint Photodiode
NXIR-RF74 OPTODIODE-NXIR-RF74 Datasheet
217Kb / 2P
   Near Infrared Reduced Footprint Photodiode
logo
Pepperl+Fuchs Inc.
M-LB-1.150.M PF-M-LB-1.150.M Datasheet
580Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
M-LB-1.275.M PF-M-LB-1.275.M Datasheet
441Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
M-LB-2.150.T3.M PF-M-LB-2.150.T3.M Datasheet
512Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
M-LB-1.NPE.M PF-M-LB-1.NPE.M Datasheet
582Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com